データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAB922 データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 CAB922
部品情報  Taoglas Cable Assembly SMA(F) Bulkhead Straight to Murata GSC with 95mm 0.81mm cable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

CAB922 データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  CAB922 Datasheet HTML 1Page - List of Unclassifed Manufacturers CAB922 Datasheet HTML 2Page - List of Unclassifed Manufacturers CAB922 Datasheet HTML 3Page - List of Unclassifed Manufacturers CAB922 Datasheet HTML 4Page - List of Unclassifed Manufacturers CAB922 Datasheet HTML 5Page - List of Unclassifed Manufacturers CAB922 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPE-11-8-117/B
Page 3 of 6
2.2 Structure and Dimensions
2.3 Electrical & Physical Specification
1
Insulation Resistance:
1000 MEGA OHM-KM Min.
2
Conductor Resistance:
1400 OHM/KM/20°C Max.
3
Dielectric Strength:
AC 1.0 KV/minute
4
Spark test:
2.5 KV
5
Nom. Impedance
50
 3 Ohms
6
Nom. Capacitance
97
 3 pF/m
7
Attenuation (dB/1M)
1.0GHz
3.60
2.0GHz
5.10
3.0GHz
6.20
4.0GHz
7.50
5.0GHz
8.50
6.0GHz
9.40


同様の部品番号 - CAB922

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CAB916 ETC2-CAB916 Datasheet
309Kb / 5P
   Taoglas Cable Assembly N type Male Straight to N type Male Straight with 1M CFD-200 cable
CAB917 ETC2-CAB917 Datasheet
478Kb / 6P
   Taoglas Cable Assembly N type Male Straight to N type Female Straight with 1M CFD-200 cable
CAB940 ETC2-CAB940 Datasheet
305Kb / 5P
   Taoglas Cable Assembly Murata GSC to SMA(F)Bulkhead Straight Connector with 200mm 0.81 cable
CAB942 ETC2-CAB942 Datasheet
1Mb / 5P
   Taoglas Low Loss Cable Assembly N Type Jack with O-Ring to 7620mm (25) CFD-200 to SMA(M)
CAB951 ETC2-CAB951 Datasheet
1Mb / 5P
   Taoglas Cable Assembly N Type Jack with O-Ring to 1000mm (3.28) RG-316 to SMA(M)
More results

同様の説明 - CAB922

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CAB940 ETC2-CAB940 Datasheet
305Kb / 5P
   Taoglas Cable Assembly Murata GSC to SMA(F)Bulkhead Straight Connector with 200mm 0.81 cable
CABA02 ETC2-CABA02 Datasheet
254Kb / 6P
   Taoglas Cable Assembly SMA(F) Bulkhead Straight to IPEX MHFIII with 95mm 瑗?.81mm cable
CAB011 ETC2-CAB011 Datasheet
228Kb / 5P
   Taoglas Cable Assembly IPEX MHFI to SMA(F)Bulkhead Straight Connector with 95mm 1.13 cable
CABR01 ETC2-CABR01 Datasheet
307Kb / 5P
   Taoglas Cable Assembly Murata HSC to SMA(F)Bulkhead Straight Connector with 100mm 0.81 cable
CABR02 ETC2-CABR02 Datasheet
310Kb / 5P
   Taoglas Cable Assembly Murata HSC to SMA(F)Bulkhead Straight Connector with 200mm 0.81 cable
logo
Taoglas antenna solutio...
CAB628 TAOGLAS-CAB628 Datasheet
326Kb / 5P
   Taoglas Cable Assembly IPEX MHFI to RP-SMA(F)Bulkhead Straight Connector with 95mm 1.13 cable
logo
List of Unclassifed Man...
CAB628 ETC2-CAB628 Datasheet
329Kb / 5P
   Taoglas Cable Assembly IPEX MHFI to RP-SMA(F)Bulkhead Straight Connector with 95mm 1.13 cable
CAB0101 ETC2-CAB0101 Datasheet
284Kb / 5P
   Taoglas Cable Assembly SMA(F)Bulkhead Straight to SMB(F) Plug with 100mm RG-174 cable
logo
Taoglas antenna solutio...
CAB0114 TAOGLAS-CAB0114 Datasheet
295Kb / 5P
   Taoglas Cable Assembly SMA(F) Bulkhead Straight to SMA(M) Plug Straight with 75mm RG-174 cable
logo
List of Unclassifed Man...
CAB0114 ETC2-CAB0114 Datasheet
295Kb / 5P
   Taoglas Cable Assembly SMA(F) Bulkhead Straight to SMA(M) Plug Straight with 75mm RG-174 cable
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com