データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAB951 データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 CAB951
部品情報  Taoglas Cable Assembly N Type Jack with O-Ring to 1000mm (3.28) RG-316 to SMA(M)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

CAB951 データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  CAB951 Datasheet HTML 1Page - List of Unclassifed Manufacturers CAB951 Datasheet HTML 2Page - List of Unclassifed Manufacturers CAB951 Datasheet HTML 3Page - List of Unclassifed Manufacturers CAB951 Datasheet HTML 4Page - List of Unclassifed Manufacturers CAB951 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SPE-13-8-055/A/WY |
page 4 of 5
3. Technical Drawing
3.1 CAB.951
Name
Material
Finish
QTY
1
N Type(F)ST
Brass
Ni Plated
1
2
Heat Shrink Tube (RG-316) PE
Black
2
3
RG-316 Coaxial Cable
FEP
Brown
1
4
SMA(M)ST
Brass
Gold
1
5
Washer
Brass
Ni Plated
1
6
Nut
Brass
Ni Plated
1


同様の部品番号 - CAB951

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CAB952 ETC2-CAB952 Datasheet
1Mb / 5P
   Taoglas Cable Assembly N Type Jack with O-Ring to 3000mm (9.84) RG-316 to SMA(M)
CAB953 ETC2-CAB953 Datasheet
1Mb / 5P
   Taoglas Low Loss Cable Assembly N Type Jack with O-Ring to 5000mm(16.4) ULC-200 to SMA(M)
CAB954 ETC2-CAB954 Datasheet
1Mb / 6P
   Taoglas Cable Assembly N Type Jack with O-Ring to 300mm(11.81) 1.37 to IPEX MHFI(U.FL comp)
CAB955 ETC2-CAB955 Datasheet
1Mb / 5P
   Taoglas Cable Assembly N Type Jack with O-Ring to 100mm(3.93) RG-316 SMA(M)ST PLUG
CAB956 ETC2-CAB956 Datasheet
1Mb / 5P
   Taoglas Cable Assembly N Type Jack with O-Ring to 100mm (3.93) RG-316 MCX(M)ST PLUG
More results

同様の説明 - CAB951

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CAB952 ETC2-CAB952 Datasheet
1Mb / 5P
   Taoglas Cable Assembly N Type Jack with O-Ring to 3000mm (9.84) RG-316 to SMA(M)
CAB955 ETC2-CAB955 Datasheet
1Mb / 5P
   Taoglas Cable Assembly N Type Jack with O-Ring to 100mm(3.93) RG-316 SMA(M)ST PLUG
CAB956 ETC2-CAB956 Datasheet
1Mb / 5P
   Taoglas Cable Assembly N Type Jack with O-Ring to 100mm (3.93) RG-316 MCX(M)ST PLUG
CAB942 ETC2-CAB942 Datasheet
1Mb / 5P
   Taoglas Low Loss Cable Assembly N Type Jack with O-Ring to 7620mm (25) CFD-200 to SMA(M)
CAB953 ETC2-CAB953 Datasheet
1Mb / 5P
   Taoglas Low Loss Cable Assembly N Type Jack with O-Ring to 5000mm(16.4) ULC-200 to SMA(M)
CAB954 ETC2-CAB954 Datasheet
1Mb / 6P
   Taoglas Cable Assembly N Type Jack with O-Ring to 300mm(11.81) 1.37 to IPEX MHFI(U.FL comp)
CABT01 ETC2-CABT01 Datasheet
317Kb / 5P
   Taoglas Cable Assembly SMA(F)Bulkhead Straight Jack to TS9(M) Straight Plug with 100mm RG-174 cable
logo
Molex Electronics Ltd.
0897616822 MOLEX11-0897616822 Datasheet
30Kb / 1P
   SMA Jack-to-MMCX Right-Angle Plug Assembly, RG-316 Cable
logo
Taoglas antenna solutio...
CAB0114 TAOGLAS-CAB0114 Datasheet
295Kb / 5P
   Taoglas Cable Assembly SMA(F) Bulkhead Straight to SMA(M) Plug Straight with 75mm RG-174 cable
logo
List of Unclassifed Man...
CAB0114 ETC2-CAB0114 Datasheet
295Kb / 5P
   Taoglas Cable Assembly SMA(F) Bulkhead Straight to SMA(M) Plug Straight with 75mm RG-174 cable
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com