データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM28F010A-150EE データシート(PDF) 1 Page - Advanced Micro Devices

部品番号 AM28F010A-150EE
部品情報  1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM28F010A-150EE データシート(HTML) 1 Page - Advanced Micro Devices

  AM28F010A-150EE Datasheet HTML 1Page - Advanced Micro Devices AM28F010A-150EE Datasheet HTML 2Page - Advanced Micro Devices AM28F010A-150EE Datasheet HTML 3Page - Advanced Micro Devices AM28F010A-150EE Datasheet HTML 4Page - Advanced Micro Devices AM28F010A-150EE Datasheet HTML 5Page - Advanced Micro Devices AM28F010A-150EE Datasheet HTML 6Page - Advanced Micro Devices AM28F010A-150EE Datasheet HTML 7Page - Advanced Micro Devices AM28F010A-150EE Datasheet HTML 8Page - Advanced Micro Devices AM28F010A-150EE Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
FINAL
Publication# 16778
Rev: D Amendment/+2
Issue Date: May 1998
Am28F010A
1 Megabit (128 K x 8-Bit)
CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
DISTINCTIVE CHARACTERISTICS
s High performance
— Access times as fast as 70 ns
s CMOS low power consumption
— 30 mA maximum active current
— 100 µA maximum standby current
— No data retention power consumption
s Compatible with JEDEC-standard byte-wide
32-pin EPROM pinouts
— 32-pin PDIP
— 32-pin PLCC
— 32-pin TSOP
s 100,000 write/erase cycles minimum
s Write and erase voltage 12.0 V
±5%
s Latch-up protected to 100 mA from
–1 V to VCC +1 V
s Embedded Erase Electrical Bulk Chip Erase
— 5 seconds typical chip erase, including
pre-programming
s Embedded Program
— 14 µs typical byte program, including time-out
— 4 seconds typical chip program
s Command register architecture for
microprocessor/microcontroller compatible
write interface
s On-chip address and data latches
s Advanced CMOS flash memory technology
— Low cost single transistor memory cell
s Embedded algorithms for completely self-timed
write/erase operations
GENERAL DESCRIPTION
The Am28F010A is a 1 Megabit Flash memory orga-
nized as 128 Kbytes of 8 bits each. AMD’s Flash memo-
ries offer the most cost-effective and reliable read/write
non-volatile random access memory. The Am28F010A
is packaged in 32-pin PDIP, PLCC, and TSOP versions.
It is designed to be reprogrammed and erased in-system
or in standard EPROM programmers. The Am28F010A
is erased when shipped from the factory.
The standard Am28F010A offers access times of as fast
as 70 ns, allowing high speed microprocessors to
operate without wait states. To eliminate bus contention,
the device has separate chip enable (CE#) and output
enable (OE#) controls.
AMD’s Flash memories augment EPROM functionality
with in-circuit electrical erasure and programming. The
Am28F010A uses a command register to manage this
functionality. The command register allows for 100%
TTL level control inputs and fixed power supply levels
during erase and programming, while maintaining
maximum EPROM compatibility.
The Am2 8 F01 0 A is c o mpat ible wit h t he AMD
Am28F256A, Am28F512A, and Am28F020A Flash
memories. All devices in the Am28Fxxx family follow the
JEDEC 32-pin pinout standard. In addition, all devices
within this family that offer Embedded Algorithms use
the same command set. This offers designers the flexi-
bility to retain the same device footprint and command
set, at any density between 256 Kbits and 2 Mbits.
AMD’s Flash technology reliably stores memory con-
tents even after 100,000 erase and program cycles. The
AMD cell is designed to optimize the erase and program-
ming mechanisms. In addition, the combination of
advanced tunnel oxide processing and low internal elec-
tric fields for erase and programming operations pro-
duces reliable cycling. The Am28F010A uses a
12.0
±5% V
PP input to perform the erase and program-
ming functions.
The highest degree of latch-up protection is achieved
with AMD’s proprietary non-epi process. Latch-up pro-
tection is provided for stresses up to 100 mA on address
and data pins from –1 V to VCC +1 V.
AMD’s Flash technology combines years of EPROM and
EEPROM experience to produce the highest levels of
q ua lity, re lia bility, an d cost e ffe ctiven ess. The
Am28F010A electrically erases all bits simultaneously
using Fowler-Nordheim tunneling. The bytes are
programmed one byte at a time using the EPROM pro-
gramming mechanism of hot electron injection.


同様の部品番号 - AM28F010A-150EE

メーカー部品番号データシート部品情報
logo
Advanced Micro Devices
AM28F010 AMD-AM28F010 Datasheet
492Kb / 35P
   1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F010-120EC AMD-AM28F010-120EC Datasheet
492Kb / 35P
   1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F010-120ECB AMD-AM28F010-120ECB Datasheet
492Kb / 35P
   1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F010-120EE AMD-AM28F010-120EE Datasheet
492Kb / 35P
   1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F010-120EEB AMD-AM28F010-120EEB Datasheet
492Kb / 35P
   1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
More results

同様の説明 - AM28F010A-150EE

メーカー部品番号データシート部品情報
logo
Advanced Micro Devices
AM28F010 AMD-AM28F010 Datasheet
492Kb / 35P
   1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F020A AMD-AM28F020A Datasheet
470Kb / 35P
   2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F512A AMD-AM28F512A Datasheet
463Kb / 34P
   512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F256A AMD-AM28F256A Datasheet
456Kb / 35P
   256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F020 AMD-AM28F020 Datasheet
509Kb / 35P
   2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F256 AMD-AM28F256 Datasheet
493Kb / 35P
   256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F512 AMD-AM28F512 Datasheet
484Kb / 35P
   512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
logo
SPANSION
AM29F010B SPANSION-AM29F010B Datasheet
849Kb / 35P
   1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29F010 AMD-AM29F010 Datasheet
370Kb / 31P
   1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29LV001B AMD-AM29LV001B Datasheet
453Kb / 38P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35