データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L79L15AC データシート(PDF) 6 Page - STMicroelectronics

部品番号 L79L15AC
部品情報  Negative voltage regulators
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L79L15AC データシート(HTML) 6 Page - STMicroelectronics

Back Button L79L15AC Datasheet HTML 2Page - STMicroelectronics L79L15AC Datasheet HTML 3Page - STMicroelectronics L79L15AC Datasheet HTML 4Page - STMicroelectronics L79L15AC Datasheet HTML 5Page - STMicroelectronics L79L15AC Datasheet HTML 6Page - STMicroelectronics L79L15AC Datasheet HTML 7Page - STMicroelectronics L79L15AC Datasheet HTML 8Page - STMicroelectronics L79L15AC Datasheet HTML 9Page - STMicroelectronics L79L15AC Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Electrical characteristics
L79LxxAB, L79LxxAC, L79LxxC
6/27
Doc ID 2511 Rev 16
4
Electrical characteristics
Refer to the test circuits, TJ = 0 to 125 °C, VI = -10 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF
unless otherwise specified.
Table 4.
Electrical characteristics of L79L05
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25°C
-4.6
-5
-5.4
V
VO
Output voltage
IO = 1 to 40 mA, VI = -7 to -20 V
-4.5
-5.5
V
IO = 1 to 70 mA, VI = -10 V
-4.5
-5.5
ΔVO
Line regulation
VI = -7 to -20 V, TJ = 25°C
200
mV
VI = -8 to -20 V, TJ = 25°C
150
ΔVO
Load regulation
IO = 1 to 100 mA, TJ = 25°C
60
mV
IO = 1 to 40 mA, TJ = 25°C
30
Id
Quiescent current
TJ = 25°C
6
mA
TJ = 125°C
5.5
mA
ΔId
Quiescent current change
IO = 1 to 40 mA
0.2
mA
VI = -8 to -20 V
1.5
eN
Output noise voltage
B =10Hz to 100kHz, TJ = 25°C
40
µV
SVR
Supply voltage rejection
VI = -8 to -18V, f = 120Hz
IO = 40 mA, TJ = 25°C
40
49
dB
Vd
Dropout voltage
1.7
V


同様の部品番号 - L79L15AC

メーカー部品番号データシート部品情報
logo
STMicroelectronics
L79L15AC STMICROELECTRONICS-L79L15AC Datasheet
94Kb / 13P
   NEGATIVE VOLTAGE REGULATORS
L79L15AC STMICROELECTRONICS-L79L15AC Datasheet
701Kb / 22P
   Negative voltage regulators
L79L15ACD STMICROELECTRONICS-L79L15ACD Datasheet
94Kb / 13P
   NEGATIVE VOLTAGE REGULATORS
L79L15ACD13TR STMICROELECTRONICS-L79L15ACD13TR Datasheet
705Kb / 22P
   Negative voltage regulators
L79L15ACD13TR STMICROELECTRONICS-L79L15ACD13TR Datasheet
801Kb / 24P
   Negative voltage regulators
February 2016 Rev 18
More results

同様の説明 - L79L15AC

メーカー部品番号データシート部品情報
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
   Negative-Voltage Regulators
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA7900 TI1-UA7900_12 Datasheet
537Kb / 14P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA79M00 TI-UA79M00 Datasheet
312Kb / 4P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA79M00 TI1-UA79M00_17 Datasheet
1Mb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA7900 TI1-UA7900_17 Datasheet
878Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
Estek Electronics Co. L...
ET-79LXXND ESTEK-ET-79LXXND Datasheet
1Mb / 5P
   Negative-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com