データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-0710-00-10-FA-12-15-1 データシート(PDF) 1 Page - Emcore Corporation

部品番号 SS-0710-00-10-FA-12-15-1
部品情報  Optiva OTS-2 X-Band RF Fiber Optic Links
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EMCORE [Emcore Corporation]
ホームページ  http://www.emcore.com
Logo EMCORE - Emcore Corporation

SS-0710-00-10-FA-12-15-1 データシート(HTML) 1 Page - Emcore Corporation

  SS-0710-00-10-FA-12-15-1 Datasheet HTML 1Page - Emcore Corporation SS-0710-00-10-FA-12-15-1 Datasheet HTML 2Page - Emcore Corporation SS-0710-00-10-FA-12-15-1 Datasheet HTML 3Page - Emcore Corporation SS-0710-00-10-FA-12-15-1 Datasheet HTML 4Page - Emcore Corporation SS-0710-00-10-FA-12-15-1 Datasheet HTML 5Page - Emcore Corporation SS-0710-00-10-FA-12-15-1 Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SATCOM
satcom-sales@emcore.com
www.emcore.com
Information contained herein is deemed to be reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specifications at any time without notice.
© 2013 EMCORE Corporation
| REV 2013.10
+1 626-293-3400
DATASHEET | OCTOBER 2013
Applications
Optiva OTS-2 X-Band
RF Fiber Optic Links
System Design
Block Diagram
Features / Benefits
„
X-Band Link - Eliminates the performance and
cost penalty of block conversion
„
Low RIN Source Laser -
Provides high-
dynamic-range of >102 dB Hz2/3.
„
Microprocessor-Based Transmitter Control
for Laser Bias, Modulator Bias & Link Gain
- Provides consistent high performance
operation and allows for modulator low-bias
operation and SFDR >102 dB Hz2/3
„
SNMP V.1 and RS-232 Monitor & Control
Interface - Flexible user interface options
„
Compatible with EMCORE’s Modular Optiva
Platform - Allows multiple format and
frequency transport in a single chassis
„
DWDM Operation - Increases transport
capacity without increasing fiber count
The Optiva platform includes a wide range fiber
optic transport products for satellite and microwave
communications from 1 MHz to 40 GHz. These units can be used to construct
transparent inter- and intra-facility links from 1 meter to >100 km for RF and
microwave signal transport, antenna remoting, video transport, electronic
warfare systems and other high-dynamic-range applications.
Optiva is a completely modular, hot-swappable platform. Both 19” rack-mount
and compact tabletop, or wall-mountable enclosures are available. The 3 RU 19”
rack-mount, fan-cooled enclosures (Model OT-CC-16 and OT-CC-16F) can support
up to 16 insert cards and utilize two dual-redundant, hot-swappable, 100 or 200
watt power supplies. The 1 RU 19” rack-mount, fan-cooled enclosure (Model: OT-
CC-6-1U) can accommodate 6 insert cards and utilizes two hot-swappable 60 watt
power supplies. Compact one-slot (OT-DTCR-1), or two-slot (OT-DTCR-2) enclosures
are also available that use an external wall-mount power supply.
The Optiva OTS-2 X-Band transmitter and receiver are ideal to
construct 7.000 to 10.000 GHz transparent fiber optic links for
antenna remoting, electronic warfare systems, broadband delay
lines, signal processing systems and other high-dynamic-range
applications.
Optiva satellite and microwave transmitters and receivers are SNMP
compliant. They can be housed in the same chassis and monitored by the same
Network Management System (NMS) as Optiva HD video, audio, serial data, and
USB extension / distribution cards to provide multiple format and frequency
transport in a single flexible platform.
„
Satcom X-Band Antenna Signal Distribution
„
Ground Terminal & Intra-Facility Links
„
Site Diversity Systems
„
Electronic Warfare (EW) Systems
„
Broadband Delay Line and Signal Processing
Systems
Transmitter
Receiver
Variable
Gain RF
Preamp
out
PL
PR
Laser/Modulator
Microprocessor
Control
-20 dB RF
Test Point
Photodiode
Externally
Modulated
Transmitter
RF in
Optical Output
+10 dBmo min
Optical Input
+11.8 dBmo max
RF
-20 dB RF
Test Point
Optical Preamp/Rx
Microprocessor
Control
Variable
Gain RF
Postamp


同様の部品番号 - SS-0710-00-10-FA-12-15-1

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
SS-01 OMRON-SS-01 Datasheet
676Kb / 10P
   Snap Action Switch
SS-01 OMRON-SS-01 Datasheet
1Mb / 8P
   Subminiature Basic Switch
SS-01-2 OMRON-SS-01-2 Datasheet
1Mb / 8P
   Subminiature Basic Switch
SS-01-2D OMRON-SS-01-2D Datasheet
1Mb / 8P
   Subminiature Basic Switch
SS-01-2T OMRON-SS-01-2T Datasheet
1Mb / 8P
   Subminiature Basic Switch
More results

同様の説明 - SS-0710-00-10-FA-12-15-1

メーカー部品番号データシート部品情報
logo
Emcore Corporation
OTS-2R EMCORE-OTS-2R Datasheet
1Mb / 7P
   Optiva OTS-2 C-Band RF Fiber Optic Links
5100 EMCORE-5100 Datasheet
1Mb / 5P
   L-Band Fiber Optic Links
3GHZ EMCORE-3GHZ Datasheet
983Kb / 6P
   Fiber Optic Links
logo
List of Unclassifed Man...
DLR1040 ETC1-DLR1040 Datasheet
518Kb / 11P
   FIBER OPTIC DATA LINKS
logo
Emcore Corporation
8000A EMCORE-8000A Datasheet
387Kb / 19P
   System 8000 Fiber-Optic Interfacility Links
logo
Broadcom Corporation.
AFBR-2310Z BOARDCOM-AFBR-2310Z Datasheet
557Kb / 7P
   Fiber-Optic Receiver for Multi GHz Analog Links
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-1310Z AVAGO-AFBR-1310Z Datasheet
604Kb / 6P
   Fiber Optic Transmitter for Multi GHz Analog Links
AFBR-2310Z AVAGO-AFBR-2310Z Datasheet
177Kb / 5P
   Fiber Optic Receiver for Multi GHz Analog Links
logo
Broadcom Corporation.
HFBR-1116TZ BOARDCOM-HFBR-1116TZ Datasheet
189Kb / 10P
   Fiber Optic Transmitter and Receiver Data Links for 155 MBd
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1119TZ AVAGO-HFBR-1119TZ Datasheet
149Kb / 10P
   Fiber Optic Transmitter and Receiver Data Links for 266 MBd
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com