データシートサーチシステム |
|
SS-0710-30-10-EA-12-15-2 データシート(PDF) 4 Page - Emcore Corporation |
|
SS-0710-30-10-EA-12-15-2 データシート(HTML) 4 Page - Emcore Corporation |
4 / 6 page SATCOM satcom-sales@emcore.com www.emcore.com Information contained herein is deemed to be reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specifications at any time without notice. © 2013 EMCORE Corporation | REV 2013.10 +1 626-293-3400 DATASHEET | OCTOBER 2013 Transmitter OTS-2T / S5-0710- WW-10-XX-12-YY-Z When ordering replace “ WW” with one of the ITU Channel Options When ordering replace “ XX” with one of the Optical Connector Options When ordering replace “ YY” with one of the Variable Gain RF Amplifier Options When ordering replace “ Z” with one of the Enclosure Options RF Connector X-Band Frequency (GHz) ITU Channel Options (THz / nm) “WW” Optical Power (dBmo) Optical Connector Options “XX” Optical Output + RF Test Port (dB) Variable Gain RF Amplifier Options (dB) “YY” Enclosure Options “Z” S5 = 50 Ω SMA 0710 = 7.000-10.000 GHz Standard: 00 = non-ITU: 1520-1580 nm Optional: 18 = 191.8 THz/1563.05 nm 19 = 191.9 THz/1562.23 nm 20 = 192 THz/1561.42 nm 21 = 192.1 THz/1560.61 nm 22 = 192.2 THz/1559.79 nm 23 = 192.3 THz/1558.98 nm 24 = 192.4 THz/1558.17 nm 25 = 192.5 THz/1557.36 nm 26 = 192.6 THz/1556.56 nm 27 = 192.7 THz/1555.75 nm 28 = 192.8 THz/1554.94 nm 29 = 192.9 THz/1554.13 nm 30 = 193 THz/1553.33 nm 31 = 193.1 THz/1552.52 nm 32 = 193.2 THz/1551.72 nm 33 = 193.3 THz/1550.92 nm 34 = 193.4 THz/1550.12 nm 35 = 193.5 THz/1549.32 nm 36 = 193.6 THz/1548.51 nm 37 = 193.7 THz/1547.72 nm 38 = 193.8 THz/1546.92 nm 39 = 193.9 THz/1546.12 nm 40 = 194 THz/1545.32 nm 41 = 194.1 THz/1544.53 nm 42 = 194.2 THz/1543.73 nm 43 = 194.3 THz/1542.94 nm 44 = 194.4 THz/1542.14 nm 45 = 194.5 THz/1541.35 nm 46 = 194.6 THz/1540.56 nm 47 = 194.7 THz/1539.77 nm 48 = 194.8 THz/1538.98 nm 49 = 194.9 THz/1538.19 nm 50 = 195 THz/1537.4 nm 51 = 195.1 THz/1536.61 nm 52 = 195.2 THz/1535.82 nm 53 = 195.3 THz/1535.04 nm 54 = 195.4 THz/1534.25 nm 55 = 195.5 THz/1533.46 nm 56 = 195.6 THz/1532.68 nm 57 = 195.7 THz/1531.9 nm 58 = 195.8 THz/1531.12 nm 59 = 195.9 THz/1530.33 nm 60 = 196 THz/1529.55 nm 61 = 196.1 THz/1528.77 nm 62 = 196.2 THz/1527.99 nm 10 = +10 Optical Output Standard: SA = SC / APC Optional: FA = FC / APC EA = E2000 / APC 1 = Single Optical Output + 2 = -20 dB Test Port 15 = 15 dB 35 = 35 dB 1 = Optiva Indoor Rack-Mount Installation 2 = Optiva Outdoor MiniHub Installation Ordering Information: Transmitter Optiva OTS-2 X-Band RF Fiber Optic Links |
同様の部品番号 - SS-0710-30-10-EA-12-15-2 |
|
同様の説明 - SS-0710-30-10-EA-12-15-2 |