データシートサーチシステム |
|
V-161-2C25 データシート(PDF) 10 Page - Omron Electronics LLC |
|
V-161-2C25 データシート(HTML) 10 Page - Omron Electronics LLC |
10 / 16 page 10 V Miniature Basic Switch V Contact Specifications Ratings Note. The above rating values apply under the following test conditions. (1) Ambient temperature: 20 ±2°C (2) Ambient humidity: 65 ±5% RH (3) Operating frequency: 30 operations/min Approved Standards UL (UL1054)/CSA (CSA C22.2 No.55) VDE (EN61058-1) Consult your OMRON sales representative for specific models with VDE approvals. Testing conditions: 5E4 (50,000 operations), for models of V-21: T80 (0°C to 80°C), for models of V-16: T105 (0°C to 105°C) Characteristics Note. The data given above are initial values. *1. The dielectric strength shown in the table indicates a value for models with a Separator. *2. For the pin plunger models, the above values apply for use at the free position and total travel position. For the lever models, they apply at the total travel position. Close or open circuit of the contact is shorter than 1 ms. *3. For testing conditions, consult your OMRON sales representative. Item Model V-21 V-16 V-15 V-10 Contact Specification Rivet Material Silver alloy Silver Gap (standard value) 1 mm Inrush current NC 50 A max. 40 A max. 30 A max. 24 A max. NO Minimum applicable load (reference value) DC5V 160mA Model Item Rated voltage Resistive load V-21 AC250V 21 A DC125V DC250V 0.6 A 0.3 A V-16 AC250V 16 A DC125V DC250V 0.6 A 0.3 A V-15 AC250V 15 A DC125V DC250V 0.6 A 0.3 A V-10 AC250V 10 A DC125V DC250V 0.6 A 0.3 A Rated voltage Model V-21 V-16 V-15 V-10 125 VAC 250 VAC 21A 1/2HP 16A 1/2HP 15A 1/2HP 10A 1/2HP 125 VDC 250 VDC 0.6A 0.3A Rated voltage Model V-21 V-16 AC250V 20(4)A 16(4)A Item Model V-10 V-15 V-16 V-21 Permissible operating speed 0.1mm to 1 m/s max. (pin plunger models) Permissible operating frequency Mechanical 600 operations/min max. (pin plunger models) Electrical 60 operations/min Insulation resistance 100M Ω min. (at 500 VDC with insulation tester) Contact resistance (initial value) 15m Ω max. Dielectric strength *1 Between terminals of the same polarity AC1,000V 50/60Hz 1min Between current-carrying metal parts and ground AC1,500V 50/60Hz 1min AC1,500V 50/60Hz 1min AC2,000V 50/60Hz 1min Between each terminals and non-current-carrying metal parts AC1,500V 50/60Hz 1min AC1,500V 50/60Hz 1min AC2,000V 50/60Hz 1min Vibration resistance *2 Malfunction 10 to 55 Hz, 1.5-mm double amplitude Shock resistance *2 Durability 1,000 m/s2 {approx. 100 G} max. Malfunction 200 m/s2 {approx. 20G} max. 300 m/s2 {approx. 30 G} max. Durability *3 Mechanical 50,000,000 operations min. (60 operations/min) Electrical 300,000 operations min. (30 operations/min) Heat resistive: 50,000 operations min (30 operations/min) 100,000 operations min. (30 operations/min) Heat resistive: 20,000 operations min (30 operations/min) 100,000 operations min. (30 operations/min) Degree of protection IEC IP40 Degree of protection against electric shock Class I Proof tracking index (PTI) 175 Ambient operating temperature -25 °C to +80°C (Heat resistive: -25°C to +150°C) (at ambient humidity of 60% max.) (with no icing or condensation) Ambient operating humidity 85% max. (for +5 °C to +35°C) Weight Approx. 6.2g (pin plunger models) |
同様の部品番号 - V-161-2C25 |
|
同様の説明 - V-161-2C25 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |