データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES1K データシート(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

部品番号 ES1K
部品情報  SURFACE MOUNTED SUPER FAST RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
ホームページ  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

ES1K データシート(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  ES1K Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
ES1A THRU ES1M
SURFACE MOUNTED SUPER FAST RECTIFIER
VOLTAGE: 50 TO 1000V
CURRENT: 1.0A
Features
SMA/DO-214AC
Glass passivated junction chip
For surface mounted application
Low profile package
Built-in strain relief
High surge capability
High temperature soldering guaranteed
250℃/10sec/at terminal/complete device
Superfast recovery time for high efficiency
Mechanical data
Cases: Molded with UL-94 class V-0 recognized Flame Retardant
Epoxy
Terminals: Plated axial leads solderable MIL-STD 202E, method
208C
Polarity: Color band denote cathode end
Weight:0.002 ounce, 0.064 gram
Maximum ratings and electrical characteristics
Dimensions in inches and (millimeters)
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Parameter
Symbols ES1A
ES1B
ES1D
ES1G
ES1J
ES1K
ES1M
Units
Maximum recurrent peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
550
700
V
Maximum DC blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
3/8” lead length at TL=100℃
IF(AV)
1.0
A
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
IFSM
30.0
A
Maximum instantaneous forward voltage at
rated forward current
VF
0.95
1.3
1.7
V
Maximum DC reverse current Ta=25℃
At rated DC blocking voltage Ta=125℃
IR
10.0
100.00
µA
µA
Maximum Reverse Recovery Time
Trr
35
nS
Typical junction capacitance
CJ
20.0
pF
Typical thermal resistance
RJA
60.0
/W
Storage and operating junction temperature
TSTG
-50 to +150
Notes: 1. Measured at 1.0MHz and applied voltage of 4.0Vdc
2. Thermal resistance from junction to terminal mounted on 5×5mm copper pad area
3. Reverse recovery condition If=1.0A,Irr=0.25A
ES1A THRU ES1M
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


同様の部品番号 - ES1K

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
ES1K MCC-ES1K Datasheet
363Kb / 3P
   1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
TAITRON Components Inco...
ES1K TAITRON-ES1K Datasheet
240Kb / 4P
   1.0A Surface Mount Super Fast Rectifier
logo
GOOD-ARK Electronics
ES1K GOOD-ARK-ES1K Datasheet
170Kb / 2P
   Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
logo
Silicon Standard Corp.
ES1K SSC-ES1K Datasheet
266Kb / 3P
   SUPER FAST SURFACE MOUNT RECTIFIERS
logo
Shenzhen Jin Yu Semicon...
ES1K HTSEMI-ES1K Datasheet
436Kb / 3P
   1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results

同様の説明 - ES1K

メーカー部品番号データシート部品情報
logo
SHENZHEN YONGERJIA INDU...
ES1A WINNERJOIN-ES1A_15 Datasheet
158Kb / 1P
   SURFACE MOUNTED SUPER FAST RECTIFIER
RS1A-SMA WINNERJOIN-RS1A-SMA Datasheet
158Kb / 1P
   SURFACE MOUNTED FAST RECOVERY RECTIFIER
RS1A WINNERJOIN-RS1A_15 Datasheet
158Kb / 1P
   SURFACE MOUNTED FAST RECOVERY RECTIFIER
RS2A WINNERJOIN-RS2A Datasheet
107Kb / 1P
   SURFACE MOUNTED FAST RECOVERY RECTIFIER
logo
Formosa MS
ES2A FORMOSA-ES2A Datasheet
118Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
MIC GROUP RECTIFIERS
ES2A MIC-ES2A Datasheet
62Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ESM1A MIC-ESM1A Datasheet
51Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diotech Company.
ES3B DIOTECH-ES3B Datasheet
882Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
ES1AF YIXIN-ES1AF Datasheet
128Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES2A YIXIN-ES2A Datasheet
551Kb / 3P
   SURFACE MOUNT SUPER FAST RECTIFIER
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com