データシートサーチシステム |
|
M4T32-BR12SH1 データシート(PDF) 11 Page - STMicroelectronics |
|
M4T32-BR12SH1 データシート(HTML) 11 Page - STMicroelectronics |
11 / 16 page M4T28-BR12SH, M4T32-BR12SH Package mechanical data 11/16 5 Package mechanical data In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These packages have a lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com. Figure 5. SH – 4-pin SNAPHAT® housing for 48 mAh battery & crystal, package outline Note: Drawing is not to scale. Table 4. SH – 4-pin SNAPHAT® housing for 48 mAh battery & crystal, package mechanical data SHTK-A A1 A D E eA eB A2 B L A3 Symb mm inches Typ Min Max Typ Min Max A 9.78 0.385 A1 6.73 7.24 0.265 0.285 A2 6.48 6.99 0.255 0.275 A3 0.38 0.015 B 0.46 0.56 0.018 0.022 D 21.21 21.84 0.835 0.860 E 14.22 14.99 0.560 0.590 eA 15.55 15.95 0.612 0.628 eB 3.20 3.61 0.126 0.142 L 2.03 2.29 0.080 0.090 |
同様の部品番号 - M4T32-BR12SH1 |
|
同様の説明 - M4T32-BR12SH1 |