データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST62T25LT1 データシート(PDF) 11 Page - STMicroelectronics

部品番号 ST62T25LT1
部品情報  8-bit MCUs with A/D converter
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T25LT1 データシート(HTML) 11 Page - STMicroelectronics

Back Button ST62T25LT1 Datasheet HTML 7Page - STMicroelectronics ST62T25LT1 Datasheet HTML 8Page - STMicroelectronics ST62T25LT1 Datasheet HTML 9Page - STMicroelectronics ST62T25LT1 Datasheet HTML 10Page - STMicroelectronics ST62T25LT1 Datasheet HTML 11Page - STMicroelectronics ST62T25LT1 Datasheet HTML 12Page - STMicroelectronics ST62T25LT1 Datasheet HTML 13Page - STMicroelectronics ST62T25LT1 Datasheet HTML 14Page - STMicroelectronics ST62T25LT1 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 105 page
background image
ST6215C ST6225C
11/105
MEMORY MAP (Cont’d)
3.1.2 Program Space
Program Space comprises the instructions to be
executed, the data required for immediate ad-
dressing mode instructions, the reserved factory
test area and the user vectors. Program Space is
addressed via the 12-bit Program Counter register
(PC register). Thus, the MCU is capable of ad-
dressing 4K bytes of memory directly.
3.1.3 Readout Protection
The Program Memory in OTP or EPROM devices
can be protected against external readout of mem-
ory by setting the Readout Protection bit in the op-
tion byte (Section 3.3 on page 16).
In the EPROM parts, Readout Protection option
can be desactivated only by U.V. erasure that also
results in the whole EPROM context being erased.
Note: Once the Readout Protection is activated, it
is no longer possible, even for STMicroelectronics,
to gain access to the OTP contents. Returned
parts can therefore not be accepted if the Readout
Protection bit is set.
3.1.4 Data Space
Data Space accommodates all the data necessary
for processing the user program. This space com-
prises the RAM resource, the processor core and
peripheral registers, as well as read-only data
such as constants and look-up tables in OTP/
EPROM.
3.1.4.1 Data ROM
All read-only data is physically stored in program
memory, which also accommodates the Program
Space. The program memory consequently con-
tains the program code to be executed, as well as
the constants and look-up tables required by the
application.
The Data Space locations in which the different
constants and look-up tables are addressed by the
processor core may be thought of as a 64-byte
window through which it is possible to access the
read-only data stored in OTP/EPROM.
3.1.4.2 Data RAM
The data space includes the user RAM area, the
accumulator (A), the indirect registers (X), (Y), the
short direct registers (V), (W), the I/O port regis-
ters, the peripheral data and control registers, the
interrupt option register and the Data ROM Win-
dow register (DRWR register).
3.1.5 Stack Space
Stack space consists of six 12-bit registers which
are used to stack subroutine and interrupt return
addresses, as well as the current program counter
contents.
1


同様の部品番号 - ST62T25LT1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ST62T25LT1 STMICROELECTRONICS-ST62T25LT1 Datasheet
1Mb / 105P
   8-bit MCUs with A/D converter
ST62T25LT1/CCC STMICROELECTRONICS-ST62T25LT1/CCC Datasheet
1Mb / 105P
   8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
ST62T25LT1/CCC STMICROELECTRONICS-ST62T25LT1/CCC Datasheet
1Mb / 105P
   8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset
More results

同様の説明 - ST62T25LT1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
CD00001237 STMICROELECTRONICS-CD00001237 Datasheet
1Mb / 105P
   8-bit MCUs with A/D converter
ST62T10 STMICROELECTRONICS-ST62T10 Datasheet
4Mb / 67P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER
October 1996
ST6215L STMICROELECTRONICS-ST6215L Datasheet
84Kb / 10P
   LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 28 PINS
ST6208C STMICROELECTRONICS-ST6208C_10 Datasheet
1Mb / 104P
   8-bit MCUs with A/D converter,two timers, oscillator safeguard & safe reset
ST6208L STMICROELECTRONICS-ST6208L Datasheet
86Kb / 10P
   LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS
ST6200CM-AUTO STMICROELECTRONICS-ST6200CM-AUTO Datasheet
2Mb / 96P
   8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
ST62T00CM6 STMICROELECTRONICS-ST62T00CM6 Datasheet
3Mb / 100P
   8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset
ST6215C STMICROELECTRONICS-ST6215C_09 Datasheet
1Mb / 105P
   8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset
ST6200L STMICROELECTRONICS-ST6200L Datasheet
85Kb / 10P
   LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER,AND 16 PINS
ST6200C STMICROELECTRONICS-ST6200C Datasheet
972Kb / 100P
   8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com