データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STEVAL-ILL013V1 データシート(PDF) 1 Page - STMicroelectronics

部品番号 STEVAL-ILL013V1
部品情報  80 W offline LED driver with PFC
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ILL013V1 データシート(HTML) 1 Page - STMicroelectronics

  STEVAL-ILL013V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ILL013V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ILL013V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ILL013V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ILL013V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ILL013V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-ILL013V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-ILL013V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-ILL013V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
August 2009
Doc ID 15327 Rev 2
1/43
UM0670
User manual
80 W offline LED driver with PFC
1
Introduction
The use of high power LEDs in lighting applications is becoming increasingly popular due to
rapid improvements in lighting efficiency, longer life, higher reliability and overall cost
effectiveness. Dimming functions are more easily implemented in LEDs, and they are more
robust and offer wider design flexibility compared to other light sources.
For this reason a demonstration board for driving high brightness and power LEDs has been
developed. The STEVAL-ILL013V1 demonstration board is an 80 W offline dimmable LED
driver with high power factor (PF) intended for fixed number of LEDs, the overall design of
which is described in detail in this user manual.
The LED current can be set to 350 mA, 700 mA and 1000 mA, using jumpers. Additionally,
a dimming function using a PWM (pulse width modulation) signal is implemented as well,
allowing the user to set the LED brightness from 0% up to 100%. The demonstration board
can be ordered using order code STEVAL-ILL013V1, and is shown in Figure 1.
STEVAL-ILL013V1 main features
80 W LED driver
350 mA, 700 mA and 1 A LED current settings
High efficiency (~90%)
Wide input voltage range: 88 to 265 VAC
High power factor: 0.99 for 110 VAC and 0.98 for 230 VAC
Universal PWM input for dimming (external board required)
Non-isolated SMPS
Brightness regulation between 0% and 100%
EMI filter implemented
EN55015 and EN61000-3-2 compliant
Figure 1.
STEVAL-ILL013V1 demonstration board
www.st.com


同様の部品番号 - STEVAL-ILL013V1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STEVAL-ILL014V1 STMICROELECTRONICS-STEVAL-ILL014V1 Datasheet
148Kb / 4P
   Evaluation board for the STCS1 constant current controller for high brightness LEDs
STEVAL-ILL015V1 STMICROELECTRONICS-STEVAL-ILL015V1 Datasheet
116Kb / 5P
   High brightness RGB LED array with LED error detection based on the STP24DP05 and STM32
STEVAL-ILL015V3 STMICROELECTRONICS-STEVAL-ILL015V3 Datasheet
310Kb / 5P
   Cost-effective internal high-side oscillator
July 2014 Rev 1
STEVAL-ILL016V2 STMICROELECTRONICS-STEVAL-ILL016V2 Datasheet
135Kb / 5P
   15 Watt regulated Triac-dimmable LED driver for the North American (115 V) market
STEVAL-ILL017V1 STMICROELECTRONICS-STEVAL-ILL017V1 Datasheet
126Kb / 4P
   Offline constant current LED driver based on the VIPer17
More results

同様の説明 - STEVAL-ILL013V1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
UM0670 STMICROELECTRONICS-UM0670 Datasheet
1Mb / 43P
   80 W offline LED driver with PFC
AN3111 STMICROELECTRONICS-AN3111 Datasheet
803Kb / 23P
   18 W single-stage offline LED driver
logo
Fairchild Semiconductor
FL7732MF116 FAIRCHILD-FL7732MF116 Datasheet
1Mb / 13P
   Single-Stage PFC Primary-Side-Regulation Offline LED Driver
logo
ON Semiconductor
FLS3217 ONSEMI-FLS3217 Datasheet
430Kb / 15P
   Single-Stage PFC Primary-Side-Regulation Offline LED Driver
July 2014 Rev. 1.0.1
logo
Linear Technology
LT3799 LINER-LT3799_15 Datasheet
265Kb / 20P
   Offline Isolated Flyback LED Controller with Active PFC
LT3799-1 LINER-LT3799-1_15 Datasheet
216Kb / 20P
   Offline Isolated Flyback LED Controller with Active PFC
logo
JOULWATT
JW1758AC JW-JW1758AC Datasheet
158Kb / 1P
   Offline Step-down LED Driver With PFC and High Voltage Current Source
Rev.0.84
logo
Linear Technology
LT3799 LINER-LT3799 Datasheet
1Mb / 20P
   Offline Isolated Flyback LED Controller with Active PFC
logo
Monolithic Power System...
MP4054 MPS-MP4054 Datasheet
758Kb / 19P
   Non-isolated Offline LED Controller with Active PFC
MP4034 MPS-MP4034 Datasheet
873Kb / 19P
   Offline LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com