データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VZ32D951K データシート(PDF) 6 Page - World Produts Inc.

部品番号 VZ32D951K
部品情報  Metal Oxide Varistors
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WPI [World Produts Inc.]
ホームページ  http://www.worldproducts.com
Logo WPI - World Produts Inc.

VZ32D951K データシート(HTML) 6 Page - World Produts Inc.

Back Button VZ32D951K Datasheet HTML 2Page - World Produts Inc. VZ32D951K Datasheet HTML 3Page - World Produts Inc. VZ32D951K Datasheet HTML 4Page - World Produts Inc. VZ32D951K Datasheet HTML 5Page - World Produts Inc. VZ32D951K Datasheet HTML 6Page - World Produts Inc. VZ32D951K Datasheet HTML 7Page - World Produts Inc. VZ32D951K Datasheet HTML 8Page - World Produts Inc. VZ32D951K Datasheet HTML 9Page - World Produts Inc. VZ32D951K Datasheet HTML 10Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
4 | Metal Oxide Varistors
NOTES:
(1) N/A - Denotes “not applicable” .
(2) IEC 61051-1:2007-04, IEC 61051-2:1991-01, IEC 61051-2-2: 1991-01
*UL 1449 3rd Edition parts are recognized to SPD Application Category Types:
VZ05-VZ10 both “D” & “E” types (ALL), VZ14D (ALL), VZ14E (180-680 values only), and VZ20D (180-680 values only) – other.
VZ14E (820-112 values only) – Type 3 .
VZ20D (820-112 values only) – Type 2 .
VZ18E, VZ 20E and VZ25D – Type 2 .
VZ32D - VZ53D – Type 1 .
**Metal Oxide Varistors will not be recognized to UL1414 from December 25, 2013 .
Approvals stated above are for “series types” as stated . Modification to the above “series types” denoted by special suffixes may vary
with regards to above stated approvals . Please consult the Part Numbering System portion of the catalog for this information .
Approvals
APPROVAL
& FILE #
DISK SIZE / SERIES
5mm
“D” Series
5mm
“E” Series
7mm
“D” Series
7mm
“E” Series
10mm
“D” Series
10mm
“E” Series
14mm
“D” Series
14mm
“E” Series
TYPE
TYPE
TYPE
TYPE
TYPE
TYPE
TYPE
TYPE
PB
RoHS
PB
RoHS
PB
RoHS
PB
RoHS
PB
RoHS
PB
RoHS
PB
RoHS
PB
RoHS
UL/CUL 1449
3RD EDITION,
FILE#E321567*
N/A
(1)
N/A
(1)
511K, 561K,
621K, 681K
NOT
APPROVED
N/A
(1)
N/A
(1)
N/A
(1)
N/A
(1)
N/A
(1)
N/A
(1)
UL1414**
(VALUES ≥201K)
FILE #E71602
CSA22 .1 #1
(VALUES ≥201K)
FILE #227006
CSA 22 .2 #1
FILE #241120
VDE
FILE #40012632
VDE
FILE #40012630
VDE
FILE #40028559
ANNEX Q
(2)
N/A
(1)
VDE
FILE #40028554
ANNEX Q
(2)
N/A
(1)
COMPLIES WITH
UL ACCELERATED
AGING TEST PU:
ANSI/IEEE C62 .11
FILE #E196885
COMPLIES WITH
UL ACCELERATED
AGING TEST PER:
ANSI/IEEE C62 .11
FILE #E321567
N/A
(1)
N/A
(1)
N/A
(1)
N/A
(1)
N/A
(1)
N/A
(1)
N/A
(1)
N/A
(1)


同様の部品番号 - VZ32D951K

メーカー部品番号データシート部品情報
logo
Schneider Electric
VZ3 SCHNEIDER-VZ3 Datasheet
118Kb / 3P
   TeSys VARIO - additional pole - 63 A - for V3
Jun 22, 2022
VZ3V1204 SCHNEIDER-VZ3V1204 Datasheet
79Kb / 1P
   fan for variable speed drive
VZ3V1302 SCHNEIDER-VZ3V1302 Datasheet
10Mb / 48P
   Variable speed drives Altivar Machine
March 2017 - V4.0
VZ3V303S2001 SCHNEIDER-VZ3V303S2001 Datasheet
10Mb / 48P
   Variable speed drives Altivar Machine
March 2017 - V4.0
VZ3V303S3001 SCHNEIDER-VZ3V303S3001 Datasheet
10Mb / 48P
   Variable speed drives Altivar Machine
March 2017 - V4.0
More results

同様の説明 - VZ32D951K

メーカー部品番号データシート部品情報
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com