データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM72238 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 SM72238
部品情報  SM72238TD-50
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SM72238 データシート(HTML) 3 Page - Texas Instruments

  SM72238 Datasheet HTML 1Page - Texas Instruments SM72238 Datasheet HTML 2Page - Texas Instruments SM72238 Datasheet HTML 3Page - Texas Instruments SM72238 Datasheet HTML 4Page - Texas Instruments SM72238 Datasheet HTML 5Page - Texas Instruments SM72238 Datasheet HTML 6Page - Texas Instruments SM72238 Datasheet HTML 7Page - Texas Instruments SM72238 Datasheet HTML 8Page - Texas Instruments SM72238 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SM72238
www.ti.com
SNVS694C – JANUARY 2011 – REVISED APRIL 2013
Electrical Characteristics
(1)
Parameter
Conditions(1)
Typ
Tested Limit(2)
Design Limit(3)
Units
3V Versions
Output Voltage
TJ = 25°C
3.0
3.030
V max
2.970
V min
−25°C ≤ TJ ≤ 85°C
3.0
3.045
V max
2.955
V min
Full Operating Temperature Range
3.0
3.060
V max
2.940
V min
Output Voltage
100µA
≤ IL ≤ 100mA,
3.0
3.072
V max
TJ ≤ TJMAX
2.928
V min
3.3V Versions
Output Voltage
TJ = 25°C
3.3
3.333
V max
3.267
V min
−25°C ≤ TJ ≤ 85°C
3.3
3.350
V max
3.251
V min
Full Operating Temperature Range
3.3
3.366
V max
3.234
V min
Output Voltage
100µA
≤ IL ≤ 100mA
3.3
3.379
V max
TJ ≤ TJMAX
3.221
V min
5.0V Versions
Output Voltage
TJ = 25°C
5.0
5.05
V max
4.95
V min
−25°C ≤ TJ ≤ 85°C
5.0
5.075
V max
4.925
V min
Full Operating Temperature Range
5.0
5.1
V max
4.9
V min
Output Voltage
100µA
≤ IL ≤ 100mA
5.0
5.12
V max
TJ ≤ TJMAX
4.88
V min
All Voltage Options
Output Voltage
See(4)
50
150
ppm/°C
Temperature Coefficient
Line Regulation(5)
(VONOM + 1)V ≤ Vin ≤ 30V
(6)
0.04
0.2
% max
0.4
% max
Load Regulation(5)
100µA
≤ IL ≤ 100mA
0.1
0.2
% max
0.3
% max
Dropout Voltage(7)
IL = 100µA
80
mV max
50
150
mV max
IL = 100mA
450
mV max
380
600
mV max
(1)
Unless otherwise specified all limits ensured for VIN = (VONOM + 1)V, IL = 100µA and CL = 1µF. Limits appearing in boldface type apply
over the entire junction temperature range for operation. Limits appearing in normal type apply for TA = TJ = 25°C.
(2)
Ensured and 100% production tested.
(3)
Ensured but not 100% production tested. These limits are not used to calculate outgoing AQL levels.
(4)
Output or reference voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
(5)
Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specification for thermal regulation.
(6)
For IL = 100µA and TJ = 125°C, line regulation is ensured by design to 0.2%. See Typical Performance Characteristics for line regulation
versus temperature and load current.
(7)
Dropout Voltage is defined as the input to output differential at which the output voltage drops 100 mV below its nominal value
measured at 1V differential. At very low values of programmed output voltage, the minimum input supply voltage of 2V (2.3V over
temperature) must be taken into account.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SM72238


同様の部品番号 - SM72238

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
SM72238 NSC-SM72238 Datasheet
404Kb / 12P
   SolarMagic Micropower Voltage Regulator
SM72238TD-3.0 NSC-SM72238TD-3.0 Datasheet
404Kb / 12P
   SolarMagic Micropower Voltage Regulator
logo
Texas Instruments
SM72238TD-3.0/NOPB TI1-SM72238TD-3.0/NOPB Datasheet
1Mb / 17P
[Old version datasheet]   Micropower Voltage Regulator
logo
National Semiconductor ...
SM72238TD-3.3 NSC-SM72238TD-3.3 Datasheet
404Kb / 12P
   SolarMagic Micropower Voltage Regulator
logo
Texas Instruments
SM72238TD-3.3/NOPB TI1-SM72238TD-3.3/NOPB Datasheet
1Mb / 17P
[Old version datasheet]   Micropower Voltage Regulator
More results

同様の説明 - SM72238

メーカー部品番号データシート部品情報
logo
TRACO Electronic AG
TEN50 TRACOPOWER-TEN50 Datasheet
907Kb / 5P
   TEN 50 Series, 50 Watt
Rev. November 30, 2022
logo
Schneider Electric
XUZC50 SCHNEIDER-XUZC50 Datasheet
121Kb / 2P
   Sensors, reflector, 50 x 50 mm
Aug 11, 2019
logo
Analog Devices
ADXRS624BBGZ AD-ADXRS624BBGZ Datasheet
547Kb / 12P
   50,-50/s Yaw Rate Gyro
REV. A
logo
Anaren Microwave
A50A50X4 ANAREN-A50A50X4 Datasheet
247Kb / 2P
   Chip Termination 50 Watts, 50廓
logo
Pulse A Technitrol Comp...
CX2039LNL PULSE-CX2039LNL Datasheet
180Kb / 2P
   XFMR, RF SGL RAC 50:50
logo
Astec America, Inc
LPT50 ASTEC-LPT50 Datasheet
143Kb / 3P
   50 Watts
LPT50-M ASTEC-LPT50-M Datasheet
143Kb / 3P
   50 Watts
logo
PHOENIX CONTACT
3009118 PHOENIX-3009118 Datasheet
149Kb / 7P
   UKH 50
logo
Astec America, Inc
AK60A ASTEC-AK60A Datasheet
944Kb / 2P
   50 Watts
logo
Rosenberger Hochfrequen...
51S156-S00N5 ROSENBERGER-51S156-S00N5 Datasheet
43Kb / 2P
   ADAPTOR bnc 50 PLUG ??TNc 50 PLUG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com