データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CX18 データシート(PDF) 1 Page - STATEK CORPORATION

部品番号 CX18
部品情報  Ultra-Low Profile Ultra Low Weight Surface Mount Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STATEK [STATEK CORPORATION]
ホームページ  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CX18 データシート(HTML) 1 Page - STATEK CORPORATION

  CX18 Datasheet HTML 1Page - STATEK CORPORATION CX18 Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
glass lid
CX18 AT CRYSTAL
30 MHz to 50 MHz
Ultra-Low Profile Ultra Low Weight
Surface Mount Quartz Crystal
TYPICAL
DIM
inches
mm
A
0.061
1.55
B
0.037
0.95
C
see below
D
0.020
0.51
DESCRIPTION
When miniaturization is paramount, Statek’s extremely
small CX18 quartz crystal is the most ideal choice. This
crystal is available in frequencies from 30 MHz to 50
MHz, and has typical overall dimensions of 1.55 mm x
0.95 mm x 0.35 mm. This surface mount crystal is her-
metically sealed within an ultra-miniature ceramic pack-
age to ensure high stability and low aging. The extreme-
ly small size of this crystal makes the CX18 ideally suit-
ed for many high frequency applications.
FEATURES
Ultra-Miniature Package
Ultra-Low profile
Ultra-low weight (1.8 mg)
Hermetically sealed package
Excellent aging characteristics
Full military testing available
Designed and manufactured in the USA
APPLICATIONS
Medical
Medical Telemetry
Cardiac rhythm management
Pacemakers
Defibrillators
Neurostimulators
Military & Aerospace
Missle Telemetry
Ruggedized Communications
Aircraft Electronics
Smart Munitions
Industrial & Communications
Bio-Tracking
Process Control
Portable Instrumentation
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
PACKAGE DIMENSIONS
10207 Rev A
THICKNESS (DIM C)
Lid
Termination
Typical
inches
mm
SM1
0.0138
0.35


同様の部品番号 - CX18

メーカー部品番号データシート部品情報
logo
EUROQUARTZ limited
CX18 EUROQUARTZ-CX18 Datasheet
249Kb / 1P
   Tape and Reel Dimensions for CX Crystals
logo
IQD Frequency Products ...
CX18-AT IQD-CX18-AT Datasheet
187Kb / 3P
   Quartz Crystal Specification
logo
Pulse A Technitrol Comp...
CX1812MKNP00BB0 PULSE-CX1812MKNP00BB0 Datasheet
1Mb / 14P
   Surface-mount ceramic EMI filter capacitors
CX1812MKNP00BB1 PULSE-CX1812MKNP00BB1 Datasheet
1Mb / 14P
   Surface-mount ceramic EMI filter capacitors
CX1812MKNP00BB2 PULSE-CX1812MKNP00BB2 Datasheet
1Mb / 14P
   Surface-mount ceramic EMI filter capacitors
More results

同様の説明 - CX18

メーカー部品番号データシート部品情報
logo
STATEK CORPORATION
CX16 STATEK-CX16 Datasheet
189Kb / 2P
   Low Profile, Ultra-Miniature Surface Mount Quartz Crystal
CX4 STATEK-CX4 Datasheet
445Kb / 2P
   Ultra-Miniature Low Profile Surface Mount Quartz Crystal
CX9VSM STATEK-CX9VSM Datasheet
451Kb / 2P
   Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
CX4VSM STATEK-CX4VSM_11 Datasheet
107Kb / 2P
   Ultra-Miniature Low Profile Surface Mount Quartz Crystal
CX9VSM STATEK-CX9VSM_12 Datasheet
133Kb / 2P
   Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
CX4 STATEK-CX4_08 Datasheet
117Kb / 2P
   Ultra-Miniature Low Profile Surface Mount Quartz Crystal
CX7VSM STATEK-CX7VSM_12 Datasheet
191Kb / 2P
   Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
CX11SM STATEK-CX11SM Datasheet
479Kb / 2P
   Low Profile, Ultra-Miniature Surface Mount Quartz Crystal
CX4VSM STATEK-CX4VSM Datasheet
459Kb / 2P
   Ultra-Miniature Low Profile Surface Mount Quartz Crystal
CX14SM STATEK-CX14SM Datasheet
198Kb / 2P
   Ultra-Miniature, Ultra-Low Profile Surface Mount AT Quartz Crystal
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com