データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

R0.25S-0505 データシート(PDF) 2 Page - Recom International Power

部品番号 R0.25S-0505
部品情報  Features
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RECOM [Recom International Power]
ホームページ  http://www.recom-international.com
Logo RECOM - Recom International Power

R0.25S-0505 データシート(HTML) 2 Page - Recom International Power

  R0.25S-0505 Datasheet HTML 1Page - Recom International Power R0.25S-0505 Datasheet HTML 2Page - Recom International Power R0.25S-0505 Datasheet HTML 3Page - Recom International Power R0.25S-0505 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.recom-international.com
2
REV:2/2011
Isolation Resistance
Viso=500V
10 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection)
-40°C to +100°C (see Graph)
Storage Temperature Range
-50°C to +125°C
Reflow Temperature
ROHS compliant
245°C (30 sec), Peak 255°C (5 sec) max.
Vapour Phase Process
(for more details see Application Notes)
230°C (90 sec) max.
Relative Humidity
95% RH
Humidity Susceptibility Test
1000 hrs / 90% humidity / +85°C ambient
Package weight
1.0g (R0.25S), 1.2g (R0.25D(A))
Packing Quantity
R0.25S, R0.25S8
40 pcs per Tube
R0.25S12, R0.25D, R0.25D10
33 pcs per tube
R0.25D12, R0.25DA
33 pcs per tube
All Types
500 pcs per Reel
MTBF (+25°C)
using MIL-HDBK 217F
4423 x 103 hours
(+85°C)
using MIL-HDBK 217F
2161 x 103 hours
Certifications
CB Test Report
Report: US/14402A/UL
IEC 60950-1:2001 1st Ed.
UL General Safety
Report: E3224736
UL 60950-1 1st Ed.
CUL General Safety
C22.2 No. 60950-1-03
EN Medical Safety
Report: SPC1005061
EN60601-1
EN General Safety
Report: SPCLVD1005061
EN60950-1, 2nd Edition
Notes
Note 1: Maximum capacitive load is defined as the capacitive load tha will allow start up in under
1 second without damage to the converter.
R0.25S_R0.25D
Series
Specifications - continued
ECONOLINE
DC/DC-Converter
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
0505
1205
3.305
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0505
0.000
5.000
10.000
15.000
20.000
25.000
3.305
1205
R0.25S**-xx05
100
60
20
40
110
50
0
-40
150
Operating Temperature °C
0
80
Safe Operating Area
100
}DetailedInformationsee
Application Notes chapter "MTBF"
Typical Characteristics
R0.25S-0505, R0.25D-0505,
R0.25DA-050505
Derating-Graph
(Ambient Temperature)
+10%
+5%
V Nom.
+5%
– 1%
10%
50%
100%
Output Load Current (%)
– 5%
Typical Load Line
Tolerance Envelope
The derating graphs are valid only for the part
numbers shown.
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
3.305
1205
0505
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
3.305
0.000
5.000
10.000
15.000
20.000
25.000
1205
0505
R0.25D**-xx05
100
60
20
40
30
50
0
-40
115
150
Operating Temperature °C
0
80
Safe Operating Area
100
R0.25S12-0505, R0.25D12-0505,
R0.25DA12-050505


同様の部品番号 - R0.25S-0505

メーカー部品番号データシート部品情報
logo
Recom International Pow...
R0.25S-3.305/E-R RECOM-R0.25S-3.305/E-R Datasheet
93Kb / 2P
   0.25 Watt SMD Isolated Single Output
R0.25S-3.305/HE RECOM-R0.25S-3.305/HE Datasheet
93Kb / 2P
   0.25 Watt SMD Isolated Single Output
R0.25S-D RECOM-R0.25S-D Datasheet
128Kb / 4P
   0.25 Watt SMD Single, Dual Independent Outputs
R0.25S-E RECOM-R0.25S-E Datasheet
93Kb / 2P
   0.25 Watt SMD Isolated Single Output
More results

同様の説明 - R0.25S-0505

メーカー部品番号データシート部品情報
logo
EHAOAN.
EH-C191IR-A3 EHAOAN-EH-C191IR-A3 Datasheet
1Mb / 7P
   Features/Product Features
logo
Olitech Electronics Co....
BC546 OLITECH-BC546 Datasheet
850Kb / 4P
   FEATURES
logo
Roithner LaserTechnik G...
QL85F6SA ROITHNER-QL85F6SA Datasheet
69Kb / 3P
   FEATURES
logo
Fairchild Semiconductor
SGH13N60UFD FAIRCHILD-SGH13N60UFD Datasheet
308Kb / 8P
   FEATURES
logo
Olitech Electronics Co....
BC556 OLITECH-BC556 Datasheet
791Kb / 4P
   FEATURES
logo
Freescale Semiconductor...
MC908GZ60CFUE FREESCALE-MC908GZ60CFUE Datasheet
2Mb / 352P
   Standard features, Features of the CPU08
logo
Grayhill, Inc
22-3 GRAYHILL-22-3 Datasheet
36Kb / 1P
   TRANSISTOR SOCKET FEATURES LAMP SOCKET FEATURES
logo
Freescale Semiconductor...
MC9RS08KA8RM FREESCALE-MC9RS08KA8RM Datasheet
2Mb / 190P
   MC9RS08KA8 Features
logo
List of Unclassifed Man...
HEDS-8904 ETC2-HEDS-8904 Datasheet
237Kb / 1P
   Description Features
logo
GOOD-ARK Electronics
GDSSF2318E GOOD-ARK-GDSSF2318E_15 Datasheet
295Kb / 4P
   GENERAL FEATURES
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com