データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP100NA250 データシート(PDF) 4 Page - Texas Instruments

部品番号 TMP100NA250
部品情報  Digital Temperature Sensor with I2C Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TMP100NA250 データシート(HTML) 4 Page - Texas Instruments

  TMP100NA250 Datasheet HTML 1Page - Texas Instruments TMP100NA250 Datasheet HTML 2Page - Texas Instruments TMP100NA250 Datasheet HTML 3Page - Texas Instruments TMP100NA250 Datasheet HTML 4Page - Texas Instruments TMP100NA250 Datasheet HTML 5Page - Texas Instruments TMP100NA250 Datasheet HTML 6Page - Texas Instruments TMP100NA250 Datasheet HTML 7Page - Texas Instruments TMP100NA250 Datasheet HTML 8Page - Texas Instruments TMP100NA250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TMP100
TMP101
SBOS231G − JANUARY 2002 − REVISED NOVEMBER 2007
www.ti.com
4
TYPICAL CHARACTERISTICS
At TA = +25°C and V+ = 5.0V, unless otherwise noted.
70
60
50
40
30
QUIESCENT CURRENT vs TEMPERATURE
Temperature (
_C)
−60 −40 −20
0
20
406080
100
120
140
Serial Bus Inactive
V+=5V
V+=2.7V
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
−0.1
SHUTDOWN CURRENT vs TEMPERATURE
Temperature (
_C)
−60 −40 −20
0
20
40
60
80
100
120
140
400
350
300
250
CONVERSION TIME vs TEMPERATURE
Temperature (
_C)
−60 −40 −20
0
2040
6080
100
120
140
V+ = 5V
V+ = 2.7V
NOTE: 12−bit resolution.
2.0
1.5
1.0
0.5
0.0
−0.5
−1.0
−1.5
−2.0
TEMPERATURE ACCURACY vs TEMPERATURE
Temperature (
_C)
−60 −40 −20
0
20
40
60
80
100
120
140
3 Typical Units
NOTE: 12−bit resolution.
180
160
140
120
100
80
60
40
20
0
QUIESCENT CURRENT WITH
BUS ACTIVITY vs TEMPERATURE
SCL Frequency (Hz)
10k
100k
1M
10M
125
_C
FAST MODE
Hs MODE
−55_C
−55_C
125
_C
25
_C
25
_C


同様の部品番号 - TMP100NA250

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP100NA TI-TMP100NA Datasheet
221Kb / 10P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP100NA TI-TMP100NA Datasheet
886Kb / 30P
[Old version datasheet]   TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
TMP100NA/250 TI-TMP100NA/250 Datasheet
221Kb / 10P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP100NA/250 TI-TMP100NA/250 Datasheet
886Kb / 30P
[Old version datasheet]   TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
TMP100NA/250G4 TI-TMP100NA/250G4 Datasheet
886Kb / 30P
[Old version datasheet]   TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
More results

同様の説明 - TMP100NA250

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP100 TI-TMP100 Datasheet
221Kb / 10P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP100-EP TI1-TMP100-EP Datasheet
633Kb / 22P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP100-Q1 TI-TMP100-Q1_15 Datasheet
229Kb / 20P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
logo
Silicon Laboratories
SI7057-A10 SILABS-SI7057-A10 Datasheet
1Mb / 23P
   DIGITAL I2C TEMPERATURE SENSOR
Rev. 1.1 4/17
logo
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
   Ambient Light Sensor with I2C digital interface
logo
Microchip Technology
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
logo
ON Semiconductor
ADT7484A ONSEMI-ADT7484A Datasheet
360Kb / 14P
   Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com