データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC125DB データシート(PDF) 8 Page - NXP Semiconductors

部品番号 74HC125DB
部品情報  Quad buffer/line driver; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC125DB データシート(HTML) 8 Page - NXP Semiconductors

Back Button 74HC125DB Datasheet HTML 4Page - NXP Semiconductors 74HC125DB Datasheet HTML 5Page - NXP Semiconductors 74HC125DB Datasheet HTML 6Page - NXP Semiconductors 74HC125DB Datasheet HTML 7Page - NXP Semiconductors 74HC125DB Datasheet HTML 8Page - NXP Semiconductors 74HC125DB Datasheet HTML 9Page - NXP Semiconductors 74HC125DB Datasheet HTML 10Page - NXP Semiconductors 74HC125DB Datasheet HTML 11Page - NXP Semiconductors 74HC125DB Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
74HC_HCT125
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 10 January 2013
8 of 17
NXP Semiconductors
74HC125; 74HCT125
Quad buffer/line driver; 3-state
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 6.
Enable and disable times
90 %
10 %
GND
GND
VM
aaa-003131
VI
VM
tPLZ
tPHZ
nOE input
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
VOL
VOH
outputs
enabled
outputs
enabled
outputs
disabled
VM
tPZH
tPZL
VCC
Table 8.
Measurement points
Type
Input
Output
VM
VM
74HC125
0.5VCC
0.5VCC
74HCT125
1.3 V
1.3 V


同様の部品番号 - 74HC125DB

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC125DB PHILIPS-74HC125DB Datasheet
42Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
logo
List of Unclassifed Man...
74HC125DB118 ETC2-74HC125DB118 Datasheet
46Kb / 7P
   74HC/HCT125 Quad buffer/line driver 3-state
More results

同様の説明 - 74HC125DB

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHC125 PHILIPS-74AHC125 Datasheet
78Kb / 16P
   Quad buffer/line driver; 3-state
1999 Sep 27
74HC126 PHILIPS-74HC126 Datasheet
40Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
74LV126 PHILIPS-74LV126 Datasheet
112Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
logo
Nexperia B.V. All right...
74AHC125-Q100 NEXPERIA-74AHC125-Q100 Datasheet
822Kb / 17P
   Quad buffer/line driver; 3-state
logo
NXP Semiconductors
74VHC_VHCT125 PHILIPS-74VHC_VHCT125_15 Datasheet
464Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 02-13 October 2009
74VHC_VHCT126 PHILIPS-74VHC_VHCT126_15 Datasheet
98Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 01-13 August 2009
logo
Nexperia B.V. All right...
74ALVC125-Q100 NEXPERIA-74ALVC125-Q100 Datasheet
804Kb / 15P
   Quad buffer/line driver 3-state
74ALVC125 NEXPERIA-74ALVC125 Datasheet
242Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 4 - 30 April 2021
logo
NXP Semiconductors
74LV125 PHILIPS-74LV125 Datasheet
111Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
74HC_HCT125 PHILIPS-74HC_HCT125_15 Datasheet
184Kb / 17P
   Quad buffer/line driver; 3-state
Rev. 5-19 January 2015
74HC125D NXP-74HC125D Datasheet
41Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com