データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAW56W データシート(PDF) 3 Page - NXP Semiconductors

部品番号 BAW56W
部品情報  High-speed switching diodes
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAW56W データシート(HTML) 3 Page - NXP Semiconductors

  BAW56W Datasheet HTML 1Page - NXP Semiconductors BAW56W Datasheet HTML 2Page - NXP Semiconductors BAW56W Datasheet HTML 3Page - NXP Semiconductors BAW56W Datasheet HTML 4Page - NXP Semiconductors BAW56W Datasheet HTML 5Page - NXP Semiconductors BAW56W Datasheet HTML 6Page - NXP Semiconductors BAW56W Datasheet HTML 7Page - NXP Semiconductors BAW56W Datasheet HTML 8Page - NXP Semiconductors BAW56W Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
BAV756S_BAW56_SER_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 26 November 2007
3 of 15
NXP Semiconductors
BAV756S; BAW56 series
High-speed switching diodes
3.
Ordering information
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
5.
Limiting values
Table 4.
Ordering information
Type number
Package
Name
Description
Version
BAV756S
SC-88
plastic surface-mounted package; 6 leads
SOT363
BAW56
-
plastic surface-mounted package; 3 leads
SOT23
BAW56M
SC-101
leadless ultra small plastic package; 3 solder lands;
body 1.0
× 0.6 × 0.5 mm
SOT883
BAW56S
SC-88
plastic surface-mounted package; 6 leads
SOT363
BAW56T
SC-75
plastic surface-mounted package; 3 leads
SOT416
BAW56W
SC-70
plastic surface-mounted package; 3 leads
SOT323
Table 5.
Marking codes
Type number
Marking code[1]
BAV756S
A7*
BAW56
A1*
BAW56M
S5
BAW56S
A1*
BAW56T
A1
BAW56W
A1*
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VRRM
repetitive peak reverse
voltage
-90
V
VR
reverse voltage
-
90
V
IF
forward current
BAV756S
Ts =60 °C
-
250
mA
BAW56
Tamb ≤ 25 °C
-
215
mA
BAW56M
Tamb ≤ 25 °C
-
150
mA
BAW56S
Ts =60 °C
-
250
mA
BAW56T
Ts =90 °C
-
150
mA
BAW56W
Tamb ≤ 25 °C
-
150
mA


同様の部品番号 - BAW56W

メーカー部品番号データシート部品情報
logo
Galaxy Semi-Conductor H...
BAW56W BILIN-BAW56W Datasheet
120Kb / 3P
   Surface mount switching diode
logo
Pan Jit International I...
BAW56W PANJIT-BAW56W Datasheet
111Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Won-Top Electronics
BAW56W WTE-BAW56W Datasheet
50Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
KEC(Korea Electronics)
BAW56W KEC-BAW56W Datasheet
349Kb / 1P
   USM PACKAGE
logo
Shanghai Leiditech Elec...
BAW56W LEIDITECH-BAW56W Datasheet
1Mb / 3P
   SOT-323 Plastic-Encapsulate Diode
More results

同様の説明 - BAW56W

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDH900 FAIRCHILD-FDH900 Datasheet
32Kb / 1P
   High Speed Switching Diodes
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
   High Speed SWITCHING Diodes
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
   High Speed SWITCHING Diodes
logo
EIC discrete Semiconduc...
BAW75 EIC-BAW75 Datasheet
35Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
SynSemi, Inc.
1N4531 SYNSEMI-1N4531 Datasheet
30Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
Weitron Technology
BAS516 WEITRON-BAS516 Datasheet
225Kb / 4P
   High Speed Switching Diodes
logo
Shenzhen Jin Yu Semicon...
1SS388 HTSEMI-1SS388 Datasheet
235Kb / 2P
   High Speed SWITCHING Diodes
logo
EIC discrete Semiconduc...
1N914 EIC-1N914 Datasheet
48Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
SHENZHEN YONGERJIA INDU...
1SS422 WINNERJOIN-1SS422_15 Datasheet
137Kb / 2P
   High Speed SWITCHING Diodes
logo
NXP Semiconductors
BAV756S_BAW56 PHILIPS-BAV756S_BAW56_15 Datasheet
375Kb / 16P
   High-speed switching diodes
Rev. 6-18 March 2015
logo
SeCoS Halbleitertechnol...
SCS422S SECOS-SCS422S_15 Datasheet
502Kb / 2P
   High Speed Switching Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com