データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF155 データシート(PDF) 4 Page - Texas Instruments

部品番号 LF155
部品情報  JFET Input Operational Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LF155 データシート(HTML) 4 Page - Texas Instruments

  LF155 Datasheet HTML 1Page - Texas Instruments LF155 Datasheet HTML 2Page - Texas Instruments LF155 Datasheet HTML 3Page - Texas Instruments LF155 Datasheet HTML 4Page - Texas Instruments LF155 Datasheet HTML 5Page - Texas Instruments LF155 Datasheet HTML 6Page - Texas Instruments LF155 Datasheet HTML 7Page - Texas Instruments LF155 Datasheet HTML 8Page - Texas Instruments LF155 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LF155, LF156, LF355, LF356, LF357
SNOSBH0C – MAY 2000 – REVISED MARCH 2013
www.ti.com
DC Electrical Characteristics
LF256/7
LF155/6
LF355/6/7
LF356B
Symbol
Parameter
Conditions
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VOS
Input Offset Voltage
RS=50Ω, TA=25°C
3
5
3
5
3
10
mV
Over Temperature
7
6.5
13
mV
ΔVOS/ΔT
Average TC of Input
RS=50Ω
5
5
5
μV/°C
Offset Voltage
ΔTC/ΔVOS
Change in Average TC
RS=50Ω,
(2)
μV/°C
0.5
0.5
0.5
with VOS Adjust
per mV
IOS
Input Offset Current
TJ=25°C,
(1) (3)
3
20
3
20
3
50
pA
TJ≤THIGH
20
1
2
nA
IB
Input Bias Current
TJ=25°C,
(1) (3)
30
100
30
100
30
200
pA
TJ≤THIGH
50
5
8
nA
RIN
Input Resistance
TJ=25°C
1012
1012
1012
Ω
AVOL
Large Signal Voltage
VS=±15V, TA=25°C
50
200
50
200
25
200
V/mV
Gain
VO=±10V, RL=2k
Over Temperature
25
25
15
V/mV
VO
Output Voltage Swing
VS=±15V, RL=10k
±12
±13
±12
±13
±12
±13
V
VS=±15V, RL=2k
±10
±12
±10
±12
±10
±12
V
VCM
Input Common-Mode
VS=±15V
+15.1
±15.1
+15.1
V
±11
±11
+10
Voltage Range
−12
−12
−12
V
CMRR
Common-Mode
85
100
85
100
80
100
dB
Rejection Ratio
PSRR
Supply Voltage Rejection
(4)
85
100
85
100
80
100
dB
Ratio
(1)
Unless otherwise stated, these test conditions apply:
LF155/156
LF256/257
LF356B
LF355/6/7
Supply Voltage, VS
±15V
≤ VS ≤ ±20V
±15V
≤ VS ≤ ±20V
±15V
≤ VS ±20V
VS= ±15V
TA
−55°C ≤ TA
−25°C ≤ TA ≤ +85°C
0°C
≤ TA ≤ +70°C
0°C
≤ TA ≤ +70°C
+125°C
THIGH
+125°C
+85°C
+70°C
+70°C
and VOS, IB and IOS are measured at VCM = 0.
(2)
The Temperature Coefficient of the adjusted input offset voltage changes only a small amount (0.5
μV/°C typically) for each mV of
adjustment from its original unadjusted value. Common-mode rejection and open loop voltage gain are also unaffected by offset
adjustment.
(3)
The input bias currents are junction leakage currents which approximately double for every 10°C increase in the junction temperature,
TJ. Due to limited production test time, the input bias currents measured are correlated to junction temperature. In normal operation the
junction temperature rises above the ambient temperature as a result of internal power dissipation, Pd. TJ = TA + θJA Pd where θJA is
the thermal resistance from junction to ambient. Use of a heat sink is recommended if input bias current is to be kept to a minimum.
(4)
Supply Voltage Rejection is measured for both supply magnitudes increasing or decreasing simultaneously, in accordance with common
practice.
DC Electrical Characteristics
TA = TJ = 25°C, VS = ±15V
LF155
LF355
LF156/256/257/356B
LF356
LF357
Parameter
Units
Typ
Max
Typ
Max
Typ
Max
Typ
Max
Typ
Max
Supply
2
4
2
4
5
7
5
10
5
10
mA
Current
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LF155 LF156 LF355 LF356 LF357


同様の部品番号 - LF155

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LF155 STMICROELECTRONICS-LF155 Datasheet
250Kb / 14P
   WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIERS
logo
Linear Technology
LF155 LINER-LF155 Datasheet
422Kb / 4P
   JFET-Input Operational Amplifiers Low Supply Current High Speed
logo
National Semiconductor ...
LF155 NSC-LF155 Datasheet
1Mb / 23P
   JFET Input Operational Amplifiers
LF155 NSC-LF155 Datasheet
543Kb / 15P
   Series Monolithic JFET Input Operational Amplifiers
logo
Texas Instruments
LF155 TI-LF155 Datasheet
2Mb / 32P
[Old version datasheet]   LF155/LF156/LF256/LF257/LF355/LF356/LF357 JFET Input Operational Amplifiers
More results

同様の説明 - LF155

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
[Old version datasheet]   JFET-Input Operational Amplifiers
TL091 TI-TL091 Datasheet
610Kb / 8P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
logo
Motorola, Inc
TL081C MOTOROLA-TL081C Datasheet
169Kb / 8P
   JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081_101 TI-TL081_101 Datasheet
998Kb / 38P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35001 MOTOROLA-MC35001 Datasheet
389Kb / 7P
   JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com