データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA1557 データシート(PDF) 7 Page - NXP Semiconductors

部品番号 TDA1557
部品情報  2 x 22 W BTL stereo car radio power amplifier with speaker protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA1557 データシート(HTML) 7 Page - NXP Semiconductors

Back Button TDA1557 Datasheet HTML 2Page - NXP Semiconductors TDA1557 Datasheet HTML 3Page - NXP Semiconductors TDA1557 Datasheet HTML 4Page - NXP Semiconductors TDA1557 Datasheet HTML 5Page - NXP Semiconductors TDA1557 Datasheet HTML 6Page - NXP Semiconductors TDA1557 Datasheet HTML 7Page - NXP Semiconductors TDA1557 Datasheet HTML 8Page - NXP Semiconductors TDA1557 Datasheet HTML 9Page - NXP Semiconductors TDA1557 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
May 1992
7
Philips Semiconductors
Product specification
2 x 22 W BTL stereo car radio power
amplifier with speaker protection
TDA1557Q
AC CHARACTERISTICS
VP = 14.4 V; RL = 4 Ω; f = 1 kHz; Tamb = 25 °C; unless otherwise specified. See note 1.
Notes to the characteristics
1. All characteristics are measured using the circuit shown in Fig.4
2. The circuit is DC adjusted at VP = 6 to 18 V and AC operating at VP = 8.5 to 18 V
3. At 18 V < VP < 30 V, the DC output voltage ≤ VP/2
4. Conditions: V11 = 0; short-circuit output to GND; switch V11 to MUTE or ON condition (rise time V11 > 10 µs).
5. Frequency response externally fixed.
6. Ripple rejection measured at the output with a source-impedance of 0
Ω (max. ripple amplitude of 2 V) and a
frequency of 100 Hz.
7. Ripple rejection measured at the output with a source-impedance of 0
Ω (max. ripple amplitude of 2 V) and a
frequency between 1 and 10 kHz.
8. Ripple rejection measured at the output with a source-impedance of 0
Ω (max. ripple amplitude of 2 V) and a
frequency between 100 Hz and 10 kHz. Pin 12 is decoupled with two diodes to ground.
9. Noise voltage measured in a bandwidth of 20 Hz to 20 kHz.
10. Noise output voltage independent of RS (Vin = 0).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
PO
output power
THD = 0.5%
15
17
W
THD = 10%
20
22
W
VP = 13.2 V; THD = 0.5%
12
W
VP = 13.2 V; THD = 10%
17
W
THD
total harmonic distortion
PO = 1 W
0.1
%
B
power bandwidth
THD = 0.5%; PO = −1 dB
20 to
Hz
with respect to 15 W
15 000
flow
low frequency roll-off
−1 dB; note 5
25
Hz
fhigh
high frequency roll-off
−1 dB
20
−−
kHz
Gv
closed loop voltage gain
45
46
47
dB
SVRR
supply voltage ripple rejection
ON; note 6
34
−−
dB
ON; note 7
38
−−
dB
ON; note 8
45
−−
dB
MUTE; notes 6 and 7
45
−−
dB
stand-by; notes 6 and 7
80
−−
dB
ZI
input impedance
25
30
36
k
Vno
noise output voltage
ON; RS = 0; note 9
325
500
µV
RS = 10 kΩ; note 9
350
−µV
MUTE; notes 9 & 10
180
−µV
α
channel separation
40
−−
dB
∆Gv
channel unbalance
−−
1dB


同様の部品番号 - TDA1557

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1551 PHILIPS-TDA1551 Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1552 PHILIPS-TDA1552 Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
More results

同様の説明 - TDA1557

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1553Q PHILIPS-TDA1553Q Datasheet
89Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with loudspeaker protection
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1553CQ PHILIPS-TDA1553CQ Datasheet
62Kb / 10P
   2 x 22 W stereo BTL car radio power amplifier with loudspeaker protection and 3-state mode switch
1995 Dec 15
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1515BQ PHILIPS-TDA1515BQ Datasheet
80Kb / 10P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
July 1994
TDA1510AQ PHILIPS-TDA1510AQ Datasheet
96Kb / 11P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
TDA8563AQ PHILIPS-TDA8563AQ Datasheet
152Kb / 20P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1997 Feb 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com