データシートサーチシステム |
|
LM317AEMP データシート(PDF) 2 Page - Texas Instruments |
|
|
LM317AEMP データシート(HTML) 2 Page - Texas Instruments |
2 / 40 page LM117, LM317A, LM317-N SNVS774O – MAY 2004 – REVISED JANUARY 2014 www.ti.com Typical Applications Full output current not available at high input-output voltages *Needed if device is more than 6 inches from filter capacitors. †Optional—improves transient response. Output capacitors in the range of 1 μF to 1000 μF of aluminum or tantalum electrolytic are commonly used to provide improved output impedance and rejection of transients. Figure 1. 1.2V–25V Adjustable Regulator LM117/LM317A/LM317-N Package Options Part Number Package Drawing Package Type Output Current LM117K STEEL NDS TO-3 LM317K LM317AT NDE 1.5A LM317T TO-220 LM317T/LF01 NDG LM317S KTT TO-263 LM317AEMP DCY SOT-223 1.0A LM317EMP LM117H LM317AH NDT TO LM317H 0.5A LM317AMDT NDP TO-252 LM317MDT NOTE For part numbers that can be ordered, please see the Package Option Addendum at the end of the datasheet. SOT-223 vs. TO-252 Packages Figure 2. Scale 1:1 2 Submit Documentation Feedback Copyright © 2004–2014, Texas Instruments Incorporated Product Folder Links: LM117 LM317A LM317-N |
同様の部品番号 - LM317AEMP |
|
同様の説明 - LM317AEMP |