データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD590JH データシート(PDF) 11 Page - Analog Devices

部品番号 AD590JH
部品情報  2-Terminal IC Temperature Transducer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD590JH データシート(HTML) 11 Page - Analog Devices

Back Button AD590JH Datasheet HTML 7Page - Analog Devices AD590JH Datasheet HTML 8Page - Analog Devices AD590JH Datasheet HTML 9Page - Analog Devices AD590JH Datasheet HTML 10Page - Analog Devices AD590JH Datasheet HTML 11Page - Analog Devices AD590JH Datasheet HTML 12Page - Analog Devices AD590JH Datasheet HTML 13Page - Analog Devices AD590JH Datasheet HTML 14Page - Analog Devices AD590JH Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
AD590
Rev. G | Page 11 of 16
Figure 21 is an example of a current transmitter designed to be
used with 40 V, 1 kΩ systems; it uses its full current range of 4
to 20 mA for a narrow span of measured temperatures. In this
example, the 1 µA/K output of the AD590 is amplified to
1 mA/°C and offset so that 4 mA is equivalent to 17°C and
20 mA is equivalent to 33°C. RT is trimmed for proper reading
at an intermediate reference temperature. With a suitable choice
of resistors, any temperature range within the operating limits
of the AD590 can be chosen.
Figure 21. 4 to 20 mA Current Transmitter
Figure 22 is an example of a variable temperature control circuit
(thermostat) using the AD590. RH and RL are selected to set the
high and low limits for RSET. RSET could be a simple pot, a
calibrated multiturn pot, or a switched resistive divider. Powering
the AD590 from the 10 V reference isolates the AD590 from
supply variations while maintaining a reasonable voltage (~7 V)
across it. Capacitor C1 is often needed to filter extraneous noise
from remote sensors. RB is determined by the β of the power
transistor and the current requirements of the load.
Figure 22. Simple Temperature Control Circuit
The voltage compliance and the reverse blocking characteristic
of the AD590 allow it to be powered directly from 5 V CMOS
logic. This permits easy multiplexing, switching, or pulsing for
minimum internal heat dissipation. In Figure 23, any AD590
connected to a logic high passes a signal current through the
current measuring circuitry, while those connected to a logic
zero pass insignificant current. The outputs used to drive the
AD590s can be employed for other purposes, but the additional
capacitance due to the AD590 should be taken into account.
Figure 23. AD590 Driven from CMOS Logic
30pF
V+
4mA = 17°C
12mA = 25°C
20mA = 33°C
+
+
AD581
VOUT
RT
5k
10
10k
12.7k
35.7k
5k
500
AD590
OP177
+
0.01µF
V–
AD790
+
C1
2
3
4
1
7
10k
RSET
RL
RB
RH
V–
V+
V+
AD590
+
AD581
OUT
HEATING
ELEMENTS
GND
10V
5V
CMOS
GATES
AD590
1k
(0.1%)
+
+
+
+


同様の部品番号 - AD590JH

メーカー部品番号データシート部品情報
logo
Analog Devices
AD590JH AD-AD590JH Datasheet
3Mb / 16P
   Two-Terminal IC Temperature Transducer
REV. C
logo
Intersil Corporation
AD590JH INTERSIL-AD590JH Datasheet
95Kb / 10P
   2-Wire, Current Output Temperature Transducer
August 1997
logo
Analog Devices
AD590JH AD-AD590JH Datasheet
3Mb / 16P
   Two-Twrminal IC Temperature Transducer
REV. C
logo
Intersil Corporation
AD590JH INTERSIL-AD590JH Datasheet
334Kb / 10P
   2-Wire, Current Output Temperature Transducer
logo
Analog Devices
AD590JH AD-AD590JH Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
More results

同様の説明 - AD590JH

メーカー部品番号データシート部品情報
logo
Analog Devices
AD590JH883B AD-AD590JH883B Datasheet
411Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590KF AD-AD590KF Datasheet
423Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JRZ AD-AD590JRZ Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
AD590 AD-AD590 Datasheet
3Mb / 16P
   Two-Terminal IC Temperature Transducer
REV. C
logo
Renesas Technology Corp
ISL71590SEH RENESAS-ISL71590SEH Datasheet
608Kb / 17P
   Radiation Hardened, 2-Terminal Temperature Transducer
Sep 14, 2018
logo
Intersil Corporation
ISL71590SEH INTERSIL-ISL71590SEH Datasheet
541Kb / 16P
   Radiation Hardened, 2-Terminal Temperature Transducer.
June 3, 2016
logo
Sensitron
AD590 SENSITRON-AD590 Datasheet
32Kb / 2P
   TWO-TERMINAL TEMPERATURE TRANSDUCER
logo
Analog Devices
AD590JCHIPS AD-AD590JCHIPS Datasheet
3Mb / 16P
   Two-Twrminal IC Temperature Transducer
REV. C
AD592 AD-AD592 Datasheet
302Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592ANZ AD-AD592ANZ Datasheet
778Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com