データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD590JR データシート(PDF) 9 Page - Analog Devices

部品番号 AD590JR
部品情報  2-Terminal IC Temperature Transducer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD590JR データシート(HTML) 9 Page - Analog Devices

Back Button AD590JR Datasheet HTML 5Page - Analog Devices AD590JR Datasheet HTML 6Page - Analog Devices AD590JR Datasheet HTML 7Page - Analog Devices AD590JR Datasheet HTML 8Page - Analog Devices AD590JR Datasheet HTML 9Page - Analog Devices AD590JR Datasheet HTML 10Page - Analog Devices AD590JR Datasheet HTML 11Page - Analog Devices AD590JR Datasheet HTML 12Page - Analog Devices AD590JR Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
AD590
Rev. G | Page 9 of 16
As an example, for the TO-52 package, θJC is the thermal
resistance between the chip and the case, about 26°C/W. θCA is
the thermal resistance between the case and the surroundings
and is determined by the characteristics of the thermal
connection. Power source P represents the power dissipated
on the chip. The rise of the junction temperature, TJ, above the
ambient temperature, TA, is
TJ − TA = P(θJC + θCA)
(1)
Table 4 gives the sum of θJC and θCA for several common
thermal media for both the H and F packages. The heat sink
used was a common clip-on. Using Equation 1, the temperature
rise of an AD590 H package in a stirred bath at 25°C, when
driven with a 5 V supply, is 0.06°C. However, for the same
conditions in still air, the temperature rise is 0.72°C. For a given
supply voltage, the temperature rise varies with the current and
is PTAT. Therefore, if an application circuit is trimmed with the
sensor in the same thermal environment in which it is used, the
scale factor trim compensates for this effect over the entire
temperature range.
Table 4. Thermal Resistance
θJC + θCA
(°C/Watt)
τ (sec)1
Medium
H
F
H
F
Aluminum Block
30
10
0.6
0.1
Stirred Oil2
42
60
1.4
0.6
Moving Air3
With Heat Sink
45
5.0
Without Heat Sink
115
190
13.5
10.0
Still Air
With Heat Sink
191
108
Without Heat Sink
480
650
60
30
1 τ is dependent upon velocity of oil; average of several velocities listed above.
2 Air velocity @ 9 ft/sec.
3 The time constant is defined as the time required to reach 63.2% of an
instantaneous temperature change.
The time response of the AD590 to a step change in
temperature is determined by the thermal resistances and the
thermal capacities of the chip, CCH, and the case, CC. CCH is
about 0.04 Ws/°C for the AD590. CC varies with the measured
medium, because it includes anything that is in direct thermal
contact with the case. The single time constant exponential
curve of Figure 16 is usually sufficient to describe the time
response, T (t). Table 4 shows the effective time constant, τ, for
several media.
Figure 16. Time Response Curve
TFINAL
TINITIAL
4
TIME
T(t) = TINITIAL + (TFINAL – TINITIAL) × (1 – e–t/)


同様の部品番号 - AD590JR

メーカー部品番号データシート部品情報
logo
Analog Devices
AD590JR AD-AD590JR Datasheet
3Mb / 16P
   Two-Terminal IC Temperature Transducer
REV. C
AD590JR AD-AD590JR Datasheet
3Mb / 16P
   Two-Twrminal IC Temperature Transducer
REV. C
AD590JR AD-AD590JR Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
AD590JR AD-AD590JR Datasheet
423Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JR AD-AD590JR Datasheet
411Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
More results

同様の説明 - AD590JR

メーカー部品番号データシート部品情報
logo
Analog Devices
AD590JH883B AD-AD590JH883B Datasheet
411Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590KF AD-AD590KF Datasheet
423Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JRZ AD-AD590JRZ Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
AD590 AD-AD590 Datasheet
3Mb / 16P
   Two-Terminal IC Temperature Transducer
REV. C
logo
Renesas Technology Corp
ISL71590SEH RENESAS-ISL71590SEH Datasheet
608Kb / 17P
   Radiation Hardened, 2-Terminal Temperature Transducer
Sep 14, 2018
logo
Intersil Corporation
ISL71590SEH INTERSIL-ISL71590SEH Datasheet
541Kb / 16P
   Radiation Hardened, 2-Terminal Temperature Transducer.
June 3, 2016
logo
Sensitron
AD590 SENSITRON-AD590 Datasheet
32Kb / 2P
   TWO-TERMINAL TEMPERATURE TRANSDUCER
logo
Analog Devices
AD590JCHIPS AD-AD590JCHIPS Datasheet
3Mb / 16P
   Two-Twrminal IC Temperature Transducer
REV. C
AD592 AD-AD592 Datasheet
302Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592ANZ AD-AD592ANZ Datasheet
778Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com