データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5254BRUZ50-RL7 データシート(PDF) 3 Page - Analog Devices

部品番号 AD5254BRUZ50-RL7
部品情報  Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5254BRUZ50-RL7 データシート(HTML) 3 Page - Analog Devices

  AD5254BRUZ50-RL7 Datasheet HTML 1Page - Analog Devices AD5254BRUZ50-RL7 Datasheet HTML 2Page - Analog Devices AD5254BRUZ50-RL7 Datasheet HTML 3Page - Analog Devices AD5254BRUZ50-RL7 Datasheet HTML 4Page - Analog Devices AD5254BRUZ50-RL7 Datasheet HTML 5Page - Analog Devices AD5254BRUZ50-RL7 Datasheet HTML 6Page - Analog Devices AD5254BRUZ50-RL7 Datasheet HTML 7Page - Analog Devices AD5254BRUZ50-RL7 Datasheet HTML 8Page - Analog Devices AD5254BRUZ50-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet
AD5253/AD5254
Rev. C | Page 3 of 32
ELECTRICAL CHARACTERISTICS
1 kΩ VERSION
VDD = +3 V ± 10% or +5 V ± 10%, VSS = 0 V or VDD/VSS = ±2.5 V ± 10%, VA = VDD, VB = 0 V, –40°C < TA < +105°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DC CHARACTERISTICS—
RHEOSTAT MODE
Resolution
N
AD5253
6
Bits
AD5254
8
Bits
Resistor Differential Nonlinearity2
R-DNL
R
WB, RWA = NC, VDD = 5.5 V, AD5253
–0.5
±0.2
+0.5
LSB
R
WB, RWA = NC, VDD = 5.5 V, AD5254
–1.00
±0.25
+1.00
LSB
R
WB, RWA = NC, VDD = 2.7 V, AD5253
–0.75
±0.30
+0.75
LSB
R
WB, RWA = NC, VDD = 2.7 V, AD5254
–1.5
±0.3
+1.5
LSB
Resistor Nonlinearity2
R-INL
R
WB, RWA = NC, VDD = 5.5 V, AD5253
–0.5
±0.2
+0.5
LSB
R
WB, RWA = NC, VDD = 5.5 V, AD5254
–2.0
±0.5
+2.0
LSB
R
WB, RWA = NC, VDD = 2.7 V, AD5253
–1.0
+2.5
+4.0
LSB
R
WB, RWA = NC, VDD = 2.7 V, AD5254
–2
+9
+14
LSB
Nominal Resistor Tolerance
ΔR
AB/RAB
T
A = 25°C
–30
+30
%
Resistance Temperature Coefficient
(ΔR
AB/RAB) × 10
6/ΔT
650
ppm/°C
Wiper Resistance
R
W
I
W = 1 V/R, VDD = 5 V
75
130
I
W = 1 V/R, VDD = 3 V
200
300
Channel-Resistance Matching
ΔR
AB1/ΔRAB2
0.15
%
DC CHARACTERISTICS—
POTENTIOMETER DIVIDER MODE
Differential Nonlinearity3
DNL
AD5253
–0.5
±0.1
+0.5
LSB
AD5254
–1.00
±0.25
+1.00
LSB
Integral Nonlinearity3
INL
AD5253
–0.5
±0.2
+0.5
LSB
AD5254
–2.0
±0.5
+2.0
LSB
Voltage Divider Tempco
(ΔV
W/VW) × 10
6/ΔT
Code = half scale
25
ppm/°C
Full-Scale Error
V
WFSE
Code = full scale, V
DD = 5.5 V, AD5253
–5
–3
0
LSB
Code = full scale, V
DD = 5.5 V, AD5254
–16
–11
0
LSB
Code = full scale, V
DD = 2.7 V, AD5253
–6
–4
0
LSB
Code = full scale, V
DD = 2.7 V, AD5254
–23
–16
0
LSB
Zero-Scale Error
V
WZSE
Code = zero scale, V
DD = 5.5 V, AD5253
0
3
5
LSB
Code = zero scale, V
DD = 5.5 V, AD5254
0
11
16
LSB
Code = zero scale, V
DD = 2.7 V, AD5253
0
4
6
LSB
Code = zero scale, V
DD = 2.7 V, AD5254
0
15
20
LSB
RESISTOR TERMINALS
Voltage Range4
V
A, VB, VW
V
SS
V
DD
V
Capacitance5 A, B
C
A, CB
f = 1 kHz, measured to GND,
code = half scale
85
pF
Capacitance5 W
C
W
f = 1 kHz, measured to GND,
code = half scale
95
pF
Common-Mode Leakage Current
I
CM
V
A = VB = VDD/2
0.01
1.00
µA


同様の部品番号 - AD5254BRUZ50-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5254BRUZ50-RL7 AD-AD5254BRUZ50-RL7 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
More results

同様の説明 - AD5254BRUZ50-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5253 AD-AD5253_12 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
AD5251 AD-AD5251_12 Datasheet
575Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5254 AD-AD5254_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5252 AD-AD5252 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5251 AD-AD5251_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5252 AD-AD5252_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com