データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8034ARTZ-REEL データシート(PDF) 7 Page - Analog Devices

部品番号 AD8034ARTZ-REEL
部品情報  Low Cost, 80 MHz FastFET Op Amps
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8034ARTZ-REEL データシート(HTML) 7 Page - Analog Devices

Back Button AD8034ARTZ-REEL Datasheet HTML 3Page - Analog Devices AD8034ARTZ-REEL Datasheet HTML 4Page - Analog Devices AD8034ARTZ-REEL Datasheet HTML 5Page - Analog Devices AD8034ARTZ-REEL Datasheet HTML 6Page - Analog Devices AD8034ARTZ-REEL Datasheet HTML 7Page - Analog Devices AD8034ARTZ-REEL Datasheet HTML 8Page - Analog Devices AD8034ARTZ-REEL Datasheet HTML 9Page - Analog Devices AD8034ARTZ-REEL Datasheet HTML 10Page - Analog Devices AD8034ARTZ-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
AD8033/AD8034
Rev. D | Page 6 of 24
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage
26.4 V
Power Dissipation
See Figure 5
If the rms signal levels are indeterminate, consider the worst case,
when VOUT = VS/4 for RL to midsupply
PD = (VS × IS) + (VS/4)2/RL
In single-supply operation with RL referenced to VS−, worst case
is VOUT = VS/2.
Common-Mode Input Voltage
26.4 V
Differential Input Voltage
1.4 V
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature (Soldering 10 sec)
300°C
AMBIENT TEMPERATURE (°C)
–60
–20
–40
100
60
80
2.0
1.5
1.0
0.5
0
SOIC-8
SOT-23-8
SC70-5
40
020
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation in the AD8033/AD8034
packages is limited by the associated rise in junction temperature
(TJ) on the die. The plastic that encapsulates the die locally
reaches the junction temperature. At approximately 150°C,
which is the glass transition temperature, the plastic changes its
properties. Even temporarily exceeding this temperature limit
can change the stresses that the package exerts on the die,
permanently shifting the parametric performance of the AD8033/
AD8034. Exceeding a junction temperature of 175°C for an
extended period can result in changes in silicon devices, potentially
causing failure.
Figure 5. Maximum Power Dissipation vs.
Ambient Temperature for a 4-Layer Board
Airflow increases heat dissipation, effectively reducing θJA. In
addition, more metal directly in contact with the package leads
from metal traces, through holes, ground, and power planes
reduces the θJA. Care must be taken to minimize parasitic
capacitances at the input leads of high speed op amps as discussed
in the Layout, Grounding, and Bypassing Considerations section.
Figure 5 shows the maximum power dissipation in the package
vs. the ambient temperature for the 8-lead SOIC (125°C/W),
5-lead SC70 (210°C/W), and 8-lead SOT-23 (160°C/W) packages
on a JEDEC standard 4-layer board. θJA values are approximations.
The still-air thermal properties of the package and PCB (θJA),
ambient temperature (TA), and the total power dissipated in the
package (PD) determine the junction temperature of the die.
The junction temperature can be calculated as
OUTPUT SHORT CIRCUIT
Shorting the output to ground or drawing excessive current for
the AD8033/AD8034 will likely cause catastrophic failure.
TJ = TA + (PD × θJA)
PD is the sum of the quiescent power dissipation and the power
dissipated in the package due to the load drive for all outputs.
The quiescent power is the voltage between the supply pins (VS)
times the quiescent current (IS). Assuming the load (RL) is
referenced to midsupply, the total drive power is VS/2 × IOUT,
some of which is dissipated in the package and some in the load
(VOUT × IOUT). The difference between the total drive power and
the load power is the drive power dissipated in the package
ESD CAUTION
PD = Quiescent Power + (Total Drive Power − Load Power)
PD = [VS × IS] + [(VS/2) × (VOUT/RL)] − [VOUT2/RL]
RMS output voltages should be considered. If RL is referenced
to −VS, as in single-supply operation, the total drive power is
VS × IOUT.


同様の部品番号 - AD8034ARTZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8034ARTZ-REEL AD-AD8034ARTZ-REEL Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARTZ-REEL7 AD-AD8034ARTZ-REEL7 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
More results

同様の説明 - AD8034ARTZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8034 AD-AD8034_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARTZ-REEL7 AD-AD8034ARTZ-REEL7 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033 AD-AD8033 Datasheet
374Kb / 20P
   Low Cost, 80 MHz FastFET ??Op Amps
REV. D
AD8033 AD-AD8033_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARZ AD-AD8034ARZ Datasheet
494Kb / 24P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8065 AD-AD8065_06 Datasheet
547Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
Rev. G
AD8065 AD-AD8065 Datasheet
364Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
REV. E
AD8065WARTZ-R7 AD-AD8065WARTZ-R7 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8065 AD-AD8065_15 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8066 AD-AD8066_15 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com