データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

V-11G4-1AR6-T データシート(PDF) 2 Page - Omron Electronics LLC

部品番号 V-11G4-1AR6-T
部品情報  Miniature Basic Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-11G4-1AR6-T データシート(HTML) 2 Page - Omron Electronics LLC

  V-11G4-1AR6-T Datasheet HTML 1Page - Omron Electronics LLC V-11G4-1AR6-T Datasheet HTML 2Page - Omron Electronics LLC V-11G4-1AR6-T Datasheet HTML 3Page - Omron Electronics LLC V-11G4-1AR6-T Datasheet HTML 4Page - Omron Electronics LLC V-11G4-1AR6-T Datasheet HTML 5Page - Omron Electronics LLC V-11G4-1AR6-T Datasheet HTML 6Page - Omron Electronics LLC V-11G4-1AR6-T Datasheet HTML 7Page - Omron Electronics LLC V-11G4-1AR6-T Datasheet HTML 8Page - Omron Electronics LLC V-11G4-1AR6-T Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
V
V
111
Available Combinations
Terminal
Thermoplastic case
Thermosetting case
Terminal
Model
V-21
V-16
V-11
V-15
V-10
Rated current
21 A
16 A
11 A
15 A
10 A
COM
terminal
position
Insulation
barrier
Heat
resistance
OF
Terminal symbol
3.92 N
{400 gf}
3.92 N
{400 gf}
1.96 N
{200 gf}
0.98 N
{100 gf}
3.92 N
{400 gf}
1.96 N
{200 gf}
1.96 N
{200 gf}
0.98 N
{100 gf}
Bottom
No
Standard
(80
_C)
Solder terminals (A)
---
f
F
F
f
F
F
F
Bottom
No
Standard
(80
_C)
Quick-connect terminals
(#187) (C2)
---
f
F
F
f
F
F
F
Quick-connect terminals
(#250) (C)
F
f
F
F
f
f
f
f
Screw terminals (B)
---
---
---
f
(1.96 N)
f
F
F
F
Heat
it
t
Solder terminals (A)
---
---
---
---
f
F
F
F
Heat
resistant
(150
_C)
Quick-connect terminals
(#187) (C2)
---
---
---
---
f
f
f
f
Quick-connect terminals
(#250) (C)
---
---
---
---
---
---
---
---
Screw terminals (B)
---
---
---
---
---
---
---
---
Yes
Standard
(80
_C)
Solder terminals (A)
---
f
F
---
---
---
---
---
Yes
Standard
(80
_C)
Quick-connect terminals
(#187) (C2)
---
f
F
---
---
---
---
---
Quick-connect terminals
(#250) (C)
F
f
F
---
---
---
---
---
Side
No
Standard
(80
_C)
Solder terminals (A)
---
---
---
---
f
F
F
F
Side
No
Standard
(80
_C)
Quick-connect terminals
(#187) (C2)
---
---
---
---
f
f
f
f
Quick-connect terminals
(#250) (C)
f
---
---
---
---
---
---
---
Note:
1.
F: Standard
f: Semi-standard
2. Consult your OMRON sales representative for spacific models with standard approvals.
List of Models
General-purpose Models
(Only combinations with standard terminals are shown.)
Thermoplastic Case
Actuator
COM
ti
l
Contact
f
Terminals
(t )
21 A (OF: 3.92 N {400 gf})
terminal
position
form
(see note)
Without barrier
Right-hand barrier
Left-hand barrier
Pin plunger
Bottom
SPDT
C
V-21-1C6
V-21-1CR6
V-21-1CL6
SPST-NC
V-21-2C6
V-21-2CR6
V-21-2CL6
SPST-NO
V-21-3C6
V-21-3CR6
V-21-3CL6
Short hinge lever
SPDT
V-211-1C6
V-211-1CR6
V-211-1CL6
Hinge lever
V-212-1C6
V-212-1CR6
V-212-1CL6
Long hinge lever
V-213-1C6
V-213-1CR6
V-213-1CL6
Simulated roller lever
V-214-1C6
V-214-1CR6
V-214-1CL6
Short hinge
roller lever
V-215-1C6
V-215-1CR6
V-215-1CL6
Hinge roller lever
V-216-1C6
V-216-1CR6
V-216-1CL6
Note:
C:
Quick-connect terminals (#250)


同様の部品番号 - V-11G4-1AR6-T

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
V-11-1A4 OMRON-V-11-1A4 Datasheet
1Mb / 16P
   Snap Action Switch
V-11-1A4 OMRON-V-11-1A4 Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V-11-1A4 OMRON-V-11-1A4 Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V-11-1A4 OMRON-V-11-1A4 Datasheet
1Mb / 16P
   Snap Action Switch
V-11-1A4 OMRON-V-11-1A4 Datasheet
1Mb / 16P
   Snap Action Switch
More results

同様の説明 - V-11G4-1AR6-T

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
V-102-1A4 ETC2-V-102-1A4 Datasheet
1Mb / 16P
   Miniature Basic Switch
logo
Omron Electronics LLC
D3V OMRON-D3V Datasheet
1Mb / 18P
   Miniature Basic Switch
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com