データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

V-15G1-3AR6-T データシート(PDF) 8 Page - Omron Electronics LLC

部品番号 V-15G1-3AR6-T
部品情報  Miniature Basic Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-15G1-3AR6-T データシート(HTML) 8 Page - Omron Electronics LLC

Back Button V-15G1-3AR6-T Datasheet HTML 4Page - Omron Electronics LLC V-15G1-3AR6-T Datasheet HTML 5Page - Omron Electronics LLC V-15G1-3AR6-T Datasheet HTML 6Page - Omron Electronics LLC V-15G1-3AR6-T Datasheet HTML 7Page - Omron Electronics LLC V-15G1-3AR6-T Datasheet HTML 8Page - Omron Electronics LLC V-15G1-3AR6-T Datasheet HTML 9Page - Omron Electronics LLC V-15G1-3AR6-T Datasheet HTML 10Page - Omron Electronics LLC V-15G1-3AR6-T Datasheet HTML 11Page - Omron Electronics LLC V-15G1-3AR6-T Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
V
V
117
Characteristics
Operating speed
0.1 mm to 1 m/s (pin plunger models)
Operating frequency
Mechanical: 600 operations/min max.
Electrical:
30 operations/min max.
Insulation resistance
100 M
Ω min. (at 500 VDC)
Contact resistance
(initial value)
15 m
Ω max.
Dielectric strength
(t 2)
1,000 VAC, 50/60 Hz for 1 min between terminals of the same polarity
g
(see note 2)
V-21, V-16, and V-11 models: 2,000 VAC, 50/60 Hz for 1 min between current-carrying metal parts
and ground, and between each terminal and non-current-carrying metal parts
V-15 and V-10 models: 1,500 VAC, 50/60 Hz for 1 min between current-carrying metal parts and
ground, and between each terminal and non-current-carrying metal parts
Vibration resistance
(see note 3)
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
(see note 3)
Destruction: 1,000 m/s2 {approx. 100G} max.
Malfunction: V-21/V-16/V-15: 300 m/s2 {approx. 30G} max.
V-11/V-10:
200 m/s2 {approx. 20G} max.
Durability
(see note 4)
Mechanical: 50,000,000 operations min. (60 operations/min)
Electrical:
V-21/V-16/V-15:
100,000 operations min. (30 operations/min)
(V-15 heat resistive: 20,000 operation min. (30 operations/min))
V-11/V-10:
300,000 operations min. (30 operations/min)
(V-10 heat resistive: 50,000 operation min. (30 operations/min))
Degree of protection
IEC IP40
Degree of protection against
electric shock
Class I
Proof tracking index (PTI)
175
Ambient operating
temperature
–25
°C to 80°C (at ambient humidity of 60% max.) (with no icing)
–25
°C to 150°C for heat-resistive model (at ambient humidity of 60% max.) (with no icing)
Ambient operating humidity
85% max. (for 5
°C to 35°C)
Weight
Approx. 6.2 g (pin plunger models)
Note:
1. The data given above are initial values.
2. The dielectric strength values shown in the table are for models with a Separator.
3. For the pin plunger models, the above values apply for use at both the free position and total travel position. For the lever models,
they apply at the total travel position.
4. For testing conditions, contact your OMRON sales representative.
Approved Standards
Consult your OMRON sales representative for specific models with standard approvals.
UL1054 (File No. E41515)/CSA C22.2 No. 55 (File NO. lR21642)
Rated voltage
V-21
V-16
V-15
V-11
V-10
125 VAC
21 A, 1/2 HP
16 A, 1/2 HP
15 A, 1/2 HP
11 A, 1/3 HP
10 A, 1/3 HP
250 VAC
125 VDC
0.6 A
0.6 A
0.6 A
0.6 A
0.6 A
250 VDC
0.3 A
0.3 A
0.3 A
0.3 A
0.3 A
EN61058-01 (File No. 129608, VDE approval)
Rated
voltage
V-21
V-16
V-11
250 VAC
20 (4) A
16 (4) A
11 (3) A
Testing conditions: 5E4 (50,000 operations), T105 (0
°C to 105°C)
EN61058-1 (File No. T9451451, TÜV Rheinland
approval)
Rated voltage
V-15
V-10
250 VAC
15 A
10 A
250 VDC
0.3 A
0.3 A
Testing conditions: 5E4 (50,000 operations), T85 (0
°C to 85°C)


同様の部品番号 - V-15G1-3AR6-T

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
V-15G1-1A5-K OMRON-V-15G1-1A5-K Datasheet
1Mb / 16P
   Snap Action Switch
V-15G1-1A5-K OMRON-V-15G1-1A5-K Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V-15G1-1A5-K OMRON-V-15G1-1A5-K Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V-15G1-1A5-K OMRON-V-15G1-1A5-K Datasheet
1Mb / 16P
   Snap Action Switch
V-15G1-1C25-K OMRON-V-15G1-1C25-K Datasheet
1Mb / 16P
   Snap Action Switch
More results

同様の説明 - V-15G1-3AR6-T

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
V-102-1A4 ETC2-V-102-1A4 Datasheet
1Mb / 16P
   Miniature Basic Switch
logo
Omron Electronics LLC
D3V OMRON-D3V Datasheet
1Mb / 18P
   Miniature Basic Switch
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com