データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC75810E データシート(PDF) 5 Page - ON Semiconductor

部品番号 LC75810E
部品情報  1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75810E データシート(HTML) 5 Page - ON Semiconductor

  LC75810E Datasheet HTML 1Page - ON Semiconductor LC75810E Datasheet HTML 2Page - ON Semiconductor LC75810E Datasheet HTML 3Page - ON Semiconductor LC75810E Datasheet HTML 4Page - ON Semiconductor LC75810E Datasheet HTML 5Page - ON Semiconductor LC75810E Datasheet HTML 6Page - ON Semiconductor LC75810E Datasheet HTML 7Page - ON Semiconductor LC75810E Datasheet HTML 8Page - ON Semiconductor LC75810E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
LC75810E/T
No.7141-5/54
Electrical Characteristics for the Allowable Operating Ranges
Ratings
Parameter
Symbol
Conditions
min.
typ.
max.
Unit
Hysteresis
VH
CE, CL, DI, RES
0.1VDD
V
Input high level current
IIH
CE, CL, DI, RES: VI
= 6.0 V
5.0
μA
Input low level current
IIL
CE, CL, DI, RES: VI
= 0 V
−5.0
μA
VOH1
S1 to S80: IO
= −20 μA
VLCD
0
−0.6
Output high level voltage
VOH2
COM1 to COM10: IO
= −100 μA
VLCD
0
−0.6
V
VOL1
S1 to S80: IO
= 20 μA
0.6
Output low level voltage
VOL2
COM1 to COM10: IO
= 100 μA
0.6
V
VMID1
S1 to S80: IO
= ±20 μA
2/4 VLCD0
−0.6
2/4 VLCD0
+0.6
VMID2
COM1 to COM10: IO
= ±100 μA
3/4 VLCD0
−0.6
3/4 VLCD0
+0.6
Output middle level voltage
∗1
VMID3
COM1 to COM10: IO
= ±100 μA
1/4 VLCD0
−0.6
1/4 VLCD0
+0.6
V
Oscillator frequency
fosc
OSC:
ROSC
= 10 kΩ
COSC
= 470 pF
210
300
390
kHz
IDD1
VDD:
Power saving mode
5
IDD2
VDD:
VDD
= 6.0 V
Output open
fOSC
= 300 kHz
700
1400
ILCD1
VLCD:
Power saving mode
5
ILCD2
VLCD:
VLCD
= 10.0 V
Output open
fOSC
= 300 kHz
When the display contrast adjustment circuit is used
450
900
Current drain
ILCD3
VLCD:
VLCD
= 10.0 V
Output open
fOSC
= 300 kHz
When the display contrast adjustment circuit is not
used
200
400
μA
Note
∗1: Excluding the bias voltage generation divider resistors built into the VLCD0, VLCD1, VLCD2, VLCD3, and VSS pins. (See figure 1.)
Excluding these resistors
To the common and segment drivers
Figure 1
V
SS
CONTRAST
ADJUSTER
V
LCD2
V
LCD1
V
LCD0
V
LCD
V
LCD3


同様の部品番号 - LC75810E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC75810E SANYO-LC75810E Datasheet
981Kb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
More results

同様の説明 - LC75810E

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC75818PT ONSEMI-LC75818PT Datasheet
452Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75810E SANYO-LC75810E Datasheet
981Kb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
logo
ON Semiconductor
LC75812PT ONSEMI-LC75812PT Datasheet
551Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75816E SANYO-LC75816E Datasheet
572Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75817NE SANYO-LC75817NE Datasheet
496Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75818PT SANYO-LC75818PT Datasheet
464Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75811E SANYO-LC75811E Datasheet
626Kb / 27P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver
LC75812PT SANYO-LC75812PT Datasheet
438Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
logo
ON Semiconductor
LC450210PCH ONSEMI-LC450210PCH Datasheet
453Kb / 53P
   Duty Dot Matrix LCD Display Controllers
May, 2014
ENA1417 ONSEMI-ENA1417 Datasheet
551Kb / 54P
   Duty Dot Matrix LCD Display Controllers
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com