データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4040B データシート(PDF) 6 Page - ON Semiconductor

部品番号 LM4040B
部品情報  Precision Micro-Power Shunt Voltage References
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM4040B データシート(HTML) 6 Page - ON Semiconductor

Back Button LM4040B Datasheet HTML 2Page - ON Semiconductor LM4040B Datasheet HTML 3Page - ON Semiconductor LM4040B Datasheet HTML 4Page - ON Semiconductor LM4040B Datasheet HTML 5Page - ON Semiconductor LM4040B Datasheet HTML 6Page - ON Semiconductor LM4040B Datasheet HTML 7Page - ON Semiconductor LM4040B Datasheet HTML 8Page - ON Semiconductor LM4040B Datasheet HTML 9Page - ON Semiconductor LM4040B Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LM4040, LM4041
http://onsemi.com
6
Table 5. DC ELECTRICAL CHARACTERISTICS
(IR = 100 mA, TA = −40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Symbol
Units
Limits
Test Conditions
Parameter
Symbol
Units
Max
Typ
Min
Test Conditions
Parameter
4.096 V
VR
Reverse Breakdown Voltage
Tolerance
LM4040A
±4
±31
mV
LM4040B
±8
±35
LM4040C
±20
±47
LM4040D
±41
±80
IR_MIN
Minimum Operating Current
45
65
mA
DVR/DT
Reverse Breakdown Voltage
Temperature Coefficient
IR = 10 mA
±30
ppm/°C
IR = 1 mA
LM4040A, B, C
±20
±100
LM4040D
±20
±150
IR = 100 mA
±15
DVR/DIR
Reverse Breakdown Voltage
Change with Operating Current
IR_MIN ≤ IR
1 mA
LM4040A, B, C
0.5
1.2
mV
LM4040D
0.5
1.5
1 mA ≤ IR
15 mA
LM4040A, B, C
3.0
10
LM4040D
3.0
13
ZR
Reverse Dynamic Impedance
IR = 1 mA,
f = 120 Hz,
IAC = 0.1 IR
LM4040A, B
0.5
1.0
W
LM4040C
0.5
1.0
LM4040D
0.5
1.3
eN
Wideband Noise
IR = 100 mA, 10 Hz ≤ f ≤ 10 KHz
800
mVRMS
DVR
Reverse Breakdown Voltage
Long Term Stability
T = 1000 h
120
ppm
VHYST
Thermal Hysteresis (Note 2)
DT = −40°C to +125°C
0.08
%
5.000 V
VR
Reverse Breakdown Voltage
TA = +25°C
LM4040A (0.1%)
4.995
5.000
5.005
V
LM4040B (0.2%)
4.990
5.000
5.010
LM4040C (0.5%)
4.975
5.000
5.025
LM4040D (1.0%)
4.950
5.000
5.050
VR
Reverse Breakdown Voltage
Tolerance
LM4040A
±5
±38
mV
LM4040B
±10
±43
LM4040C
±25
±58
LM4040D
±50
±99
IR_MIN
Minimum Operating Current
45
65
mA
DVR/DT
Reverse Breakdown Voltage
Temperature Coefficient
IR = 10 mA
±30
ppm/°C
IR = 1 mA
LM4040A, B, C
±20
±100
LM4040D
±20
±150
IR = 100 mA
±15
1. Guaranteed by design.
2. Thermal hysteresis is defined as the difference in voltage measured at +25°C after cycling to temperature −40°C and the 25°C measure-
ment after cycling to temperature +125°C.


同様の部品番号 - LM4040B

メーカー部品番号データシート部品情報
logo
Zetex Semiconductors
LM4040B ZETEX-LM4040B Datasheet
951Kb / 12P
   Precision micropower shunt voltage references
logo
Silicon Supplies
LM4040B-1.2 SS-LM4040B-1.2 Datasheet
594Kb / 4P
   Voltage Reference
Rev 1.1 28/07/22
LM4040B-10 SS-LM4040B-10 Datasheet
421Kb / 4P
   Voltage Reference
Rev 1.0 26/10/23
LM4040B-2.5 SS-LM4040B-2.5 Datasheet
595Kb / 4P
   Voltage Reference
Rev 1.1 29/07/22
LM4040B-4.1 SS-LM4040B-4.1 Datasheet
595Kb / 4P
   Voltage Reference
Rev 1.1 29/07/22
More results

同様の説明 - LM4040B

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040 Datasheet
452Kb / 10P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4041 DIODES-LM4041 Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_08 Datasheet
951Kb / 12P
   Precision micropower shunt voltage references
logo
Analog Devices
ADR530 AD-ADR530_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR525 AD-ADR525_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com