データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UFT5-28 データシート(PDF) 1 Page - Advanced Semiconductor

部品番号 UFT5-28
部品情報  UHF POWER MOSFET N-Channel Enhancement Mode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ASI [Advanced Semiconductor]
ホームページ  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

UFT5-28 データシート(HTML) 1 Page - Advanced Semiconductor

  UFT5-28 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25
OC
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
V(BR)DSS
IDS = 5 mA
VGS = 0 V
60
V
IDSS
VDS = 28 V
VGS = 0 V
0.8
mA
IGSS
VGS = 20 V
VDS = 0 V
1.0
µµA
GFS
VGS = 10 V
ID = 250 mA
.110
mS
VGS(TH)
VDS = 10 V
ID = 10 mA
1.0
6.0
V
CISS
COSS
CRSS
VDS = 0 V
VGS = 0 V
f = 1.0 MHz
8.0
6.5
5.5
pF
PG
ηη
D
VDD = 28 V
IDQ = 50 mA
POUT = 4 W
f = 400 MHz
14
50
16
55
dB
%
UHF POWER MOSFET
N-Channel Enhancement Mode
UFT5-28SL
DESCRIPTION:
The
UFT5-28SL is Designed for is
Designed for AM/FM Power Amplifier
Applications up to 500 MHz.
FEATURES:
• P
OUT = 5.0 W Typical at 400 MHz
• ηη
D = 55% Typical at 5 W / 400 MHz
• Omnigold™ Metalization System
MAXIMUM RATINGS
ID
1.25 A
VDSS
60 V
VDGR
60 V
VGS
±40 V
PDISS
17.5 W @ TC = 25
OC
TJ
-65
OC to +150 OC
TSTG
-65
OC to +150 OC
θθ
JC
10
OC/W
PACKAGE STYLE .280 4L PILL
ORDER CODE: ASI10664
MINIMUM
inches / mm
.004 / 0.10
.275 / 6.99
.050 / 1.27
B
C
D
E
F
A
MAXIMUM
.285 / 7.24
.060 . 1.52
.130 / 3.30
.006 / 0.15
inches / mm
1.055 / 26.80
DIM
.220 / 5.59
.230 / 5.84
.118 / 3.00
D
E
F
ØB
ØC
A
D
S
S
G


同様の部品番号 - UFT5-28

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
UFT50 MICROSEMI-UFT50 Datasheet
129Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
UFT5010 MICROSEMI-UFT5010 Datasheet
129Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
UFT5015 MICROSEMI-UFT5015 Datasheet
129Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
UFT5020 MICROSEMI-UFT5020 Datasheet
129Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
More results

同様の説明 - UFT5-28

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com