データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EP20K400 データシート(PDF) 60 Page - Altera Corporation

部品番号 EP20K400
部品情報  Programmable Logic Device Family
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALTERA [Altera Corporation]
ホームページ  http://www.altera.com
Logo ALTERA - Altera Corporation

EP20K400 データシート(HTML) 60 Page - Altera Corporation

Back Button EP20K400 Datasheet HTML 56Page - Altera Corporation EP20K400 Datasheet HTML 57Page - Altera Corporation EP20K400 Datasheet HTML 58Page - Altera Corporation EP20K400 Datasheet HTML 59Page - Altera Corporation EP20K400 Datasheet HTML 60Page - Altera Corporation EP20K400 Datasheet HTML 61Page - Altera Corporation EP20K400 Datasheet HTML 62Page - Altera Corporation EP20K400 Datasheet HTML 63Page - Altera Corporation EP20K400 Datasheet HTML 64Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 117 page
background image
60
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
Table 24. APEX 20K 5.0-V Tolerant Device Recommended Operating Conditions
Note (2)
Symbol
Parameter
Conditions
Min
Max
Unit
VCCINT Supply voltage for internal logic
and input buffers
(4), (5)
2.375
(2.375)
2.625
(2.625)
V
VCCIO
Supply voltage for output buffers,
3.3-V operation
(4), (5)
3.00 (3.00)
3.60 (3.60)
V
Supply voltage for output buffers,
2.5-V operation
(4), (5)
2.375
(2.375)
2.625
(2.625)
V
VI
Input voltage
(3), (6)
–0.5
5.75
V
VO
Output voltage
0VCCIO
V
TJ
Junction temperature
For commercial use
0
85
° C
For industrial use
–40
100
° C
tR
Input rise time
40
ns
tF
Input fall time
40
ns
Table 25. APEX 20K 5.0-V Tolerant Device DC Operating Conditions (Part 1 of 2)
Notes (2), (7), (8)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
High-level input voltage
1.7, 0.5
× VCCIO
(9)
5.75
V
VIL
Low-level input voltage
–0.5
0.8, 0.3
× VCCIO
(9)
V
VOH
3.3-V high-level TTL output
voltage
IOH = –8 mA DC,
VCCIO =3.00 V (10)
2.4
V
3.3-V high-level CMOS output
voltage
IOH = –0.1 mA DC,
VCCIO =3.00 V (10)
VCCIO –0.2
V
3.3-V high-level PCI output voltage IOH = –0.5 mA DC,
VCCIO = 3.00 to 3.60 V
(10)
0.9
× VCCIO
V
2.5-V high-level output voltage
IOH = –0.1 mA DC,
VCCIO =2.30 V (10)
2.1
V
IOH = –1 mA DC,
VCCIO =2.30 V (10)
2.0
V
IOH = –2 mA DC,
VCCIO =2.30 V (10)
1.7
V


同様の部品番号 - EP20K400

メーカー部品番号データシート部品情報
logo
Altera Corporation
EP20K400 ALTERA-EP20K400 Datasheet
718Kb / 117P
   Programmable Logic Device Family
EP20K400 ALTERA-EP20K400 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP20K400 ALTERA-EP20K400 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP20K400 ALTERA-EP20K400 Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
EP20K400 ALTERA-EP20K400 Datasheet
724Kb / 117P
   Programmable Logic Device Family
More results

同様の説明 - EP20K400

メーカー部品番号データシート部品情報
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com