データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EP20K400 データシート(PDF) 90 Page - Altera Corporation

部品番号 EP20K400
部品情報  Programmable Logic Device Family
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALTERA [Altera Corporation]
ホームページ  http://www.altera.com
Logo ALTERA - Altera Corporation

EP20K400 データシート(HTML) 90 Page - Altera Corporation

Back Button EP20K400 Datasheet HTML 86Page - Altera Corporation EP20K400 Datasheet HTML 87Page - Altera Corporation EP20K400 Datasheet HTML 88Page - Altera Corporation EP20K400 Datasheet HTML 89Page - Altera Corporation EP20K400 Datasheet HTML 90Page - Altera Corporation EP20K400 Datasheet HTML 91Page - Altera Corporation EP20K400 Datasheet HTML 92Page - Altera Corporation EP20K400 Datasheet HTML 93Page - Altera Corporation EP20K400 Datasheet HTML 94Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 117 page
background image
90
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
Table 64. EP20K100E Minimum Pulse Width Timing Parameters
Symbol
-1
-2
-3
Unit
Min
Max
Min
Max
Min
Max
tCH
2.00
2.00
2.00
ns
tCL
2.00
2.00
2.00
ns
tCLRP
0.20
0.20
0.20
ns
tPREP
0.20
0.20
0.20
ns
tESBCH
2.00
2.00
2.00
ns
tESBCL
2.00
2.00
2.00
ns
tESBWP
1.29
1.53
1.66
ns
tESBRP
1.11
1.29
1.41
ns
Table 65. EP20K100E External Timing Parameters
Symbol
-1
-2
-3
Unit
Min
Max
Min
Max
Min
Max
tINSU
2.23
2.32
2.43
ns
tINH
0.00
0.00
0.00
ns
tOUTC O
2.00
4.86
2.00
5.35
2.00
5.84
ns
tINSUP L L
1.58
1.66
-
ns
tINHPL L
0.00
0.00
-
ns
tOUTC OPLL
0.50
2.96
0.50
3.29
-
-
ns
Table 66. EP20K100E External Bidirectional Timing Parameters
Symbol
-1
-2
-3
Unit
Min
Max
Min
Max
Min
Max
tINSUB I DIR
2.74
2.96
3.19
ns
tINHBIDIR
0.00
0.00
0.00
ns
tOUTC OBIDIR
2.00
4.86
2.00
5.35
2.00
5.84
ns
tXZB I DIR
5.00
5.48
5.89
ns
tZXB I DIR
5.00
5.48
5.89
ns
tINSUB I DIRPL L
4.64
5.03
-
ns
tINHBIDIRP L L
0.00
0.00
-
ns
tOUTC OBIDIRP L L
0.50
2.96
0.50
3.29
-
-
ns
tXZB I DIRPL L
3.10
3.42
-
ns
tZXB I DIRPL L
3.10
3.42
-
ns


同様の部品番号 - EP20K400

メーカー部品番号データシート部品情報
logo
Altera Corporation
EP20K400 ALTERA-EP20K400 Datasheet
718Kb / 117P
   Programmable Logic Device Family
EP20K400 ALTERA-EP20K400 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP20K400 ALTERA-EP20K400 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP20K400 ALTERA-EP20K400 Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
EP20K400 ALTERA-EP20K400 Datasheet
724Kb / 117P
   Programmable Logic Device Family
More results

同様の説明 - EP20K400

メーカー部品番号データシート部品情報
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com