データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U0805F220BCT データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 U0805F220BCT
部品情報  Multilayer Ceramic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

U0805F220BCT データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  U0805F220BCT Datasheet HTML 1Page - List of Unclassifed Manufacturers U0805F220BCT Datasheet HTML 2Page - List of Unclassifed Manufacturers U0805F220BCT Datasheet HTML 3Page - List of Unclassifed Manufacturers U0805F220BCT Datasheet HTML 4Page - List of Unclassifed Manufacturers U0805F220BCT Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.element14.com
www.farnell.com
www.newark.com
Multilayer Ceramic Capacitors
Page <3>
14/01/12 V1.1
Capacitance Range (0603)
Dielectric
NP0
X7R
Y5V
Size
0603
Rated Voltage
(V dc)
16
(V)
25
(V)
50
(V)
16
(V)
25
(V)
50
(V)
16
(V)
25
(V)
50
(V)
22 pF (220)
S
S
S
-
-
-
-
-
-
100 pF (101)
S
S
S
S
S
S
-
-
-
220 pF (221)
S
S
S
S
S
S
-
-
-
1,000 pF (102)
S
S
S
S
S
S
-
-
-
0.1 µF (104)
-
-
-
S
S
S
S
S
S
220 pF (221)
S
S
S
S
S
S
-
-
-
470 pF (471)
S
S
S
S
S
S
-
-
-
0.010 µF (103)
-
-
-
-
-
-
S
S
S
1. The letter in cell is expressed the symbol of product thickness.
Capacitance Range (0805)
Dielectric
NP0
X7R
Y5V
Size
0805
Rated Voltage
(V dc)
16
(V)
50
(V)
100
(V)
16
(V)
50
(V)
100
(V)
16
(V)
50
(V)
100
(V)
1,000 pF (102)
B
B
B
B
B
B
-
-
-
2,200 pF (222)
B
B
B
B
B
B
-
-
-
0.22 µF (224)
-
-
-
D
D
-
-
-
-
0.33 µF (334)
-
-
-
D
D
-
-
-
-
0.47 µF (474)
-
-
-
D
D
-
-
-
-
100 pF
-
-
-
B
B
B
-
-
-
220 pF
A
A
A
B
B
B
-
-
-
470 pF
-
-
-
B
B
B
-
-
-
0.22 µF (224)
-
-
-
D
D
-
-
-
-
0.33 µF (334)
-
-
-
D
D
-
B
B
-
0.47 µF (474)
-
-
-
D
D
-
B
B
-
0.010 µF (103)
D
-
-
B
B
B
A
A
B
0.022 µF (223)
-
-
-
B
B
B
A
A
B
0.047 µF (473)
-
-
-
B
B
D
-
-
-
0.1 µF (104)
-
-
-
B
B
D
-
-
-
1. The letter in cell is expressed the symbol of product thickness.


同様の部品番号 - U0805F220BCT

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
U0805F104ZCT ETC2-U0805F104ZCT Datasheet
696Kb / 19P
   Multilayer Ceramic Capacitors
U0805F104ZNT ETC2-U0805F104ZNT Datasheet
696Kb / 19P
   Multilayer Ceramic Capacitors
More results

同様の説明 - U0805F220BCT

メーカー部品番号データシート部品情報
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com