データシートサーチシステム |
|
TL-T5MY2 データシート(PDF) 5 Page - Omron Electronics LLC |
|
TL-T5MY2 データシート(HTML) 5 Page - Omron Electronics LLC |
5 / 14 page TL-T Safety Precautions This product is not designed or rated for ensuring safety of persons. Do not use it for such purposes. • Do not short the load. Explosion or burning may result. • Do not supply power to the Sensor with no load connected, otherwise internal parts may be damaged or burnt. Applicable Models: AC 2-wire Models Do not use this product under ambient conditions that exceed the ratings. ● Design Effect of Surrounding Metals • Be sure to separate the Sensor from surrounding metal objects as shown in the following illustration. • The TL-T2 will not be influenced by metal when it is embedded in metal. Mutual Interference When two or more Sensors are mounted face-to-face or side- by-side, separate them as shown below. The table below indicates the minimum distances A and B. Mutual Interference (Unit: mm) Note: Figures in parentheses will apply if the Sensors in use are different from each other in response frequency. ● Mounting • At the time of rear mounting, be sure that the tightening torque does not exceed 0.59 N·m. • At the time of side mounting, be sure that the tightening torque does not exceed 0.78 N·m. (Unit: mm) Dimensions Unless otherwise specified, the tolerance class IT16 is used for dimensions in this data sheet. WARNING Precautions for Correct Use 12 mm 15 mm 15 mm 15 mm 25 mm 15 mm 15 mm Distance Model A B TL-T2 40 (10) 12 (0) TL-T5 120 (60) 80 (40) AB Mounting screw 0.59 N·m Mounting screw 0.78 N·m 6 4 4 12 17±0.2 32±0.2 16±0.2 5 9 40 26 *1 Indicator *2 Sensing surface Two, M3, depth 6 Two, 3.1-dia. holes *1. DC-switching model: 4.0-dia. vinyl-insulated round cable with 3 conductors (Conductor cross section: 0.2 mm2, Insulator diameter: 1.2 mm), Standard length: 2 m AC-switching model: 4.0-dia. vinyl-insulated round cable with 2 conductors (Conductor cross section: 0.3 mm2, Insulator diameter: 1.3 mm), Standard length: 2 m *2. Detection indicator (red) TL-T @ In the interest of product improvement, specifications are subject to change without notice. http://www.ia.omron.com/ 5 (c)Copyright OMRON Corporation 2008 All Rights Reserved. |
同様の部品番号 - TL-T5MY2 |
|
同様の説明 - TL-T5MY2 |