データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA7918TU データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 KA7918TU
部品情報  3-Terminal 1 A Negative Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7918TU データシート(HTML) 1 Page - Fairchild Semiconductor

  KA7918TU Datasheet HTML 1Page - Fairchild Semiconductor KA7918TU Datasheet HTML 2Page - Fairchild Semiconductor KA7918TU Datasheet HTML 3Page - Fairchild Semiconductor KA7918TU Datasheet HTML 4Page - Fairchild Semiconductor KA7918TU Datasheet HTML 5Page - Fairchild Semiconductor KA7918TU Datasheet HTML 6Page - Fairchild Semiconductor KA7918TU Datasheet HTML 7Page - Fairchild Semiconductor KA7918TU Datasheet HTML 8Page - Fairchild Semiconductor KA7918TU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA79XX / KA79XXA / LM79XX Rev. 1.1.0
1
August 2013
KA79XX / KA79XXA / LM79XX
3-Terminal 1 A Negative Voltage Regulator
Features
• Output Current in Excess of 1 A
• Output Voltages of: -5 V, -6 V, -8 V, -9 V, -12 V, -15 V,
-18 V, -24 V
• Internal Thermal Overload Protection
• Short-Circuit Protection
• Output Transistor Safe Operating Area Compensation
Ordering Information
Product Number
Output Voltage
Tolerance
Package
Packing Method
Operating
Temperature
KA7905TU
±4%
TO-220
(Dual Gauge)
Rail
0 to +125
°C
KA7906TU
KA7908TU
KA7909TU
KA7912TU
KA7915TU
KA7918TU
KA7924TU
KA7912ATU
±2%
KA7915ATU
LM7905CT
±4%
TO-220
(Single Gauge)
LM7908CT
LM7909CT
LM7910CT
LM7912CT
LM7915CT
LM7918CT
Description
The KA79XX / KA79XXA / LM79XX series of three-termi-
nal negative regulators are available in a TO-220 pack-
age with several fixed output voltages, making them
useful in a wide range of applications. Each type employs
internal current limiting, thermal shutdown, and safe
operating area protection.
TO-220
1. GND 2. Input 3. Output
1
Input


同様の部品番号 - KA7918TU

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA7918TU FAIRCHILD-KA7918TU Datasheet
164Kb / 17P
   3-Terminal 1A Negative Voltage Regulator
KA7918TU FAIRCHILD-KA7918TU Datasheet
286Kb / 18P
   3-Terminal 1 A Negative Voltage Regulator
More results

同様の説明 - KA7918TU

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
LM7905CT FAIRCHILD-LM7905CT Datasheet
286Kb / 18P
   3-Terminal 1 A Negative Voltage Regulator
logo
Thinki Semiconductor Co...
LM79XX THINKISEMI-LM79XX Datasheet
407Kb / 3P
   3-Terminal 1 A Negative Voltage Regulator
logo
SeCoS Halbleitertechnol...
SJ79XX SECOS-SJ79XX Datasheet
457Kb / 5P
   3-Terminal Negative Voltage Regulator
SM79L06 SECOS-SM79L06 Datasheet
340Kb / 2P
   3-Terminal Negative Voltage Regulator
SM79L18 SECOS-SM79L18 Datasheet
356Kb / 2P
   3-Terminal Negative Voltage Regulator
SI79XXA SECOS-SI79XXA Datasheet
466Kb / 5P
   3-Terminal Negative Voltage Regulator
logo
New Japan Radio
NJM7906FA NJRC-NJM7906FA Datasheet
426Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL7909XE3 CYSTEKEC-PL7909XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7915XE3 CYSTEKEC-PL7915XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7908XE3 CYSTEKEC-PL7908XE3 Datasheet
149Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com