データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA7915ATU データシート(PDF) 10 Page - Fairchild Semiconductor

部品番号 KA7915ATU
部品情報  3-Terminal 1 A Negative Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7915ATU データシート(HTML) 10 Page - Fairchild Semiconductor

Back Button KA7915ATU Datasheet HTML 6Page - Fairchild Semiconductor KA7915ATU Datasheet HTML 7Page - Fairchild Semiconductor KA7915ATU Datasheet HTML 8Page - Fairchild Semiconductor KA7915ATU Datasheet HTML 9Page - Fairchild Semiconductor KA7915ATU Datasheet HTML 10Page - Fairchild Semiconductor KA7915ATU Datasheet HTML 11Page - Fairchild Semiconductor KA7915ATU Datasheet HTML 12Page - Fairchild Semiconductor KA7915ATU Datasheet HTML 13Page - Fairchild Semiconductor KA7915ATU Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA79XX / KA79XXA / LM79XX Rev. 1.1.0
10
Electrical Characteristics (KA7918 / LM7918)
(VI = -27 V, IO = 500 mA, 0°C ≤ TJ ≤ +125°C, CI = 2.2 μF, CO =1 μF, unless otherwise specified.)
Note:
10. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must
be taken into account separately. Pulse testing with low duty is used.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = +25°C
-17.3
-18.0
-18.7
V
IO = 5 mA to 1 A, PO ≤ 15 W
VI = -22.5 V to -33 V
-17.1
-18.0
-18.9
ΔVO
Line Regulation(10)
TJ = +25°C
VI = -21 V to -33 V
15
360
mV
VI = -24 V to -30 V
8
180
ΔVO
Load Regulation(10)
TJ = +25°C, IO = 5 mA to 1.5 A
15
360
mV
TJ = +25°C, IO = 250 mA to 750 mA
5
180
IQ
Quiescent Current
TJ = +25°C3
6
mA
ΔIQ
Quiescent Current
Change
IO = 5 mA to 1 A
0.05
0.50
mA
VI = -21 V to -33 V
0.10
1.00
ΔVo/ΔT
Temperature Coefficient
of VD
IO = 5 mA
-1
mV/
°C
VN
Output Noise Voltage
f = 10 Hz to 100 kHz, TA = +25°C300
μV
RR
Ripple Rejection
f = 120 Hz,
ΔVI = 10 V
54
60
dB
VD
Dropout Voltage
TJ = +25°C, IO = 1 A
2
V
ISC
Short-Circuit Current
TJ = +25°C, VI = -35 V
300
mA
IPK
Peak Current
TJ =+25°C2.2
A


同様の部品番号 - KA7915ATU

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA7915ATU FAIRCHILD-KA7915ATU Datasheet
164Kb / 17P
   3-Terminal 1A Negative Voltage Regulator
KA7915ATU FAIRCHILD-KA7915ATU Datasheet
286Kb / 18P
   3-Terminal 1 A Negative Voltage Regulator
More results

同様の説明 - KA7915ATU

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
LM7905CT FAIRCHILD-LM7905CT Datasheet
286Kb / 18P
   3-Terminal 1 A Negative Voltage Regulator
logo
Thinki Semiconductor Co...
LM79XX THINKISEMI-LM79XX Datasheet
407Kb / 3P
   3-Terminal 1 A Negative Voltage Regulator
logo
SeCoS Halbleitertechnol...
SJ79XX SECOS-SJ79XX Datasheet
457Kb / 5P
   3-Terminal Negative Voltage Regulator
SM79L06 SECOS-SM79L06 Datasheet
340Kb / 2P
   3-Terminal Negative Voltage Regulator
SM79L18 SECOS-SM79L18 Datasheet
356Kb / 2P
   3-Terminal Negative Voltage Regulator
SI79XXA SECOS-SI79XXA Datasheet
466Kb / 5P
   3-Terminal Negative Voltage Regulator
logo
New Japan Radio
NJM7906FA NJRC-NJM7906FA Datasheet
426Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL7909XE3 CYSTEKEC-PL7909XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7915XE3 CYSTEKEC-PL7915XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7908XE3 CYSTEKEC-PL7908XE3 Datasheet
149Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com