データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XXXCXXXSXXN-RC データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 XXXCXXXSXXN-RC
部品情報  HEADER MALE .100 PITCH, STRAIGHT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

XXXCXXXSXXN-RC データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  XXXCXXXSXXN-RC Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pb
RoHS COMPLIANT
.098 2.50
.025 0.64
A
.100 2.54
B .012[ 0.30]
.100 2.54
HEAD DIM.
TAIL DIM.
A
.100 2.54
.039 1.00
RECOMMENDED PCB LAYOUT
NOTES:
1. INSULATOR MATERIAL: SEE PART NUMBER CODING, UL 94V-0, BLACK.
2. CONTACT MATERIAL: SEE PART NUMBER CODING.
3. CONTACT PLATING: SEE PART NUMBER CODING.
4. CURRENT RATING: 3 AMPS PER CONTACT.
5. INSULATOR RESISTANCE: 5000 MEGOHMS MIN.
6. CONTACT RESISTANCE: 20 MILLIOHMS MAX.
7. DIELECTRIC WITHSTANDING: 1000 VAC.
8. OPERATING TEMPERATURE: SEE PART NUMBER CODING.
9. *PROCESSING TEMP.: SEE PART NUMBER CODING.
*INDICATED TEMPERATURE AND TIME IS FOR COMPONENT INSULATOR. HIGHER PROCESSING
TEMPERATURES MAY BE USED, PROVIDED HEAT IS APPLIED FROM BACK SIDE OF PCB,
AND INSULATOR DOES NOT EXCEED INDICATED TEMPERATURE AND TIME.
REVISIONS
REV.
ECO. NO
DESCRIPTION
DATE
BY
A
2268
INITIAL RELEASE
03/21/2011
LH
B
2422
ADD 'P' PLATING OPTION, OBSOLETE 11139
08/04/2011
LH
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
1
E
F
E
F
UNLESS OTHERWISE SPECIFIED:
DIMENSIONS ARE IN INCHES[MM]
TOLERANCES: ANGULAR:
.XX= .012 [.30]
.XXX= .008 [.20]
.XXXX= .0040 [.100]
INTERPRET DIMENSIONS
AND TOLERANCING
PER: ASME Y14.5M-2009
DATE
NAME
DRAWN
C
DWG. NO.
REV
SHEET 1 OF 1
SCALE: 5:1
LH
11635
B
THE INFORMATION HEREIN CONTAINS
PROPIETARY INFORMATION OF
SULLINS ELECTRONICS AND IS NOT
TO BE REPRODUCED, USED OR
DISCLOSED TO OTHERS FOR ANY
PURPOSE EXCEPT AS SPECIFICALLY
AUTHORIZED IN WRITING BY AN
OFFICER OF SULLINS ELECTRONICS.
HEADER MALE .100" PITCH, STRAIGHT
_ R_C_ _ _S_ _N-RC
FILE NAME: Z:\ECO PENDING\2422, TAIWAN HEADER 100 CC ADD P PLATING\11635, _ R_C_ _ _S_ _N-RC, ST PRINT: 8/26/2011
TITLE
03/21/2011
PART NUMBER
SIZE
CAGE CODE
54453


同様の部品番号 - XXXCXXXSXXN-RC

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
XXXCXXXSXXN-M71RC ETC2-XXXCXXXSXXN-M71RC Datasheet
188Kb / 1P
   HEADER MALE .100.PITCH, RA
More results

同様の説明 - XXXCXXXSXXN-RC

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
XXXCXXXSXXN-M71RC ETC2-XXXCXXXSXXN-M71RC Datasheet
188Kb / 1P
   HEADER MALE .100.PITCH, RA
XXXCXXXDXXN-RC ETC2-XXXCXXXDXXN-RC Datasheet
205Kb / 1P
   HEADER .100 PITCH, 2 ROWS, STRAIGHT
logo
Major League Electronic...
SHTSL-1 MAJOR-LEAGUE-SHTSL-1 Datasheet
55Kb / 2P
   .100" cl Latching Shrouded Header - Straight
logo
List of Unclassifed Man...
PBC08DAAN ETC2-PBC08DAAN Datasheet
111Kb / 2P
   .100 2.54mm Contact Centers, Male Breakaway Header
SEK18 ETC1-SEK18 Datasheet
234Kb / 2P
   Low-profile male header, straight solder pins
logo
Wurth Elektronik GmbH &...
62706021621 WURTH-62706021621 Datasheet
310Kb / 6P
   WR-BHD Male THT Box Header Straight
001.001
62701621621 WURTH-62701621621 Datasheet
310Kb / 6P
   WR-BHD Male THT Box Header Straight
001.001
62705021621 WURTH-62705021621 Datasheet
310Kb / 6P
   WR-BHD Male THT Box Header Straight
001.001
62701421621 WURTH-62701421621 Datasheet
310Kb / 6P
   WR-BHD Male THT Box Header Straight
001.001
62702021621 WURTH-62702021621 Datasheet
310Kb / 6P
   WR-BHD Male THT Box Header Straight
001.001
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com