データシートサーチシステム |
|
CA3101B18-8P データシート(PDF) 2 Page - ITT Industries |
|
CA3101B18-8P データシート(HTML) 2 Page - ITT Industries |
2 / 34 page A-73 www.ittcannon.com Dimensions shown in inches (mm) Specifications and dimensions subject to change A CA/MS 3100A wall mounting recepta- cles are used to carry wires through walls or bulkheads, or to provide the means of disconnection at a bulk- head. CA/MS 3100A receptacles mate with CA/MS 3106 and 3108 plugs. CA/MS 3101A cable connecting receptacles are used for cable extension requirements where mounting provisions are unnecessary. CA/MS 3101A plugs mate with 3106A/B and 3108B connectors. Note: The D revision of MIL-C-5015 has changed the nomenclature of the 3101 from receptacle to plugs. CA/MS 3102A box mounted recepta- cles are used in junction boxes or as an integral part of equipment. CA/MS 3102A receptacles will mate with 3106 and 3108 plugs. CA/MS 3106A straight plug utilizes a solid endbell. The CA/MS 3106A mates with 3100, 3101, and 3102 connectors CA/MS 3106B is identical to the 3106A straight plug except it utilizes a split endbell. CA/MS 3106B mates with 3100, 3101, and 3102 connec- tors. CA/MS 3108B 90° angle plugs are used where there is limited space ad where wires must be brought at abrupt angles. This plug will mate with 3100, 3101, and 3102 connec- tors. MS A&B Introduction ca_A1-A163.qxd:Layout 1 2/9/11 7:49 PM Page 73 |
同様の部品番号 - CA3101B18-8P |
|
同様の説明 - CA3101B18-8P |