データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS1052CX6RFG データシート(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS1052CX6RFG
部品情報  Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1052CX6RFG データシート(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS1052CX6RFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1052CX6RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1052CX6RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1052CX6RFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1052CX6RFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1052CX6RFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1052CX6RFG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1052CX6RFG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS1052
Constant Voltage and Constant Current Controller
For Battery Chargers and Adaptors
2/8
Version: A12
Absolute Maximum Rating
Parameter
Symbol
Value
Unit
DC Supply Voltage
VCC
20
V
Input Voltage
VIN
-0.3 to VCC
V
Operating Temperature
TOP
0 to +85
oC
Maximum Junction Temperature Range
TJ
150
oC
Thermal Resistance Junction to Ambient
R
θja
250
oC/W
Operating Condition
Parameter
Symbol
Value
Unit
DC Supply Voltage
VCC
2.5 to 18
V
Electrical Specifications (TA=25
oC, V
IN=5V unless otherwise noted)
Note 1: If the Voltage on Vctrl (the negative input of the amplifier) is higher than the positive amplifier input (Vref-
1.21V), and it is increased by 1mV, the sinking current at the output will be increased by 3.5mA.
Note 2: The internal Voltage reference is set at 1.21V (bandgap reference). The voltage control loop precision
takes into account the cumulative effects of the internal voltage reference deviation as well as the input
offset voltage of the trans-conductance operational amplifier. The internal voltage reference is fixed by
bandgap, and trimmed to 0.5% accuracy at room temperature.
Note 3: When the positive input at Ictrl is lower than -200mV, and the voltage is decreased by 1mV, the sinking
current at the output will be increased by 7mA
Note 4: The internal current sense threshold is set to -200mV. The current control loop precision takes into account
the cumulative effects of the internal voltage reference deviation as well as the input offset voltage of the
trans-conduction operational amplifier
Parameter
Symbol
Min
Typ
Max
Unit
Total Current Consumption
Total Supply Current – not taking the output sinking
current into account
ICC
--
1.1
2
mA
Voltage Control Loop
Trans-conduction Gain (Vctrl) sink Current Only (Note 1)
GMW
1
3.5
--
mA/mV
Voltage Control Loop Reference (Note 2)
VREF
1.198
1.21
1.222
V
Input Bias Current (Vctrl)
IIBV
--
50
--
nA
Current Control Loop
Trans-conduction Gain (Ictrl) sink Current only (Note 3)
GMI
1.5
7
--
mA/mV
Current Control Loop Reference, (Note 4) IOUT=2.5A,
VSENSE
196
200
204
mV
Current Out of Pin Ictrl at – 200mV
IIBI
--
25
--
µA
Output Stage
Low Output Voltage at 10mA sinking Current
VOL
--
200
--
mV
Output Short Circuit Current. Output to VCC. Sink Current
Only
IOS
--
27
50
mA


同様の部品番号 - TS1052CX6RFG

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TS105-1 ETC2-TS105-1 Datasheet
301Kb / 2P
   Thermosensors
logo
TE Connectivity Ltd
TS105-10L5.5MM TEC-TS105-10L5.5MM Datasheet
153Kb / 5P
   For Contactless Temperature Measurement
logo
List of Unclassifed Man...
TS105-2 ETC2-TS105-2 Datasheet
301Kb / 2P
   Thermosensors
logo
Taiwan Semiconductor Co...
TS1051 TSC-TS1051 Datasheet
523Kb / 9P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
TS1051CSRL TSC-TS1051CSRL Datasheet
523Kb / 9P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
More results

同様の説明 - TS1052CX6RFG

メーカー部品番号データシート部品情報
logo
Rohm
BD6550G ROHM-BD6550G Datasheet
199Kb / 6P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
IK Semicon Co., Ltd
IK3051A IKSEMICON-IK3051A Datasheet
292Kb / 5P
   Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
logo
STMicroelectronics
TSM1051 STMICROELECTRONICS-TSM1051 Datasheet
108Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
IK Semicon Co., Ltd
IK3051 IKSEMICON-IK3051 Datasheet
298Kb / 5P
   Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
IK3052 IKSEMICON-IK3052 Datasheet
147Kb / 4P
   Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
logo
STMicroelectronics
TSM1013 STMICROELECTRONICS-TSM1013 Datasheet
113Kb / 8P
   Constant Voltage and Constant Current Controller for Battery Chargers and Adaptors
TSM105 STMICROELECTRONICS-TSM105 Datasheet
95Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
Taiwan Semiconductor Co...
TS1051 TSC-TS1051_09 Datasheet
293Kb / 8P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
logo
STMicroelectronics
TSM1051 STMICROELECTRONICS-TSM1051_08 Datasheet
315Kb / 15P
   Constant voltage and constant current controller for battery chargers and adaptors
logo
Taiwan Semiconductor Co...
TS1051 TSC-TS1051 Datasheet
523Kb / 9P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com