データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS1052CX6RFG データシート(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS1052CX6RFG
部品情報  Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1052CX6RFG データシート(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS1052CX6RFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1052CX6RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1052CX6RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1052CX6RFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1052CX6RFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1052CX6RFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1052CX6RFG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1052CX6RFG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS1052
Constant Voltage and Constant Current Controller
For Battery Chargers and Adaptors
5/8
Version: A12
Principle of Operation and Application Hints (continues)
Compensation
The voltage control trans-conductance operational amplifier can be fully compensated. Both of its output and
negative input are directly accessible for external compensation components.
And example of a suitable compensation network is shown in typical application circuit. It consists of a capacitor
Cvc1=2.2nF and a resistor Rcv1=470K
Ω in series, connected in parallel with another capacitor Cvc2=22pF.
The current control trans-conductance operational amplifier can be fully compensated. Both of its output and
negative input are directly accessible for external compensation components. An example of suitable
compensation network is shown in typical application circuit. It consists of a capacitor Cic1=2.2nF and resistor
Ric1=22K
Ω in series. When the Vcc voltage reaches 18V it could be interesting to limit the current coming through
the output in the aim to reduce the dissipation of the device and increase the stability performances of the whole
application. An example of suitable Rout value could be 330
Ω in series with the optocoupler in case Vcc=12V.
Start Up and Short Circuit Conditions
The TS1052 is not provided with a high enough supply voltage in under start-up or short-circuit conditions. This is
due to the fact that the chip has its power supply line in common with the power supply line of the system.
Therefore, the current limitation can only be ensured by the primary PWM module, which should be chosen
accordingly. If the Primary current limitation is considered not to be precise enough for the application, then a
sufficient supply for the TS1052 has to be ensured under any condition. It would then be necessary to add some
circuitry to supply the chip with separate power line. This can be achieved in numerous ways, including an
additional winding on the transformer. The following schematic shows how to realize a low-cost power supply for
the TS1052 (with no additional windings). Please pay attention to the fact that in the particular case presented here,
this low-cost power supply can reach voltages as high as twice the voltage of the regulated line. Since the absolute
maximum rating of the TS1052 supply voltage is 18V, this low-cost auxiliary power supply can only be used in
applications where the regulated line voltage does not exceed 9V.
TS1052


同様の部品番号 - TS1052CX6RFG

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TS105-1 ETC2-TS105-1 Datasheet
301Kb / 2P
   Thermosensors
logo
TE Connectivity Ltd
TS105-10L5.5MM TEC-TS105-10L5.5MM Datasheet
153Kb / 5P
   For Contactless Temperature Measurement
logo
List of Unclassifed Man...
TS105-2 ETC2-TS105-2 Datasheet
301Kb / 2P
   Thermosensors
logo
Taiwan Semiconductor Co...
TS1051 TSC-TS1051 Datasheet
523Kb / 9P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
TS1051CSRL TSC-TS1051CSRL Datasheet
523Kb / 9P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
More results

同様の説明 - TS1052CX6RFG

メーカー部品番号データシート部品情報
logo
Rohm
BD6550G ROHM-BD6550G Datasheet
199Kb / 6P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
IK Semicon Co., Ltd
IK3051A IKSEMICON-IK3051A Datasheet
292Kb / 5P
   Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
logo
STMicroelectronics
TSM1051 STMICROELECTRONICS-TSM1051 Datasheet
108Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
IK Semicon Co., Ltd
IK3051 IKSEMICON-IK3051 Datasheet
298Kb / 5P
   Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
IK3052 IKSEMICON-IK3052 Datasheet
147Kb / 4P
   Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
logo
STMicroelectronics
TSM1013 STMICROELECTRONICS-TSM1013 Datasheet
113Kb / 8P
   Constant Voltage and Constant Current Controller for Battery Chargers and Adaptors
TSM105 STMICROELECTRONICS-TSM105 Datasheet
95Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
Taiwan Semiconductor Co...
TS1051 TSC-TS1051_09 Datasheet
293Kb / 8P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
logo
STMicroelectronics
TSM1051 STMICROELECTRONICS-TSM1051_08 Datasheet
315Kb / 15P
   Constant voltage and constant current controller for battery chargers and adaptors
logo
Taiwan Semiconductor Co...
TS1051 TSC-TS1051 Datasheet
523Kb / 9P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com