データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PZT2907AT1 データシート(PDF) 4 Page - Motorola, Inc

部品番号 PZT2907AT1
部品情報  SOT-223 PACKAGE PNP SILICON TRANSISTOR SURFACE MOUNT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PZT2907AT1 データシート(HTML) 4 Page - Motorola, Inc

  PZT2907AT1 Datasheet HTML 1Page - Motorola, Inc PZT2907AT1 Datasheet HTML 2Page - Motorola, Inc PZT2907AT1 Datasheet HTML 3Page - Motorola, Inc PZT2907AT1 Datasheet HTML 4Page - Motorola, Inc PZT2907AT1 Datasheet HTML 5Page - Motorola, Inc PZT2907AT1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PZT2907AT1
4
Motorola Small–Signal Transistors, FETs and Diodes Device Data
INFORMATION FOR USING THE SOT-223 SURFACE MOUNT PACKAGE
POWER DISSIPATION
The power dissipation of the SOT-223 is a function of the
pad size. These can vary from the minimum pad size for
soldering to the pad size given for maximum power
dissipation. Power dissipation for a surface mount device is
determined by TJ(max), the maximum rated junction tempera-
ture of the die, R
θJA, the thermal resistance from the device
junction to ambient; and the operating temperature, TA.
Using the values provided on the data sheet for the SOT-223
package, PD can be calculated as follows.
PD =
TJ(max) – TA
R
θJA
The values for the equation are found in the maximum
ratings table on the data sheet. Substituting these values into
the equation for an ambient temperature TA of 25°C, one can
calculate the power dissipation of the device which in this
case is 1.5 watts.
PD =
150
°C – 25°C
83.3
°C/W
= 1.5 watts
The 83.3
°C/W for the SOT-223 package assumes the
recommended collector pad area of 965 sq. mils on a glass
epoxy printed circuit board to achieve a power dissipation of
1.5 watts. If space is at a premium, a more realistic
approach is to use the device at a PD of 833 mW using the
footprint shown. Using a board material such as Thermal
Clad, a power dissipation of 1.6 watts can be achieved using
the same footprint.
MOUNTING PRECAUTIONS
The melting temperature of solder is higher than the rated
temperature of the device. When the entire device is heated
to a high temperature, failure to complete soldering within a
short time could result in device failure. Therefore, the
following items should always be observed in order to
minimize the thermal stress to which the devices are
subjected.
Always preheat the device.
The delta temperature between the preheat and soldering
should be 100
°C or less.*
When preheating and soldering, the temperature of the
leads and the case must not exceed the maximum
temperature ratings as shown on the data sheet. When
using infrared heating with the reflow soldering method,
the difference should be a maximum of 10
°C.
The soldering temperature and time should not exceed
260
°C for more than 10 seconds.
When shifting from preheating to soldering, the maximum
temperature gradient should be 5
°C or less.
After soldering has been completed, the device should be
allowed to cool naturally for at least three minutes.
Gradual cooling should be used as the use of forced
cooling will increase the temperature gradient and result
in latent failure due to mechanical stress.
Mechanical stress or shock should not be applied during
cooling
* Soldering a device without preheating can cause excessive
thermal shock and stress which can result in damage to the
device.
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total
design. The footprint for the semiconductor packages must
be the correct size to insure proper solder connection
interface between the board and the package. With the
correct pad geometry, the packages will self align when
subjected to a solder reflow process.
0.079
2.0
0.15
3.8
0.248
6.3
0.079
2.0
0.059
1.5
0.059
1.5
0.059
1.5
0.091
2.3
mm
inches
0.091
2.3


同様の部品番号 - PZT2907AT1

メーカー部品番号データシート部品情報
logo
ON Semiconductor
PZT2907AT1 ONSEMI-PZT2907AT1 Datasheet
139Kb / 6P
   PNP SILICON TRANSISTOR SURFACE MOUNT
1996 REV 4
PZT2907AT1 ONSEMI-PZT2907AT1 Datasheet
108Kb / 4P
   PNP Silicon Epitaxial Transistor
November, 2011 ??Rev. 9
PZT2907AT1G ONSEMI-PZT2907AT1G Datasheet
108Kb / 4P
   PNP Silicon Epitaxial Transistor
November, 2011 ??Rev. 9
PZT2907AT1G ONSEMI-PZT2907AT1G Datasheet
108Kb / 4P
   PNP Silicon Epitaxial Transistor
August, 2013 ??Rev. 10
PZT2907AT1 ONSEMI-PZT2907AT1_11 Datasheet
108Kb / 4P
   PNP Silicon Epitaxial Transistor
November, 2011 ??Rev. 9
More results

同様の説明 - PZT2907AT1

メーカー部品番号データシート部品情報
logo
Motorola, Inc
BSP16T1 MOTOROLA-BSP16T1 Datasheet
109Kb / 6P
   SOT-223 PACKAGE PNP SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
PZT751T1 MOTOROLA-PZT751T1 Datasheet
119Kb / 6P
   SOT-223 PACKAGE HIGH CURRENT PNP SILICON TRANSISTOR SURFACE MOUNT
PZT2222AT1 MOTOROLA-PZT2222AT1 Datasheet
136Kb / 6P
   SOT-223 PACKAGE NPN SILICON TRANSISTOR SURFACE MOUNT
BSP19AT1 MOTOROLA-BSP19AT1 Datasheet
119Kb / 6P
   SOT.223 PACKAGE NPN SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
PZTA14T1 MOTOROLA-PZTA14T1 Datasheet
167Kb / 6P
   SOT-223 PACKAGE MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
logo
National Semiconductor ...
MA04A NSC-MA04A Datasheet
53Kb / 1P
   MOLDED PACKAGE SOT-223
logo
Stanson Technology
ST05N20 STANSON-ST05N20 Datasheet
623Kb / 6P
   SOT-223 package design
logo
Nanjing International G...
BCP51 DGNJDZ-BCP51 Datasheet
747Kb / 2P
   SOT-223 Package Outline Dimensions
logo
Shanghai Leiditech Elec...
LM857N5 LEIDITECH-LM857N5 Datasheet
700Kb / 3P
   General Purpose Transistor PNP Silicon Surface Mount Plastic Package
logo
Continental Device Indi...
SOT-223 CDIL-SOT-223 Datasheet
145Kb / 4P
   SOT-223 (4 Leads) SMD Plastic Package
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com