データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP04 データシート(PDF) 3 Page - Analog Devices

部品番号 TMP04
部品情報  Serial Digital Output Thermometers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

TMP04 データシート(HTML) 3 Page - Analog Devices

  TMP04 Datasheet HTML 1Page - Analog Devices TMP04 Datasheet HTML 2Page - Analog Devices TMP04 Datasheet HTML 3Page - Analog Devices TMP04 Datasheet HTML 4Page - Analog Devices TMP04 Datasheet HTML 5Page - Analog Devices TMP04 Datasheet HTML 6Page - Analog Devices TMP04 Datasheet HTML 7Page - Analog Devices TMP04 Datasheet HTML 8Page - Analog Devices TMP04 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TMP03/TMP04
REV. A
–3–
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the TMP03 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
*
Maximum Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 9 V
Maximum Output Current (TMP03 DOUT) . . . . . . . . . 50 mA
Maximum Output Current (TMP04 DOUT) . . . . . . . . . 10 mA
Maximum Open-Collector Output Voltage (TMP03) . . . 18 V
Operating Temperature Range . . . . . . . . . . –55
°C to +150°C
Dice Junction Temperature . . . . . . . . . . . . . . . . . . . . . . 175
°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +160°C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . . 300
°C
*CAUTION
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation at or
above this specification is not implied. Exposure to the above maximum rating
conditions for extended periods may affect device reliability.
2Digital inputs and outputs are protected, however, permanent damage may occur
on unprotected units from high-energy electrostatic fields. Keep units in conduc-
tive foam or packaging at all times until ready to use. Use proper antistatic
handling procedures.
3Remove power before inserting or removing units from their sockets.
Package Type
JA
JC
Units
TO-92 (T9)
162
1
120
°C/W
SO-8 (S)
158
1
43
°C/W
TSSOP (RU)
240
1
43
°C/W
NOTE
1
Θ
JA is specified for device in socket (worst case conditions).
ORDERING GUIDE
Accuracy
Temperature
Model
at 25 C
Range
Package
TMP03FT9
±3.0
XIND
TO-92
TMP03FS
±3.0
XIND
SO-8
TMP03FRU
±3.0
XIND
TSSOP-8
TMP04FT9
±3.0
XIND
TO-92
TMP04FS
±3.0
XIND
SO-8


同様の部品番号 - TMP04

メーカー部品番号データシート部品情報
logo
Analog Devices
TMP04 AD-TMP04 Datasheet
375Kb / 16P
   Serial Digital Output Thermometers
REV. 0
TMP04 AD-TMP04 Datasheet
220Kb / 16P
   Serial Digital Output Thermometers
REV. A
TMP04 AD-TMP04 Datasheet
220Kb / 16P
   Serial Digital Output Thermometers
REV. A
logo
Transcom, Inc.
TMP049-051-08-40 TRANSCOM-TMP049-051-08-40 Datasheet
18Kb / 1P
   10 W GaAs PA PCB Module for 5 GHz Application
TMP049-051-16-40 TRANSCOM-TMP049-051-16-40 Datasheet
18Kb / 1P
   10 W GaAs PA PCB Module for 5 GHz Application
More results

同様の説明 - TMP04

メーカー部品番号データシート部品情報
logo
Analog Devices
TMP03FSZ AD-TMP03FSZ Datasheet
220Kb / 16P
   Serial Digital Output Thermometers
REV. A
TMP04 AD-TMP04_15 Datasheet
220Kb / 16P
   Serial Digital Output Thermometers
TMP03 AD-TMP03 Datasheet
375Kb / 16P
   Serial Digital Output Thermometers
REV. 0
TMP03FT9Z AD-TMP03FT9Z Datasheet
220Kb / 16P
   Serial Digital Output Thermometers
REV. A
TMP03 AD-TMP03_15 Datasheet
220Kb / 16P
   Serial Digital Output Thermometers
TMP03 AD-TMP03_16 Datasheet
315Kb / 17P
   Serial Digital Output Thermometers
logo
List of Unclassifed Man...
715 ETC2-715 Datasheet
100Kb / 1P
   DUAL INPUT DIGITAL THERMOMETERS
625 ETC2-625 Datasheet
87Kb / 1P
   COMPACT DIGITAL THERMOMETERS & THERMO-HYGROMETERS
logo
Analog Devices
AD9644 AD-AD9644_17 Datasheet
1Mb / 45P
   Serial Output Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADC804 BURR-BROWN-ADC804 Datasheet
694Kb / 8P
   SERIAL OUTPUT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com