データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PZTA42T1 データシート(PDF) 4 Page - Motorola, Inc

部品番号 PZTA42T1
部品情報  HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PZTA42T1 データシート(HTML) 4 Page - Motorola, Inc

  PZTA42T1 Datasheet HTML 1Page - Motorola, Inc PZTA42T1 Datasheet HTML 2Page - Motorola, Inc PZTA42T1 Datasheet HTML 3Page - Motorola, Inc PZTA42T1 Datasheet HTML 4Page - Motorola, Inc PZTA42T1 Datasheet HTML 5Page - Motorola, Inc PZTA42T1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PZTA42T1
4
Motorola Small–Signal Transistors, FETs and Diodes Device Data
SOLDER STENCIL GUIDELINES
Prior to placing surface mount components onto a printed
circuit board, solder paste must be applied to the pads. A
solder stencil is required to screen the optimum amount of
solder paste onto the footprint. The stencil is made of brass
or stainless steel with a typical thickness of 0.008 inches.
The stencil opening size for the SOT-223 package should be
the same as the pad size on the printed circuit board, i.e., a
1:1 registration.
SOLDERING PRECAUTIONS
The melting temperature of solder is higher than the rated
temperature of the device. When the entire device is heated
to a high temperature, failure to complete soldering within a
short time could result in device failure. Therefore, the
following items should always be observed in order to
minimize the thermal stress to which the devices are
subjected.
Always preheat the device.
The delta temperature between the preheat and
soldering should be 100
°C or less.*
When preheating and soldering, the temperature of the
leads and the case must not exceed the maximum
temperature ratings as shown on the data sheet. When
using infrared heating with the reflow soldering method,
the difference should be a maximum of 10
°C.
The soldering temperature and time should not exceed
260
°C for more than 10 seconds.
When shifting from preheating to soldering, the
maximum temperature gradient should be 5
°C or less.
After soldering has been completed, the device should
be allowed to cool naturally for at least three minutes.
Gradual cooling should be used as the use of forced
cooling will increase the temperature gradient and result
in latent failure due to mechanical stress.
Mechanical stress or shock should not be applied during
cooling
* Soldering a device without preheating can cause excessive
thermal shock and stress which can result in damage to the
device.
TYPICAL SOLDER HEATING PROFILE
For any given circuit board, there will be a group of control
settings that will give the desired heat pattern. The operator
must set temperatures for several heating zones, and a
figure for belt speed. Taken together, these control settings
make up a heating “profile” for that particular circuit board.
On machines controlled by a computer, the computer
remembers these profiles from one operating session to the
next. Figure 2 shows a typical heating profile for use when
soldering a surface mount device to a printed circuit board.
This profile will vary among soldering systems but it is a good
starting point. Factors that can affect the profile include the
type of soldering system in use, density and types of
components on the board, type of solder used, and the type
of board or substrate material being used. This profile shows
temperature versus time. The line on the graph shows the
actual temperature that might be experienced on the surface
of a test board at or near a central solder joint. The two
profiles are based on a high density and a low density board.
The Vitronics SMD310 convection/infrared reflow soldering
system was used to generate this profile. The type of solder
used was 62/36/2 Tin Lead Silver with a melting point
between 177 –189
°C. When this type of furnace is used for
solder reflow work, the circuit boards and solder joints tend to
heat first. The components on the board are then heated by
conduction. The circuit board, because it has a large surface
area, absorbs the thermal energy more efficiently, then
distributes this energy to the components. Because of this
effect, the main body of a component may be up to 30
degrees cooler than the adjacent solder joints.
STEP 1
PREHEAT
ZONE 1
“RAMP”
STEP 2
VENT
“SOAK”
STEP 3
HEATING
ZONES 2 & 5
“RAMP”
STEP 4
HEATING
ZONES 3 & 6
“SOAK”
STEP 5
HEATING
ZONES 4 & 7
“SPIKE”
STEP 6
VENT
STEP 7
COOLING
200
°C
150
°C
100
°C
50
°C
TIME (3 TO 7 MINUTES TOTAL)
TMAX
SOLDER IS LIQUID FOR
40 TO 80 SECONDS
(DEPENDING ON
MASS OF ASSEMBLY)
205
° TO
219
°C
PEAK AT
SOLDER
JOINT
DESIRED CURVE FOR LOW
MASS ASSEMBLIES
DESIRED CURVE FOR HIGH
MASS ASSEMBLIES
100
°C
150
°C
160
°C
170
°C
140
°C
Figure 2. Typical Solder Heating Profile


同様の部品番号 - PZTA42T1

メーカー部品番号データシート部品情報
logo
ON Semiconductor
PZTA42T1 ONSEMI-PZTA42T1 Datasheet
107Kb / 6P
   NPN SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
1998 REV 3
PZTA42T1G ONSEMI-PZTA42T1G Datasheet
108Kb / 4P
   High Voltage Transistor Surface Mount
November, 2011 ??Rev. 9
PZTA42T1G ONSEMI-PZTA42T1G Datasheet
72Kb / 4P
   High Voltage Transistor Surface Mount
March, 2016 ??Rev. 11
PZTA42T1G ONSEMI-PZTA42T1G_16 Datasheet
72Kb / 4P
   High Voltage Transistor Surface Mount
March, 2016 ??Rev. 11
More results

同様の説明 - PZTA42T1

メーカー部品番号データシート部品情報
logo
ON Semiconductor
PZTA42T1G ONSEMI-PZTA42T1G_16 Datasheet
72Kb / 4P
   High Voltage Transistor Surface Mount
March, 2016 ??Rev. 11
PZTA42T1G ONSEMI-PZTA42T1G Datasheet
108Kb / 4P
   High Voltage Transistor Surface Mount
November, 2011 ??Rev. 9
logo
Weitron Technology
PZTA94 WEITRON-PZTA94 Datasheet
185Kb / 4P
   High-Voltage PNP Transistor Surface Mount
logo
SHIKUES Electronics
PZTA92 SKTECHNOLGY-PZTA92 Datasheet
733Kb / 4P
   High-Voltage PNP Transistor Surface Mount
logo
Diodes Incorporated
MJD340 DIODES-MJD340_15 Datasheet
108Kb / 4P
   HIGH VOLTAGE NPN SURFACE MOUNT TRANSISTOR
logo
Weitron Technology
MMBTA94 WEITRON-MMBTA94 Datasheet
206Kb / 3P
   High-Voltage PNP Transistor Surface Mount
logo
Diodes Incorporated
MJD340 DIODES-MJD340 Datasheet
108Kb / 4P
   HIGH VOLTAGE NPN SURFACE MOUNT TRANSISTOR
logo
Weitron Technology
MMBTA94 WEITRON-MMBTA94_06 Datasheet
651Kb / 4P
   High-Voltage PNP Transistor Surface Mount
logo
Diodes Incorporated
MJD350 DIODES-MJD350_15 Datasheet
106Kb / 4P
   HIGH VOLTAGE PNP SURFACE MOUNT TRANSISTOR
logo
Weitron Technology
MMBTA92 WEITRON-MMBTA92 Datasheet
247Kb / 4P
   High-Voltage PNP Transistor Surface Mount
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com