データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT90S2313 データシート(PDF) 2 Page - ATMEL Corporation

部品番号 AT90S2313
部品情報  8-Bit Microcontroller with 2K bytes In-System Programmable Flash
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90S2313 データシート(HTML) 2 Page - ATMEL Corporation

  AT90S2313 Datasheet HTML 1Page - ATMEL Corporation AT90S2313 Datasheet HTML 2Page - ATMEL Corporation AT90S2313 Datasheet HTML 3Page - ATMEL Corporation AT90S2313 Datasheet HTML 4Page - ATMEL Corporation AT90S2313 Datasheet HTML 5Page - ATMEL Corporation AT90S2313 Datasheet HTML 6Page - ATMEL Corporation AT90S2313 Datasheet HTML 7Page - ATMEL Corporation AT90S2313 Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AT90S2313
2
Block Diagram
Figure 1. The AT90S2313 Block Diagram
The AT90S2313 provides the following features: 2K bytes
of In-System Programmable Flash, 128 bytes EEPROM,
128 bytes SRAM, 15 general purpose I/O lines, 32 general
purpose working registers, flexible timer/counters with
compare modes, internal and external interrupts, a pro-
grammable serial UART, programmable Watchdog Timer
with internal oscillator, an SPI serial port for Flash Memory
downloading and two software selectable power saving
modes. The Idle Mode stops the CPU while allowing the
SRAM, timer/counters, SPI port and interrupt system to
continue functioning. The power down mode saves the reg-
ister contents but freezes the oscillator, disabling all other
chip functions until the next interrupt or hardware reset.
The device is manufactured using Atmel’s high density
non-volatile memory technology. The on-chip In-System
Programmable Flash allows the program memory to be
reprogrammed in-system through an SPI serial interface or
by a conventional nonvolatile memory programmer. By
combining an enhanced RISC 8-bit CPU with In-System
Programmable Flash on a monolithic chip, the Atmel
AT90S2313 is a powerful microcontroller that provides a
highly flexible and cost effective solution to many embed-
ded control applications.
The AT90S2313 AVR is supported with a full suite of pro-
gram and system development tools including: C compil-
ers, macro assemblers, program debugger/simulators, in-
circuit emulators, and evaluation kits.


同様の部品番号 - AT90S2313

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
AT90S2313 ATMEL-AT90S2313 Datasheet
2Mb / 8P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313 Datasheet
1Mb / 92P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313 Datasheet
2Mb / 61P
   AVR Studio Compatible
Rev. 1925C-AVR-3/03
AT90S2313-10 ATMEL-AT90S2313-10 Datasheet
2Mb / 8P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
AT90S2313-10PC ATMEL-AT90S2313-10PC Datasheet
2Mb / 8P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
More results

同様の説明 - AT90S2313

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATTINY2313V ATMEL-ATTINY2313V_06 Datasheet
2Mb / 231P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313-20 ATMEL-ATTINY2313-20 Datasheet
1Mb / 223P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313_06 Datasheet
181Kb / 17P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20 Datasheet
638Kb / 18P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20_11 Datasheet
5Mb / 224P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313 Datasheet
2Mb / 211P
   8-bit AVR Microcontroller with 2K Bytes In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313 Datasheet
2Mb / 8P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY22L ATMEL-ATTINY22L_1 Datasheet
884Kb / 56P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A Datasheet
545Kb / 20P
   8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
ATTINY22L ATMEL-ATTINY22L Datasheet
252Kb / 11P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com