データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVCH16901DGGRE4 データシート(PDF) 8 Page - Texas Instruments

部品番号 74ALVCH16901DGGRE4
部品情報  18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

74ALVCH16901DGGRE4 データシート(HTML) 8 Page - Texas Instruments

Back Button 74ALVCH16901DGGRE4 Datasheet HTML 4Page - Texas Instruments 74ALVCH16901DGGRE4 Datasheet HTML 5Page - Texas Instruments 74ALVCH16901DGGRE4 Datasheet HTML 6Page - Texas Instruments 74ALVCH16901DGGRE4 Datasheet HTML 7Page - Texas Instruments 74ALVCH16901DGGRE4 Datasheet HTML 8Page - Texas Instruments 74ALVCH16901DGGRE4 Datasheet HTML 9Page - Texas Instruments 74ALVCH16901DGGRE4 Datasheet HTML 10Page - Texas Instruments 74ALVCH16901DGGRE4 Datasheet HTML 11Page - Texas Instruments 74ALVCH16901DGGRE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SN74ALVCH16901
18BIT UNIVERSAL BUS TRANSCEIVER
WITH PARITY GENERATORS/CHECKERS
SCES010F − JULY 1995 − REVISED SEPTEMBER 2004
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 1.8 V
VCC = 2.5 V
± 0.2 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
125
125
125
MHz
A or B
B or A
1
5.2
4.8
1
4.4
A or B
BPAR or APAR
2
8.9
7.6
2
6.7
APAR or BPAR
BPAR or APAR
1
5.7
5.2
1
4.7
APAR or BPAR
ERRA or ERRB
2
9.7
8.7
2
7.5
ODD/EVEN
ERRA or ERRB
1.5
8.7
7.9
1.5
6.8
ODD/EVEN
BPAR or APAR
1.5
8.3
7.6
1.5
6.5
SEL
BPAR or APAR
1
6.1
5.9
1
5.1
A or B
1
6.4
5.8
1
5.1
tpd
CLKAB or CLKBA
BPAR or APAR
parity feed through
1.5
7.1
6.3
1.5
5.6
ns
pd
CLKAB or CLKBA
BPAR or APAR
parity generated
2.5
10.2
8.7
2
7.7
ERRA or ERRB
2.5
10.5
8.9
2
7.9
A or B
1
6
5.5
1
4.8
LEAB or LEBA
BPAR or APAR
parity feed through
1.5
6.7
6
1.5
5.3
LEAB or LEBA
BPAR or APAR
parity generated
2.5
9.8
8.3
2
7.4
ERRA or ERRB
2.5
9.9
8.5
2
7.5
ten
OEAB or OEBA
B, BPAR or A,
APAR
1.4
6.3
6.1
1
5.3
ns
tdis
OEAB or OEBA
B, BPAR or A,
APAR
1.3
6.1
5.2
1.5
4.9
ns
ten
OEAB or OEBA
ERRA or ERRB
1.4
6.2
5.5
1
4.9
ns
tdis
OEAB or OEBA
ERRA or ERRB
1.3
7.3
6.5
1
5.7
ns
ten
SEL
ERRA or ERRB
1.4
6.7
6.5
1
5.5
ns
tdis
SEL
ERRA or ERRB
1.3
6.4
5.4
1.5
4.9
ns
† This information was not available at the time of publication.
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V
UNIT
PARAMETER
TEST CONDITIONS
TYP
TYP
TYP
UNIT
Cpd
Power dissipation
Outputs enabled
CL = 50 pF,
f = 10 MHz
22
27
pF
Cpd
Power dissipation
capacitance
Outputs disabled
CL = 50 pF,
f = 10 MHz
5
8
pF
† This information was not available at the time of publication.


同様の部品番号 - 74ALVCH16901DGGRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
74ALVCH16903DGGRE4 TI-74ALVCH16903DGGRE4 Datasheet
220Kb / 16P
[Old version datasheet]   3.3-V 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER AND DUAL 3-STATE OUTPUTS
74ALVCH16903DGGRG4 TI-74ALVCH16903DGGRG4 Datasheet
220Kb / 16P
[Old version datasheet]   3.3-V 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER AND DUAL 3-STATE OUTPUTS
74ALVCH16903DGVRE4 TI-74ALVCH16903DGVRE4 Datasheet
220Kb / 16P
[Old version datasheet]   3.3-V 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER AND DUAL 3-STATE OUTPUTS
74ALVCH16903DLG4 TI-74ALVCH16903DLG4 Datasheet
220Kb / 16P
[Old version datasheet]   3.3-V 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER AND DUAL 3-STATE OUTPUTS
74ALVCH16903DLRG4 TI-74ALVCH16903DLRG4 Datasheet
220Kb / 16P
[Old version datasheet]   3.3-V 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER AND DUAL 3-STATE OUTPUTS
More results

同様の説明 - 74ALVCH16901DGGRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ALVC16901 TI1-SN74ALVC16901 Datasheet
169Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
SN74LVCH16901 TI-SN74LVCH16901 Datasheet
155Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
SN74LVCH16901 TI1-SN74LVCH16901_14 Datasheet
565Kb / 13P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
SN74ALVCH16901 TI-SN74ALVCH16901 Datasheet
179Kb / 12P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
logo
Integrated Device Techn...
IDT74ALVCH16901 IDT-IDT74ALVCH16901 Datasheet
80Kb / 9P
   3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS / CHECKERS AND BUS-HOLD
logo
National Semiconductor ...
DM54180 NSC-DM54180 Datasheet
107Kb / 6P
   9-Bit Parity Generators/Checkers
logo
Aeroflex Circuit Techno...
UT54ACS280 AEROFLEX-UT54ACS280 Datasheet
258Kb / 10P
   9-Bit Parity Generators/Checkers
logo
Texas Instruments
SN54F280B TI-SN54F280B Datasheet
77Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
74ACT11280 TI1-74ACT11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
SN54F280B TI1-SN54F280B_12 Datasheet
409Kb / 7P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com