データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAR0812FP データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 CAR0812FP
部品情報  End-to-End Embedded Power
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

CAR0812FP データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  CAR0812FP Datasheet HTML 1Page - List of Unclassifed Manufacturers CAR0812FP Datasheet HTML 2Page - List of Unclassifed Manufacturers CAR0812FP Datasheet HTML 3Page - List of Unclassifed Manufacturers CAR0812FP Datasheet HTML 4Page - List of Unclassifed Manufacturers CAR0812FP Datasheet HTML 5Page - List of Unclassifed Manufacturers CAR0812FP Datasheet HTML 6Page - List of Unclassifed Manufacturers CAR0812FP Datasheet HTML 7Page - List of Unclassifed Manufacturers CAR0812FP Datasheet HTML 8Page - List of Unclassifed Manufacturers CAR0812FP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
4
Featured Product:
CAR1612FP Front End
• 12VDC output
• 1,600 watts
• High efficiency operation
- 92.4% @ 20% load
- 94.5% peak efficiency
• High power density of 20W/in3
• 12.45 x 4.00 x 1.65” / 316.2 x 101.6 x 41.9mm
• I2C / PMBus™ digital interface
PLATINUM


同様の部品番号 - CAR0812FP

メーカー部品番号データシート部品情報
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
Lineage Power Corporati...
CAR0812FP LINEAGEPOWER-CAR0812FP Datasheet
223Kb / 2P
   850 Watt 12V Front End Power Supply
rev 100728
logo
General Electric Compan...
CAR0812FPBX5Z01A GEC-CAR0812FPBX5Z01A Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
CAR0812FPBX5Z01B GEC-CAR0812FPBX5Z01B Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
CAR0812FPBXXZ01A GEC-CAR0812FPBXXZ01A Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
More results

同様の説明 - CAR0812FP

メーカー部品番号データシート部品情報
logo
Aries Electronics, Inc.
0625 ARIES-0625 Datasheet
912Kb / 1P
   Side-to-side and End-to-end Stackable
0600 ARIES-0600 Datasheet
435Kb / 1P
   Side-to-side and End-to-end Stackable
logo
TDK Electronics
TH200048 TDK-TH200048 Datasheet
419Kb / 2P
   1200 to 2500W Front End Power Supplies
logo
Power-One
FXC6000 POWER-ONE-FXC6000 Datasheet
124Kb / 4P
   Distributed Power Front-End
FXP6000 POWER-ONE-FXP6000 Datasheet
359Kb / 8P
   Distributed Power Front-End
FXP7000 POWER-ONE-FXP7000 Datasheet
357Kb / 8P
   Distributed Power Front-End
FXC7000 POWER-ONE-FXC7000 Datasheet
123Kb / 4P
   Distributed Power Front-End
FNP1500 POWER-ONE-FNP1500 Datasheet
709Kb / 15P
   1500 to 5400-Watt Front-End Power Solutions
FNP600 POWER-ONE-FNP600_10 Datasheet
4Mb / 15P
   600-to-5000-Watt Front-End Power Solutions
logo
Tyco Electronics
2-1437590-1 MACOM-2-1437590-1 Datasheet
74Kb / 3P
   Dip Switches End to End Stackable Through Hole and Surface Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com