データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ATMEGA128-16AC データシート(PDF) 12 Page - ATMEL Corporation

部品番号 ATMEGA128-16AC
部品情報  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA128-16AC データシート(HTML) 12 Page - ATMEL Corporation

Back Button ATMEGA128-16AC Datasheet HTML 8Page - ATMEL Corporation ATMEGA128-16AC Datasheet HTML 9Page - ATMEL Corporation ATMEGA128-16AC Datasheet HTML 10Page - ATMEL Corporation ATMEGA128-16AC Datasheet HTML 11Page - ATMEL Corporation ATMEGA128-16AC Datasheet HTML 12Page - ATMEL Corporation ATMEGA128-16AC Datasheet HTML 13Page - ATMEL Corporation ATMEGA128-16AC Datasheet HTML 14Page - ATMEL Corporation ATMEGA128-16AC Datasheet HTML 15Page - ATMEL Corporation ATMEGA128-16AC Datasheet HTML 16Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
2467XS–AVR–06/11
ATmega128
Ordering Information
Notes:
1. Pb-free packaging complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also
Halide free and fully Green.
2. The device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information
and minimum quantities.
3. Tape and Reel
Speed (MHz)
Power Supply
Ordering Code(1)
Package(2)
Operation Range
8
2.7 – 5.5V
ATmega128L-8AU
ATmega128L-8AUR(3)
ATmega128L-8MU
ATmega128L-8MUR(3)
64A
64A
64M1
64M1
Industrial
(-40oC to 85oC)
16
4.5 – 5.5V
ATmega128-16AU
ATmega128-16AUR(3)
ATmega128-16MU
ATmega128-16MUR(3)
64A
64A
64M1
64M1
8
3.0 – 5.5V
ATmega128L–8AN
ATmega128L–8ANR(3)
ATmega128L–8MN
ATmega128L–8MNR(3)
64A
64A
64M1
64M1
Extended
(-40
°C to 105°C)
16
4.5 – 5.5V
ATmega128–16AN
ATmega128–16ANR(3)
ATmega128–16MN
ATmega128–16MNR(3)
64A
64A
64M1
64M1
Package Type
64A
64-lead, 14 x 14 x 1.0mm, Thin Profile Plastic Quad Flat Package (TQFP)
64M1
64-pad, 9 x 9 x 1.0mm, Quad Flat No-Lead/Micro Lead Frame Package (QFN/MLF)


同様の部品番号 - ATMEGA128-16AC

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATMEGA128-16AC ATMEL-ATMEGA128-16AC Datasheet
317Kb / 31P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467OS-AVR-10/06
ATMEGA128-16AC ATMEL-ATMEGA128-16AC Datasheet
349Kb / 16P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467CS-AVR-02/02
More results

同様の説明 - ATMEGA128-16AC

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATMEGA1284P ATMEL-ATMEGA1284P_1 Datasheet
6Mb / 380P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
8059D-AVR-11/09
ATMEGA128A ATMEL-ATMEGA128A_09 Datasheet
555Kb / 21P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 8151DS-AVR-07/09
ATMEGA128 ATMEL-ATMEGA128_02 Datasheet
349Kb / 16P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467CS-AVR-02/02
ATMEGA1284P ATMEL-ATMEGA1284P_09 Datasheet
374Kb / 20P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
8059DS-AVR-11/09
ATMEGA128 ATMEL-ATMEGA128_08 Datasheet
6Mb / 386P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467R-AVR-06/08
ATMEGA128 ATMEL-ATMEGA128_09 Datasheet
6Mb / 386P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA103 ATMEL-ATMEGA103_07 Datasheet
2Mb / 141P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA128 ATMEL-ATMEGA128_06 Datasheet
317Kb / 31P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467OS-AVR-10/06
ATMEGA128A ATMEL-ATMEGA128A_10 Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA1284P ATMEL-ATMEGA1284P Datasheet
416Kb / 20P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
8059BS-AVR-05/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com