データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SA105C822KAR データシート(PDF) 11 Page - AVX Corporation

部品番号 SA105C822KAR
部品情報  GENERAL INFORMATION
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVX [AVX Corporation]
ホームページ  http://www.avx.com
Logo AVX - AVX Corporation

SA105C822KAR データシート(HTML) 11 Page - AVX Corporation

Back Button SA105C822KAR Datasheet HTML 7Page - AVX Corporation SA105C822KAR Datasheet HTML 8Page - AVX Corporation SA105C822KAR Datasheet HTML 9Page - AVX Corporation SA105C822KAR Datasheet HTML 10Page - AVX Corporation SA105C822KAR Datasheet HTML 11Page - AVX Corporation SA105C822KAR Datasheet HTML 12Page - AVX Corporation SA105C822KAR Datasheet HTML 13Page - AVX Corporation SA105C822KAR Datasheet HTML 14Page - AVX Corporation SA105C822KAR Datasheet HTML 15Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 84 page
background image
10
C0G (NP0) Dielectric “A”
TYPICAL CHARACTERISTICS
Temperature Coefficient
Capacitance Range
See Individual Parts Specifications
Capacitance Test at 25°C
Measured at 1 VRMS max. at 1 KHz
(1 MHz for 1,000 pF or less)
Capacitance Tolerances
C = ±.25 pF, D = ±.50 pF, E = ±0.5%, F = ±1.0%,
G = ±2%, H = ±3%, J = ±5%, K = ±10%, M = ±20%
For values less than 10 pF tightest tolerance available
is ±.25 pF
Operating Temperature Range
-55°C to +125°C
Temperature Characteristic
0 ± 30 ppm/°C
Voltage Ratings
200,100 & 50 Vdc
Dissipation Factor
.15% max. (+25°C and +125°C) for values greater
than 30 pF or Q = 20 x C + 400 for values
of 30 pF and below.
1.0 VRMS, 1 MHz for values
1,000 pF, and
1 KHz for values > 1,000 pF
Insulation Resistance 25°C (MIL-STD-202-Method 302)
100 K megohms or 1000 megohms - μF minimum,
whichever is less
Dielectric Strength
250% of rated Vdc
Life Test (1,000 hours)
200% rated voltage at +125°C
Moisture Resistance (MIL-STD-202-Method 106)
Thermal Shock (MIL-STD-202-Method 107, condition A,
at rated elevated temperature)
-55°C to +125°C
Immersion Cycling (MIL-STD-202-Method 104,
condition B)
For current reliability information, consult factory.
Typical Capacitance Change
Envelope: 0
±30 ppm/°C
+0.5
0
-0.5
-55 -35 -15
+5
+25 +45 +65 +85 +105 +125
Temperature
°C
+0.1
+0.2
0
-0.1
-0.2
1
10
100
1,000
10,000
Hours
+0.1
+0.2
0
-0.1
-0.2
25
50
75
100
125
150
175
200
D. C. Volts Applied
0
100
1,000
10,000
+25
+20
+40
+60
+80 +100
+150
Temperature
°C
Aging Rate
Voltage Coefficient
Insulation Resistance vs. Temp.
GENERAL SPECIFICATIONS


同様の部品番号 - SA105C822KAR

メーカー部品番号データシート部品情報
logo
AVX Corporation
SA105C822KAR AVX-SA105C822KAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA105C822KAR AVX-SA105C822KAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard짰
SA105C822KAR AVX-SA105C822KAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA105C822KAR AVX-SA105C822KAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
More results

同様の説明 - SA105C822KAR

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
S9S12G96F0CLF ETC2-S9S12G96F0CLF Datasheet
58Kb / 3P
   General Information
logo
STMicroelectronics
AN898 STMICROELECTRONICS-AN898 Datasheet
139Kb / 4P
   EMC GENERAL INFORMATION
logo
EPCOS
B82476A1104M EPCOS-B82476A1104M Datasheet
299Kb / 22P
   General Technical Information
logo
Token Electronics Indus...
TCB4F-617DB1673 TOKEN-TCB4F-617DB1673 Datasheet
646Kb / 23P
   Balun Transformer General Information
logo
Kemet Corporation
T192A256M008ASC KEMET-T192A256M008ASC Datasheet
1Mb / 28P
   Wet Tantalum General Information
logo
List of Unclassifed Man...
CSS312R ETC1-CSS312R Datasheet
613Kb / 4P
   NUMERIC/ALPHANUMBERIC DISPLAY GENERAL INFORMATION
logo
Leshan Radio Company
MMBT2222AWT1 LRC-MMBT2222AWT1 Datasheet
66Kb / 2P
   Preliminary Information General Purpose Transistors
logo
eupec GmbH
FD200R12KE3 EUPEC-FD200R12KE3 Datasheet
172Kb / 9P
   Technische Information / technical information
FS50R12KT3 EUPEC-FS50R12KT3 Datasheet
316Kb / 8P
   echnische Information / technical information
logo
Infineon Technologies A...
DF900R12IP4DV INFINEON-DF900R12IP4DV Datasheet
1Mb / 9P
   Technische Information / Technical Information
2014-04-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com