データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS68302MA16 データシート(PDF) 9 Page - ATMEL Corporation

部品番号 TS68302MA16
部品情報  Integrated Multiprotocol Processor IMP
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68302MA16 データシート(HTML) 9 Page - ATMEL Corporation

Back Button TS68302MA16 Datasheet HTML 5Page - ATMEL Corporation TS68302MA16 Datasheet HTML 6Page - ATMEL Corporation TS68302MA16 Datasheet HTML 7Page - ATMEL Corporation TS68302MA16 Datasheet HTML 8Page - ATMEL Corporation TS68302MA16 Datasheet HTML 9Page - ATMEL Corporation TS68302MA16 Datasheet HTML 10Page - ATMEL Corporation TS68302MA16 Datasheet HTML 11Page - ATMEL Corporation TS68302MA16 Datasheet HTML 12Page - ATMEL Corporation TS68302MA16 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
9
TS68302
2117A–HIREL–11/02
The total thermal resistance of a package (
θ
JA) can be separated into two components,
θ
JC and θCA, representing the barrier to heat flow from the semiconductor junction to the
package (case), surface (
θ
JC) and from the case to the outside ambient (θCA). These
terms are related by the equation:
θ
JA = θJC + θCA
(4)
θ
JC is device-related and cannot be influenced by the user. However, θCA is user-depen-
dent and can be minimized by such thermal management techniques as heat sinks,
ambient air cooling and thermal convection. Thus, good thermal management on the
part of the user can significantly reduce
θ
CA so that θJA approximately equals θJC. Substi-
tution of
θ
JC for θJA in equation (1) will result in a lower semiconductor junction
temperature.
Mechanical and
Environment
The microcircuits shall meet all mechanical environmental requirements of either MIL-
STD-883 for class B devices or Atmel standards.
Marking
The document that defines the marking is identified in the related reference documents.
Each microcircuit is legible and permanently marked with the following information as
minimum:
Atmel Logo
Manufacturer’s part number
Class B identification
Date-code of inspection lot
ESD identifier if available
Country of manufacturing
Quality Conformance
Inspection
DESC/MIL-STD-883
Those quality levels are in accordance with MIL-M-38535 and method 5005 of MIL-
STD-883. Groups A and B inspections are performed on each production lot. Groups C
and D inspection are performed on a periodical basis.
Electrical
Characteristics
General Requirements
All static and dynamic electrical characteristics specified. For inspection purposes, refer
to relevant specification:
DESC see “DESC/MIL-STD-883” on page 9
Table 5 and Table 6: Static Electrical Characteristics for all electrical variants. Test
methods refer to IEC 748-2 method number, where existing.
Table 7 and Table 8: Dynamic Electrical Characteristics. Test methods refer to this
specification.


同様の部品番号 - TS68302MA16

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
TS68332 ATMEL-TS68332 Datasheet
1Mb / 56P
   High performance 32-bit integrated microcontroller
TS68332 ATMEL-TS68332 Datasheet
1Mb / 57P
   High Highperformance 32-bit Integrated Microcontroller
TS68332DESC01XA ATMEL-TS68332DESC01XA Datasheet
1Mb / 56P
   High performance 32-bit integrated microcontroller
TS68332DESC01XA ATMEL-TS68332DESC01XA Datasheet
1Mb / 57P
   High Highperformance 32-bit Integrated Microcontroller
TS68332DESC01ZA ATMEL-TS68332DESC01ZA Datasheet
1Mb / 56P
   High performance 32-bit integrated microcontroller
More results

同様の説明 - TS68302MA16

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC68LC302AF20VCT FREESCALE-MC68LC302AF20VCT Datasheet
570Kb / 6P
   Low Cost Integrated Multiprotocol Processor
logo
Motorola, Inc
MC68PM302 MOTOROLA-MC68PM302 Datasheet
810Kb / 6P
   Integrated Multiprotocol Processor with PCMCIA
logo
Freescale Semiconductor...
MC68LC302CAF16CT FREESCALE-MC68LC302CAF16CT Datasheet
570Kb / 6P
   Low Cost Integrated Multiprotocol Processor
logo
Motorola, Inc
MC68EN302 MOTOROLA-MC68EN302 Datasheet
223Kb / 8P
   Integrated Multiprotocol Processor with Ethernet
logo
Freescale Semiconductor...
MC68LC302 FREESCALE-MC68LC302 Datasheet
569Kb / 6P
   Low Cost Integrated Multiprotocol Processor
logo
Motorola, Inc
MC68QH302 MOTOROLA-MC68QH302 Datasheet
26Kb / 6P
   Quad HDLC Integrated Multiprotocol Processor
logo
NXP Semiconductors
MC68PM302 NXP-MC68PM302 Datasheet
868Kb / 6P
   Integrated Multiprotocol Processor with PCMCIA
logo
Freescale Semiconductor...
MC68QH302 FREESCALE-MC68QH302 Datasheet
255Kb / 6P
   Quad HDLC Integrated Multiprotocol Processor
MC68LC302AF20CT FREESCALE-MC68LC302AF20CT Datasheet
575Kb / 6P
   Low Cost Integrated Multiprotocol Processor
MC68EN302 FREESCALE-MC68EN302 Datasheet
559Kb / 8P
   Integrated Multiprotocol Processor with Ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com