データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS68882DESC03YA データシート(PDF) 1 Page - ATMEL Corporation

部品番号 TS68882DESC03YA
部品情報  CMOS Enhanced Floating-point Co-processor
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68882DESC03YA データシート(HTML) 1 Page - ATMEL Corporation

  TS68882DESC03YA Datasheet HTML 1Page - ATMEL Corporation TS68882DESC03YA Datasheet HTML 2Page - ATMEL Corporation TS68882DESC03YA Datasheet HTML 3Page - ATMEL Corporation TS68882DESC03YA Datasheet HTML 4Page - ATMEL Corporation TS68882DESC03YA Datasheet HTML 5Page - ATMEL Corporation TS68882DESC03YA Datasheet HTML 6Page - ATMEL Corporation TS68882DESC03YA Datasheet HTML 7Page - ATMEL Corporation TS68882DESC03YA Datasheet HTML 8Page - ATMEL Corporation TS68882DESC03YA Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
1
Features
Eight General-purpose Floating-point Data Registers, Each Supporting a Full 80-bit
Extended Precision Real Data Format (a 64-bit Mantissa Plus a Sign Bit, and a 15-bit
Signed Exponent)
A 67-bit Arithmetic Unit to Allow Very Fast Calculations with Intermediate are Precision
Greater than the Extended Precision Format
A 67-bit Barrel Shifter for High-speed Shifting Operations (for Normalizing etc.)
Special-purpose Hardware for High-speed Conversion Between Single, Double, and
Extended Formats and the Internal Extended Format
An Independent State Machine to Control Main Processor Communication for
Pipelined Instruction Processing
Forty-six Instructions, Including 35 Arithmetic Operations
Full Conformation to the IEEE 754 Standard, Including All Requirements and
Suggestions
Support of Functions Not Defined by the IEEE Standard, Including a Full Set of
Trigonometric and Transcendental Functions
Seven Data Type Types: Byte, Word and Long Integers; Single, Double, and Extended
Precision Real Numbers; and Packed Binary Coded Decimal String Real Numbers
Twenty-two Constants Available In The On-chip ROM, Including
π,e,and Powers of 10
Virtual Memory/Machine Operations
Efficient Mechanisms for Procedure Calls, Context Switches, and Interrupt Handling
Fully Concurrent Instruction Execution with the Main Processor
Fully Concurrent Instruction Execution of Multiple Floating-point Instructions
Use with any Host Processor, on an 8-, 16- or 32-bit Data Bus
Available in 16.67, 20, 25 and 33 MHz for T
c from -55°C to +125°C
V
CC =5V ± 10%
Description
The TS68882 enhanced floating-point co-processor is a full implementation of the
IEEE Standard for Binary Floating-Point Arithmetic (754) for use with the THOMSON
TS68000 Family of microprocessors. It is a pin and software compatible upgrade of
the TS68881 with optimized MPU interface that provides over 1.5 times the perfor-
mance of the TS68881. It is implemented using VLSI technology to give systems
designers the highest possible functionality in a physically small device.
Intended primarily for use as a co-processor to the TS68020/68030 32-bit micropro-
cessor units (MPUs), the TS68882 provides a logical extension to the main MPU
integer data processing capabilities. It does this by providing a very high performance
floating-point arithmetic unit and a set of floating-point data registers that are utilized
in a manner that is analogous to the use of the integer data registers. The TS68882
instruction set is a natural extension of all earlier members of the TS68000 Family, and
supports all of the addressing modes of the host MPU. Due to the flexible bus inter-
face of the TS68000 Family, the TS68882 can be used with any of the MPU devices of
the TS68000 Family, and it may also be used as a peripheral to non-TS68000
processors.
Screening/Quality
This product could be manufactured
in full compliance with either:
MIL-STD-883 Class B
DESC 5962-89436
or According to ATMEL-
Grenoble Standards
R suffix
PGA 68
Ceramic Pin Grid Array
F suffix
CQFP 68
Ceramic Quad Flat Pack
CMOS
Enhanced
Floating-point
Co-processor
TS68882
Rev. 2119A–HIREL–04/02


同様の部品番号 - TS68882DESC03YA

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TS68000 STMICROELECTRONICS-TS68000 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN10 STMICROELECTRONICS-TS68000CFN10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN16 STMICROELECTRONICS-TS68000CFN16 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN8 STMICROELECTRONICS-TS68000CFN8 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CP10 STMICROELECTRONICS-TS68000CP10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
More results

同様の説明 - TS68882DESC03YA

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
BITSYG5 ETC2-BITSYG5 Datasheet
1Mb / 2P
   Vector Floating Point co-processor Hardware MPEG video encoder
logo
Freescale Semiconductor...
MC68882FN25A FREESCALE-MC68882FN25A Datasheet
3Mb / 26P
   HCMOS Enhanced Floating-Point Coprocessor
logo
Motorola, Inc
MC68882 MOTOROLA-MC68882 Datasheet
1Mb / 45P
   HCMOS Enhanced Floating-Point Coprocessor
logo
Freescale Semiconductor...
MC68882EI33A FREESCALE-MC68882EI33A Datasheet
3Mb / 26P
   HCMOS Enhanced Floating-Point Coprocessor
MC68882EI25A FREESCALE-MC68882EI25A Datasheet
3Mb / 26P
   HCMOS Enhanced Floating-Point Coprocessor
logo
Texas Instruments
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713 TI-TMS320C6713_05 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C6701 TI-SMJ320C6701_07 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
[Old version datasheet]   Floating-point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com